Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB70NFS03L Datasheet(PDF) 4 Page - STMicroelectronics

Part # STB70NFS03L
Description  N-channel - 30V - 0.0075ohm - 70A D2PAK STripFET TM Power MOSFET plus schottky rectifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB70NFS03L Datasheet(HTML) 4 Page - STMicroelectronics

  STB70NFS03L Datasheet HTML 1Page - STMicroelectronics STB70NFS03L Datasheet HTML 2Page - STMicroelectronics STB70NFS03L Datasheet HTML 3Page - STMicroelectronics STB70NFS03L Datasheet HTML 4Page - STMicroelectronics STB70NFS03L Datasheet HTML 5Page - STMicroelectronics STB70NFS03L Datasheet HTML 6Page - STMicroelectronics STB70NFS03L Datasheet HTML 7Page - STMicroelectronics STB70NFS03L Datasheet HTML 8Page - STMicroelectronics STB70NFS03L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Electrical characteristics
STB70NFS03L
4/13
2
Electrical characteristics
(Tcase =25°C unless otherwise specified)
Table 4.
On /off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
breakdown voltage
ID = 250µA, VGS = 0
30
V
IDSS
Zero gate voltage
drain current (VGS = 0)
VDS = Max rating
VDS = Max rating, TC=125°C
200
20
µA
mA
IGSS
Gate-body leakage
current (VDS = 0)
VGS = ± 18V
± 100
nA
VGS(th)
Gate threshold voltage VDS = VGS, ID = 250µA
1
V
RDS(on)
Static drain-source on
resistance
VGS = 10V, ID = 35A
VGS = 5V, ID = 18A
0.0075
0.0135
0.0095
0.018
Table 5.
Shottcky static
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR
Reverse leakage
current
Tj = 25°C VR = 30V
Tj = 100°C VR = 30V
0.03
0.2
100
mA
mA
VF
Zero gate voltage
drain current (VGS = 0)
Tj = 25°C IF = 3A
Tj = 125°C IF = 3A
0.425
0.51
0.46
V
V
Table 6.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
gfs
Forward
transconductance
VDS = 25V, ID = 35A
25
S
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse transfer
capacitance
VDS = 25 V, f = 1 MHz, VGS = 0
1440
560
135
pF
pF
pF
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
VDD = 15V, ID = 70A,
VGS = 5V
(see Figure 11)
22.5
9
12
30
nC
nC
nC


Similar Part No. - STB70NFS03L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB70NFS03L STMICROELECTRONICS-STB70NFS03L Datasheet
49Kb / 6P
   N - CHANNEL 30V - 0.008ohm - 70A D2PAK STripFET MOSFET PLUS SCHOTTKY RECTIFIER
More results

Similar Description - STB70NFS03L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB70NF3LL STMICROELECTRONICS-STB70NF3LL_06 Datasheet
465Kb / 13P
   N-channel 30V - 0.0075ohm - 70A - D2PAK Low gate charge STripFET TM II Power MOSFET
STB70NFS03L STMICROELECTRONICS-STB70NFS03L Datasheet
49Kb / 6P
   N - CHANNEL 30V - 0.008ohm - 70A D2PAK STripFET MOSFET PLUS SCHOTTKY RECTIFIER
STB70NF03L STMICROELECTRONICS-STB70NF03L_06 Datasheet
463Kb / 15P
   N-channel 30V - 0.0075ohm - 70A - D2PAK - I2PAK - TO-220 Low gate charge STripFET TM II Power MOSFET
July 2006 Rev 10
STB70NH03L STMICROELECTRONICS-STB70NH03L Datasheet
466Kb / 15P
   N-channel 60V - 0.0075ohm - 70A - D2PAK STripFET TM III Power MOSFET for DC-DC conversion
STD60NH03L STMICROELECTRONICS-STD60NH03L_06 Datasheet
503Kb / 16P
   N-channel 30V - 0.0075ohm - 60A - DPAK/IPAK STripFET TM III Power MOSFET
STB80NE03L-06 STMICROELECTRONICS-STB80NE03L-06_06 Datasheet
405Kb / 13P
   N-channel 30V - 0.005ohm - 85A - D2PAK STripFET TM Power MOSFET
STS4DNFS30 STMICROELECTRONICS-STS4DNFS30 Datasheet
297Kb / 12P
   N-channel - 30V - 0.044ohm - 4.5A SO-8 STripFET tm Power MOSFET plus schottky rectifier
STS4DNFS30L STMICROELECTRONICS-STS4DNFS30L_07 Datasheet
290Kb / 12P
   N-channel 30V - 0.044ohm - 4A SO-8 STripFET TM MOSFET plus SCHOTTKY rectifier
STB160NF3LL STMICROELECTRONICS-STB160NF3LL_06 Datasheet
414Kb / 13P
   N-channel 30V - 0.0028ohm - 160A - D2PAK STripFET TM III Power MOSFET
STD70N03L STMICROELECTRONICS-STD70N03L Datasheet
337Kb / 16P
   N-channel 30V - 0.0059ohm - 70A - DPAK / IPAK STripFET TM III Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com