Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP200NF03 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STP200NF03
Description  N-channel 30V - 0.0032ohm - 120A - D2PAK/I2PAK/TO-220 STripFET TM III Power MOSFET
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP200NF03 Datasheet(HTML) 5 Page - STMicroelectronics

  STP200NF03 Datasheet HTML 1Page - STMicroelectronics STP200NF03 Datasheet HTML 2Page - STMicroelectronics STP200NF03 Datasheet HTML 3Page - STMicroelectronics STP200NF03 Datasheet HTML 4Page - STMicroelectronics STP200NF03 Datasheet HTML 5Page - STMicroelectronics STP200NF03 Datasheet HTML 6Page - STMicroelectronics STP200NF03 Datasheet HTML 7Page - STMicroelectronics STP200NF03 Datasheet HTML 8Page - STMicroelectronics STP200NF03 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
STP200NF03 - STB200NF03 - STB200NF03-1
Electrical characteristics
5/18
Table 5.
Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
ISDM
(1)
1.
Pulse width limited by safe operating area.
Source-drain current
Source-drain current
(pulsed)
120
480
A
A
VSD
(2)
2.
Pulsed: Pulse duration = 300 µs, duty cycle 1.5%
Forward on voltage
ISD = 120A, VGS = 0
1.3
V
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 120A,
di/dt = 100A/µs,
VDD = 25V, Tj = 150°C
(see Figure 21)
70
170
5
ns
nC
A


Similar Part No. - STP200NF03

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP200NF03 STMICROELECTRONICS-STP200NF03 Datasheet
557Kb / 14P
   N-CHANNEL 30V - 0.0032 ohm - 120A D짼PAK/I짼PAK/TO-220 STripFET??II POWER MOSFET
More results

Similar Description - STP200NF03

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB190NF04 STMICROELECTRONICS-STB190NF04_06 Datasheet
510Kb / 16P
   N-channel 40V - 0.0039ohm - 120A - D2PAK/I2PAK/TO-220 STripFET TM III Power MOSFET
STB300NH02L STMICROELECTRONICS-STB300NH02L Datasheet
474Kb / 14P
   N-channel 24V - 120A - TO-220 / D2PAK STripFET TM Power MOSFET
STP100NF04 STMICROELECTRONICS-STP100NF04 Datasheet
584Kb / 15P
   N-CHANNEL 40V - 0.0043ohm - 120A TO-220/D2PAK/I2PAK STripFET??II POWER MOSFET
STB100NF03L-03 STMICROELECTRONICS-STB100NF03L-03_06 Datasheet
461Kb / 15P
   N-channel 30V - 0.0026ohm - 100A - D2PAK/I2/TO-220 STripFET TM III Power MOSFET
STB100NF04 STMICROELECTRONICS-STB100NF04_07 Datasheet
394Kb / 17P
   N-channel 40V - 0.0043ohm - 120A - TO-220 - D2PAK STripFET TM II Power MOSFET
STB190NF04 STMICROELECTRONICS-STB190NF04 Datasheet
173Kb / 9P
   N-CHANNEL 40V - 3.9 mW - 120A D2PAK/I2PAK/TO-220 STripFET II POWER MOSFET
February 2004
STB140NF75T4 STMICROELECTRONICS-STB140NF75T4 Datasheet
545Kb / 18P
   N-channel 75V - 0.0065 - 120A - D2PAK/I2/TO-220 STripFET III Power MOSFET
STB300NH02L_0709 STMICROELECTRONICS-STB300NH02L_0709 Datasheet
329Kb / 14P
   N-channel 24V - 120A - TO-220 / D2PAK STripFET??Power MOSFET
STP80NF03L-04-1 STMICROELECTRONICS-STP80NF03L-04-1 Datasheet
360Kb / 11P
   N-CHANNEL 30V - 0.0035ohm - 80A D2PAK/I2PAK/TO-220 STripFET??II POWER MOSFET
STB70NF03L STMICROELECTRONICS-STB70NF03L_06 Datasheet
463Kb / 15P
   N-channel 30V - 0.0075ohm - 70A - D2PAK - I2PAK - TO-220 Low gate charge STripFET TM II Power MOSFET
July 2006 Rev 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com