Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OHN3131U Datasheet(PDF) 2 Page - OPTEK Technologies

Part # OHN3131U
Description  Hallogic Hall-effect Sensors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OHN3131U Datasheet(HTML) 2 Page - OPTEK Technologies

  OHN3131U Datasheet HTML 1Page - OPTEK Technologies OHN3131U Datasheet HTML 2Page - OPTEK Technologies OHN3131U Datasheet HTML 3Page - OPTEK Technologies OHN3131U Datasheet HTML 4Page - OPTEK Technologies OHN3131U Datasheet HTML 5Page - OPTEK Technologies OHN3131U Datasheet HTML 6Page - OPTEK Technologies OHN3131U Datasheet HTML 7Page - OPTEK Technologies OHN3131U Datasheet HTML 8Page - OPTEK Technologies OHN3131U Datasheet HTML 9Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Hallogic Hall-effect Sensors
OH090U, OH180U, OH360U
OHN3000 Series, OHS3000 Series
OHN3100 Series, OHS3100 Series
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A .1
06/05
Page 2 of 9
Notes:
(1) South pole facing symbolized surface.
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
BOP
Magnetic Operate Point(1)
70
180
290
Gauss
BRP
Magnetic Release Point
0
140
230
Gauss
BH
Magnetic Hysteresis
20
40
120
Gauss
Icc
Supply Current
-
6
9
mA
Vcc = 24 V, Output Off
VOL
Output Saturation Voltage
-
100
300
mV
Vcc = 4.5 V, IOL = 20 mA, B ≥ 290 Gauss
IOH
Output Leakage Current
-
0.5
10.0
µA
Vcc = 24 V, VOUT = 24 V, B ≤ 0 Gauss
tr
Output Rise Time
-
0.21
1.00
µs
RL = 820 Ω, CL = 20 pF, Vcc = 14 V
tf
Output Fall Time
-
0.10
1.00
µs
OH180U
Uni-Polar
OH090U
Uni-Polar
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
BOP
Magnetic Operate Point(1)
0
90
180
Gauss
BRP
Magnetic Release Point
-100
65
100
Gauss
BH
Magnetic Hysteresis
10
25
100
Gauss
Icc
Supply Current
-
6
9
mA
Vcc = 24 V, Output Off
VOL
Output Saturation Voltage
-
100
300
mV
Vcc = 4.5 V, IOL = 20 mA, B ≥ 180 Gauss
IOH
Output Leakage Current
-
0.5
10.0
µA
Vcc = 24 V, VOUT = 24 V, B ≤ -100 Gauss
tr
Output Rise Time
-
0.21
1.00
µs
RL = 820 Ω, CL = 20 pF, Vcc = 14 V
tf
Output Fall Time
-
0.10
1.00
µs
Electrical Characteristics (Vcc = 4.5 V to 24 V, TA = 25° C unless otherwise noted)
Absolute Maximum Ratings (TA=25°C unless otherwise noted)
Supply Voltage, Vcc
25 V
Storage Temperature Range, TS
-65°C to +160°C
Operating Temperature Range, TA
OHN30_ _U
OHS30_ _U
OH090/180/360U
-20°C to +85°C
-40°C to +125°C
-40°C to +150°C
Lead Soldering Temperature (1/8 in. (3.2 mm) from case for 5 sec. with soldering iron)
260°C(1)
Output ON Current, ISINK
25 mA
Output OFF Voltage, VOUT
25 V
Magnetic Flux Density, B
Unlimited


Similar Part No. - OHN3131U

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OHN3131U OPTEK-OHN3131U Datasheet
327Kb / 2P
   Ultra Sensitive Hallogic Hall Effect Sensors Types OHN3131u, OHS3131U
More results

Similar Description - OHN3131U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OHN3140 ETC-OHN3140 Datasheet
350Kb / 2P
   HALLOGIC HALL EFFECT SENSORS
logo
OPTEK Technologies
OH360U OPTEK-OH360U Datasheet
330Kb / 2P
   Hallogic hall Effect Sensors
May 1996
logo
TT Electronics.
OH090U TTELEC-OH090U Datasheet
689Kb / 10P
   Hallogic Hall-Effect Sensors
logo
List of Unclassifed Man...
OH090U ETC-OH090U Datasheet
290Kb / 2P
   HALLOGIC HALL EFFECT SENSORS
logo
OPTREX CORPORATION
OHN3040U OPTREX-OHN3040U Datasheet
287Kb / 2P
   Hallogic Hall Effect Sensors
logo
List of Unclassifed Man...
OHN3013U ETC1-OHN3013U Datasheet
248Kb / 2P
   HALLOGIC HALL EFFECT SENSORS
logo
OPTEK Technologies
OHN3130U OPTEK-OHN3130U Datasheet
319Kb / 2P
   HALLOGIC HALL EFFECT SENSORS
logo
List of Unclassifed Man...
OHN3030U ETC-OHN3030U Datasheet
281Kb / 2P
   HALLOGIC HALL EFFECT SENSORS
logo
OPTEK Technologies
OH180U OPTEK-OH180U Datasheet
301Kb / 2P
   HALLOGIC HALL EFFECT SENSORS
OHN3020U OPTEK-OHN3020U Datasheet
305Kb / 2P
   HALLOGIC HALL EFFECT SENSORS
OHN3120U OPTEK-OHN3120U Datasheet
330Kb / 2P
   HALLOGIC HALL EFFECT SENSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com