Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX314CUE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX314CUE
Description  10 OHM, Quad, SPST, CMOS Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX314CUE Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX314CUE Datasheet HTML 1Page - Maxim Integrated Products MAX314CUE Datasheet HTML 2Page - Maxim Integrated Products MAX314CUE Datasheet HTML 3Page - Maxim Integrated Products MAX314CUE Datasheet HTML 4Page - Maxim Integrated Products MAX314CUE Datasheet HTML 5Page - Maxim Integrated Products MAX314CUE Datasheet HTML 6Page - Maxim Integrated Products MAX314CUE Datasheet HTML 7Page - Maxim Integrated Products MAX314CUE Datasheet HTML 8Page - Maxim Integrated Products MAX314CUE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
General Description
Maxim’s MAX312/MAX313/MAX314 analog switches
feature low on-resistance (10
Ω max) and 1.5Ω on-resis-
tance matching between channels. These switches con-
duct equally well in either direction. They offer low
leakage over temperature (2.5nA at +85°C). Low power
consumption and ESD tolerance greater than 2000V per
Method 3015.7 are guaranteed.
The MAX312/MAX313/MAX314 are quad, single-
pole/single-throw (SPST) analog switches. The MAX312
is normally closed (NC), and the MAX313 is normally
open (NO). The MAX314 has two NC switches and two
NO switches. All three devices operate from a single
supply of +4.5V to +30V or from dual supplies of ±4.5V
to ±20V.
________________________Applications
Test Equipment
Communication Systems
PBX, PABX Systems
Audio Signal Routing
Avionics
Sample-and-Hold Circuits
Data Acquisition Systems
____________________________Features
o Pin Compatible with DG411/DG412/DG413
o Low On-Resistance (6.5Ω typical)
o Guaranteed RON Match Between Channels (1.5Ω max)
o Guaranteed RON Flatness over Specified Signal
Range (2
Ω max)
o Guaranteed ESD Protection > 2000V per Method
3015.7
o Crosstalk > 96dB at 20kHz
o Single-Supply Operation: +4.5V to +30V
Dual-Supply Operation: ±4.5V to ±20V
o Rail-to-Rail® Signal Handling
10
, Quad, SPST, CMOS Analog Switches
________________________________________________________________ Maxim Integrated Products
1
SWITCHES SHOWN FOR LOGIC "0" INPUT
MAX313
LOGIC
SWITCH
0
1
OFF
ON
TOP VIEW
DIP/SO/TSSOP
SO/MAX312
LOGIC
SWITCH
0
1
ON
OFF
MAX314
LOGIC
SWITCHES
1, 4
0
1
OFF
ON
SWITCHES
2, 3
ON
OFF
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
IN2
COM2
NC2
V+
V-
NO1
COM1
IN1
MAX314
VL
NC3
COM3
IN3
IN4
COM4
NO4
GND
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
IN2
COM2
NC2
V+
V-
NC1
COM1
IN1
MAX312
VL
NC3
COM3
IN3
IN4
COM4
NC4
GND
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
IN2
COM2
NO2
V+
V-
NO1
COM1
IN1
MAX313
VL
NO3
COM3
IN3
IN4
COM4
NO4
GND
DIP/SO/TSSOP
DIP/SO/TSSOP
_____________________Pin Configurations/Functional Diagrams/Truth Tables
PART
MAX312CPE
MAX312CSE
MAX312C/D
0°C to +70°C
0°C to +70°C
0°C to +70°C
TEMP RANGE
PIN-PACKAGE
16 Plastic DIP
16 Narrow SO
Dice*
19-0420; Rev 2; 7/02
______________Ordering Information
Ordering Information continued at end of data sheet.
* Contact factory for dice specifications.
**Contact factory for availability.
MAX312EPE
MAX312ESE
-40°C to +85°C
-40°C to +85°C
16 Plastic DIP
16 Narrow SO
MAX312MJE
-55°C to +125°C
16 CERDIP**
MAX312CUE
0°C to +70°C
16 TSSOP
MAX312EUE
-40°C to +85°C
16 TSSOP
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Rail-to-Rail is a registered trademark of Nippon Motorola Ltd.


Similar Part No. - MAX314CUE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX314CUE MAXIM-MAX314CUE Datasheet
385Kb / 12P
   10?? Quad, SPST, CMOS Analog Switches
19-0420; Rev 1; 6/99
More results

Similar Description - MAX314CUE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX312 MAXIM-MAX312 Datasheet
385Kb / 12P
   10?? Quad, SPST, CMOS Analog Switches
19-0420; Rev 1; 6/99
MAX312 MAXIM-MAX312_V01 Datasheet
420Kb / 12P
   10廓, Quad, SPST, CMOS Analog Switches
19-0420; Rev 2; 7/02
MAX311 MAXIM-MAX311 Datasheet
305Kb / 8P
   Quad SPST CMOS Analog Switches
logo
List of Unclassifed Man...
MP7510DI ETC-MP7510DI Datasheet
230Kb / 3P
   CMOS QUAD SPST ANALOG SWITCHES
logo
Vishay Siliconix
DG441 VISHAY-DG441_11 Datasheet
229Kb / 14P
   Quad SPST CMOS Analog Switches
Rev. J, 30-May-11
DG444 VISHAY-DG444_11 Datasheet
172Kb / 12P
   Quad SPST CMOS Analog Switches
Rev. G, 23-May-11
logo
Maxim Integrated Produc...
DG202 MAXIM-DG202_06 Datasheet
1Mb / 12P
   Quad SPST CMOS Analog Switches
Rev 3; 6/06
logo
Vishay Siliconix
DG444 VISHAY-DG444 Datasheet
115Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. F, 06-Sep-99
DG441 VISHAY-DG441 Datasheet
150Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. I, 25-Jun-07
logo
Intersil Corporation
DG201A INTERSIL-DG201A Datasheet
71Kb / 7P
   Quad SPST, CMOS Analog Switches
June 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com