Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC1550MJ Datasheet(PDF) 5 Page - Texas Instruments

Part # TLC1550MJ
Description  10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC1550MJ Datasheet(HTML) 5 Page - Texas Instruments

  TLC1550MJ Datasheet HTML 1Page - Texas Instruments TLC1550MJ Datasheet HTML 2Page - Texas Instruments TLC1550MJ Datasheet HTML 3Page - Texas Instruments TLC1550MJ Datasheet HTML 4Page - Texas Instruments TLC1550MJ Datasheet HTML 5Page - Texas Instruments TLC1550MJ Datasheet HTML 6Page - Texas Instruments TLC1550MJ Datasheet HTML 7Page - Texas Instruments TLC1550MJ Datasheet HTML 8Page - Texas Instruments TLC1550MJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
TLC1550I, TLC1550M, TLC1551I
10BIT ANALOGTODIGITAL CONVERTERS
WITH PARALLEL OUTPUTS
SLAS043G − MAY 1991 − REVISED NOVEMBER 2003
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range,
VDD =VREF+ = 4.75 V to 5.5 V and VREF− = 0 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VOH
High-level output voltage
VDD = 4.75 V,
IOH = − 360 µA
2.4
V
VOL
Low-level output voltage
VDD = 4.75 V,
TA = 25°C
0.4
V
VOL
Low-level output voltage
VDD = 4.75 V,
IOL = 2.4 mA
TA = − 55°C to 125°C
0.5
V
IOZ
Off-state (high-impedance-state) output current
VO = VDD,
CS and RD at VDD
10
A
IOZ
Off-state (high-impedance-state) output current
VO = 0,
CS and RD at VDD
−10
µA
IIH
High-level input current
VI = VDD
0.005
2.5
µA
IIL
Low-level input current (except CLKIN)
VI = 0
−2.5
− 0.005
µA
IIL
Low-level input current (CLKIN)
−50
−50
µA
IOS
Short-circuit output current
VO = 5 V,
TA = 25°C
7
14
mA
IOS
Short-circuit output current
VO = 0,
TA = 25°C
−12
−6
mA
I(DD) Operating supply current
CS low and RD high
2
8
mA
Ci
Input capacitance
Analog inputs
See typical equivalent inputs TLC1550/1I
60
90*
pF
Ci
Input capacitance
Digital inputs
See typical equivalent inputs TLC1550/1I
5
15*
pF
* On products compliant to MIL-STD-883, Class B, this parameter is not production tested.
† All typical values are at VDD = 5 V, TA = 25°C.


Similar Part No. - TLC1550MJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC1550MJ TI-TLC1550MJ Datasheet
139Kb / 9P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
TLC1550MJ TI1-TLC1550MJ Datasheet
329Kb / 17P
[Old version datasheet]   Power Dissipation . . . 40 mW Max Advanced LinEPIC田?Single-Poly Process
TLC1550MJ TI1-TLC1550MJ Datasheet
863Kb / 18P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
TLC1550MJB TI1-TLC1550MJB Datasheet
329Kb / 17P
[Old version datasheet]   Power Dissipation . . . 40 mW Max Advanced LinEPIC田?Single-Poly Process
TLC1550MJB TI1-TLC1550MJB Datasheet
863Kb / 18P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
More results

Similar Description - TLC1550MJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC1550I TI-TLC1550I Datasheet
139Kb / 9P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
TLC1550I TI1-TLC1550I_15 Datasheet
863Kb / 18P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
TLC5615C TI-TLC5615C Datasheet
244Kb / 18P
[Old version datasheet]   10-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5615C TI-TLC5615C_15 Datasheet
702Kb / 23P
[Old version datasheet]   10-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5615C TI-TLC5615C_07 Datasheet
467Kb / 21P
[Old version datasheet]   10-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
Microchip Technology
MCP300X MICROCHIP-MCP300X Datasheet
450Kb / 2P
   MCP300X 10-Bit Analog-to-Digital Converters
2001
logo
Texas Instruments
TLC876M TI-TLC876M_07 Datasheet
383Kb / 22P
[Old version datasheet]   10-BIT 20 MSPS PARALLEL OUTPUT CMOS ANALOG-TO-DIGITAL CONVERTERS
TLC876M TI-TLC876M Datasheet
314Kb / 23P
[Old version datasheet]   10-BIT 20 MSPS PARALLEL OUTPUT CMOS ANALOG-TO-DIGITAL CONVERTERS
TLC876 TI1-TLC876 Datasheet
346Kb / 22P
[Old version datasheet]   10-BIT 20 MSPS PARALLEL OUTPUT CMOS ANALOG-TO-DIGITAL CONVERTERS
TLV1549C TI1-TLV1549C_14 Datasheet
598Kb / 20P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com