Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD251 Datasheet(PDF) 2 Page - Texas Instruments

Part # SN65HVD251
Description  CAN TRANSCEIVER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD251 Datasheet(HTML) 2 Page - Texas Instruments

  SN65HVD251_06 Datasheet HTML 1Page - Texas Instruments SN65HVD251_06 Datasheet HTML 2Page - Texas Instruments SN65HVD251_06 Datasheet HTML 3Page - Texas Instruments SN65HVD251_06 Datasheet HTML 4Page - Texas Instruments SN65HVD251_06 Datasheet HTML 5Page - Texas Instruments SN65HVD251_06 Datasheet HTML 6Page - Texas Instruments SN65HVD251_06 Datasheet HTML 7Page - Texas Instruments SN65HVD251_06 Datasheet HTML 8Page - Texas Instruments SN65HVD251_06 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
ABSOLUTE MAXIMUM POWER DISSIPATION RATINGS
THERMAL CHARACTERISTICS
SN65HVD251
SLLS545C – NOVEMBER 2002 – REVISED SEPTEMBER 2005
These devices have limited built-in ESD protection. The leads should be shorted together or the device
placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates.
over operating free-air temperature range unless otherwise noted(1)(2)
SN65HVD251
Supply voltage range, VCC
-0.3 V to 7 V
Voltage range at any bus terminal (CANH or CANL)
-36 V to 36 V
Transient voltage per ISO 7637, pulse 1, 2, 3a, 3b
CANH, CANL
±200 V
Input voltage range, VI (D, Rs, or R)
-0.3 V to VCC + 0.5
Receiver output current, IO
–10 mA to 10 mA
CANH, CANL and GND
14 kV
Human Body Model (3)
Electrostatic discharge
All pins
6 kV
Charged-Device Model (4)
All pins
1 kV
Continuous total power dissipation
(see Dissipation Rating
Table)
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential I/O bus voltages, are with respect to network ground terminal.
(3)
Tested in accordance with JEDEC Standard 22, Test Method A114-A.
(4)
Tested in accordance with JEDEC Standard 22, Test Method C101.
CIRCUIT BOARD
TA = 25°C
DERATING FACTOR (1)
TA = 85°C POWER
TA = 125°C POWER
PACKAGE
MODEL
POWER RATING
ABOVE TA = 25°C
RATING
RATING
Low-K(2)
576 mW
4.8 mW/°C
288 mW
96 mW
SOIC (D)
High-K(3)
924 mW
7.7 mW/°C
462 mW
154 mW
Low-K(2)
888 mW
7.4 mW/°C
444 mW
148 mW
PDIP (P)
High-K(3)
1212 mW
10.1 mW/°C
606 mW
202 mW
(1)
This is the inverse of the junction-to-ambient thermal resistance when board-mounted and with no air flow.
(2)
In accordance with the Low-K thermal metric definitions of EIA/JESD51-3.
(3)
In accordance with the High-K thermal metric definitions of EIA/JESD51-7.
PARAMETER
TEST CONDITIONS
VALUE
UNITS
MIN
TYP
MAX
D
78.7
Θ
JB
Junction-to-board thermal resistance
°C/W
P
48.9
D
44.6
Θ
JC
Junction-to-case thermal resistance
°C/W
P
66.6
VCC = 5 V, Tj = 27 °C, RL = 60Ω,
97.7
mW
RS at 0 V, Input to D a 500-kHz
50% duty cycle square wave
PD
Device power dissipation
VCC = 5.5 V, Tj = 130°C, RL = 60Ω,
142
mW
RS at 0 V, Input to D a 500-kHz 50%
duty cycle square wave
TSD
Thermal shutdown junction temperature
165
°C
2


Similar Part No. - SN65HVD251_06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD251 TI-SN65HVD251_07 Datasheet
528Kb / 21P
[Old version datasheet]   CAN TRANSCEIVER
SN65HVD251 TI-SN65HVD251_08 Datasheet
557Kb / 21P
[Old version datasheet]   CAN TRANSCEIVER
More results

Similar Description - SN65HVD251_06

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6250 INFINEON-TLE6250 Datasheet
615Kb / 27P
   CAN-Transceiver
Version 3.4 2002-10-08
logo
Texas Instruments
SN65HVD251-Q1 TI1-SN65HVD251-Q1 Datasheet
349Kb / 20P
[Old version datasheet]   CAN TRANSCEIVER
logo
Renesas Technology Corp
HA13721RP RENESAS-HA13721RP Datasheet
114Kb / 9P
   CAN Transceiver
HA13721RP RENESAS-HA13721RP_15 Datasheet
139Kb / 11P
   CAN Transceiver
logo
Texas Instruments
UC5350 TI-UC5350 Datasheet
110Kb / 6P
[Old version datasheet]   CAN Transceiver
SN65HVD251 TI-SN65HVD251_08 Datasheet
557Kb / 21P
[Old version datasheet]   CAN TRANSCEIVER
UC5350 TI1-UC5350_09 Datasheet
206Kb / 9P
[Old version datasheet]   CAN TRANSCEIVER
SN65HVD251 TI-SN65HVD251_07 Datasheet
528Kb / 21P
[Old version datasheet]   CAN TRANSCEIVER
SN65HVD251 TI-SN65HVD251 Datasheet
390Kb / 19P
[Old version datasheet]   CAN TRANSCEIVER
logo
Holt Integrated Circuit...
HI-3001 HOLTIC-HI-3001 Datasheet
87Kb / 13P
   1Mbps Avionics CAN Transceiver 1Mbps Avionics CAN Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com