Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC3221GV Datasheet(PDF) 5 Page - California Eastern Labs

Part # UC3221GV
Description  5 V AGC AMPLIFIER VIDEO AMPLIFIER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

UC3221GV Datasheet(HTML) 5 Page - California Eastern Labs

  UC3221GV Datasheet HTML 1Page - California Eastern Labs UC3221GV Datasheet HTML 2Page - California Eastern Labs UC3221GV Datasheet HTML 3Page - California Eastern Labs UC3221GV Datasheet HTML 4Page - California Eastern Labs UC3221GV Datasheet HTML 5Page - California Eastern Labs UC3221GV Datasheet HTML 6Page - California Eastern Labs UC3221GV Datasheet HTML 7Page - California Eastern Labs UC3221GV Datasheet HTML 8Page - California Eastern Labs UC3221GV Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
ELECTRICAL CHARACTERISTICS
(TA = +25
°C, VCC = 5 V, f = 45 MHz, ZS = 50 Ω, ZL = 250 Ω, single-ended output)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
DC Characteristics
Circuit Current
ICC
No input signal
Note 1
26
33
41
mA
AGC Pin Current
IAGC
No input signal, VAGC = 3.5 V
Note 1
16
50
µA
AGC Voltage High Level
VAGC (H)
@ Maximum gain
Note 1
3.0
3.5
V
AGC Voltage Low Level
VAGC (L)
@ Minimum gain
Note 1
0
0.5
V
RF Characteristics
Maximum Voltage Gain
GMAX
VAGC = 3.0 V, Pin =
−60 dBm
Note 1
57
60
63
dB
Middle Voltage Gain 1
GMID1
VAGC = 2.2 V, Pin =
−60 dBm
Note 1
47.5
50.5
53.5
dB
Middle Voltage Gain 2
GMID2
VAGC = 1.2 V, Pin =
−30 dBm
Note 1
18
21
24
dB
Minimum Voltage Gain
GMIN
VAGC = 0.5 V, Pin =
−30 dBm
Note 1
6
10
14
dB
Gain Control Range (input prescribe)
GCRin
VAGC = 0.5 to 3.0 V
Note 1
43
50
dB
Gain Control Range (output prescribe)
GCRout
Vout = 1.0 Vp-p
Note 1
36
40
dB
Gain Slope
Gslope
Gain (@ VAGC = 2.2 V)
− Gain (@ VAGC
= 1.2 V)
Note 1
26.5
29.5
32.5
dB/V
Maximum Output Voltage
Voclip
VAGC = 3.0 V (@ Maximum gain)
Note 1
2.0
2.8
Vp-p
Noise Figure
NF
VAGC = 3.0 V (@ Maximum gain)
Note 3
4.2
5.7
dB
3rd Order Intermodulation Distortion 1
IM31
f1 = 44 MHz, f2 = 45 MHz, ZL = 250
Ω,
Pin =
−30 dBm/tone,
Vout = 0.7 Vp-p/tone (@ single-ended
output)
Note 1
43
47
dBc
3rd Order Intermodulation Distortion 2
IM32
f1 = 44 MHz, f2 = 45 MHz, ZL = 250
Ω,
VAGC = 3.0 V (@ Maximum gain),
Vout = 0.7 Vp-p/tone (@ single-ended
output)
Note 1
50
56
dBc
Gain Difference of
OUTPUT1 and OUTPUT2
G
VAGC = 3.0 V, Pin =
−60 dBm,
G = G (@ Pout1) − G (@ Pout2)
Note 1, 2
−0.5
0
+0.5
dB
Notes 1. By measurement circuit 1
2. By measurement circuit 2
3. By measurement circuit 3
Data Sheet PU10171EJ03V0DS
5
µPC3221GV


Similar Part No. - UC3221GV

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UC3206AG-XX-AF5-R UTC-UC3206AG-XX-AF5-R Datasheet
210Kb / 4P
   CMOS IC
UC3206BG-XX-AF5-R UTC-UC3206BG-XX-AF5-R Datasheet
210Kb / 4P
   CMOS IC
UC3206XG-XX-AF5-R UTC-UC3206XG-XX-AF5-R Datasheet
210Kb / 4P
   CMOS IC
logo
Texas Instruments
UC329002 TI-UC329002 Datasheet
1Mb / 28P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
logo
VITALCONN ELECTRONICS H...
UC32E31LBC7 VITALCONN-UC32E31LBC7 Datasheet
152Kb / 1P
   USB CF VERTICAL (L=10, 40)
REV: A
More results

Similar Description - UC3221GV

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPC3219GV CEL-UPC3219GV Datasheet
474Kb / 7P
   5 V AGC AMPLIFIER VIDEO AMPLIFIER
UPC3217GV CEL-UPC3217GV Datasheet
587Kb / 8P
   5 V AGC AMPLIFIER VIDEO AMPLIFIER
logo
NEC
UPC3219GV NEC-UPC3219GV Datasheet
205Kb / 6P
   GENERAL PURPOSE 5 V AGC AMPLIFIER
UPC3217GV NEC-UPC3217GV Datasheet
189Kb / 7P
   NECs GENERAL PURPOSE 5 V AGC AMPLIFIER
UPC3221GV NEC-UPC3221GV Datasheet
177Kb / 6P
   NECs GENERAL PURPOSE 5 V AGC AMPLIFIER
logo
California Eastern Labs
UPC3231GV CEL-UPC3231GV_13 Datasheet
803Kb / 16P
   GENERAL PURPOSE 5 V 100MHz AGC AMPLIFIER
UPC3228T5S CEL-UPC3228T5S Datasheet
291Kb / 13P
   LOW DISTORTION DOWN-CONVERTER AGC AMPLIFIER VIDEO AMPLIFIER
logo
Texas Instruments
SN761666 TI1-SN761666_14 Datasheet
167Kb / 10P
[Old version datasheet]   AGC AMPLIFIER
logo
Spectrum Microwave, Inc...
TMG9553 SPECTRUM-TMG9553 Datasheet
41Kb / 1P
   AGC AMPLIFIER
logo
SIRENZA MICRODEVICES
S510069-28Z SIRENZA-S510069-28Z Datasheet
654Kb / 8P
   AGC Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com