Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC0820ACDBG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # TLC0820ACDBG4
Description  Advanced LinCMOS TM HIGH-SPEED 8-BIT ANALOG-TO-DIGITAL CONVERTERS USING MODIFIED FLASH TECHNIQUES
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC0820ACDBG4 Datasheet(HTML) 3 Page - Texas Instruments

  TLC0820ACDBG4 Datasheet HTML 1Page - Texas Instruments TLC0820ACDBG4 Datasheet HTML 2Page - Texas Instruments TLC0820ACDBG4 Datasheet HTML 3Page - Texas Instruments TLC0820ACDBG4 Datasheet HTML 4Page - Texas Instruments TLC0820ACDBG4 Datasheet HTML 5Page - Texas Instruments TLC0820ACDBG4 Datasheet HTML 6Page - Texas Instruments TLC0820ACDBG4 Datasheet HTML 7Page - Texas Instruments TLC0820ACDBG4 Datasheet HTML 8Page - Texas Instruments TLC0820ACDBG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
TLC0820AC, TLC0820AI
Advanced LinCMOS
™ HIGH-SPEED 8-BIT ANALOG-TO-DIGITAL
CONVERTERS USING MODIFIED FLASH TECHNIQUES
SLAS064A – SEPTEMBER 1986 – REVISED JUNE 1994
2–3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
ANLG IN
1
I
Analog input
CS
13
I
Chip select. CS must be low in order for RD or WR to be recognized by the ADC.
D0
2
O
Digital, 3-state output data, bit 1 (LSB)
D1
3
O
Digital, 3-state output data, bit 2
D2
4
O
Digital, 3-state output data, bit 3
D3
5
O
Digital, 3-state output data, bit 4
D4
14
O
Digital, 3-state output data, bit 5
D5
15
O
Digital, 3-state output data, bit 6
D6
16
O
Digital, 3-state output data, bit 7
D7
17
O
Digital, 3-state output data, bit 8 (MSB)
GND
10
Ground
INT
9
O
Interrupt. In the write-read mode, the interrupt output (INT) going low indicates that the internal count-down delay
time, td(int), is complete and the data result is in the output latch. The delay time td(int) is typically 800 ns starting
after the rising edge of WR (see operating characteristics and Figure 3). If RD goes low prior to the end of td(int),
INT goes low at the end of td(RIL) and the conversion results are available sooner (see Figure 2). INT is reset by
the rising edge of either RD or CS.
MODE
7
I
Mode select. MODE is internally tied to GND through a 50-
µA current source, which acts like a pulldown resistor.
When MODE is low, the read mode is selected. When MODE is high, the write-read mode is selected.
NC
19
No internal connection
OFLW
18
O
Overflow. Normally OFLW is a logical high. However, if the analog input is higher than Vref+, OFLW will be low at
the end of conversion. It can be used to cascade two or more devices to improve resolution (9 or 10 bits).
RD
8
I
Read. In the write-read mode with CS low, the 3-state data outputs D0 through D7 are activated when RD goes
low. RD can also be used to increase the conversion speed by reading data prior to the end of the internal
count-down delay time. As a result, the data transferred to the output latch is latched after the falling edge of RD.
In the read mode with CS low, the conversion starts with RD going low. RD also enables the 3-state data outputs
on completion of the conversion. RDY going into the high-impedance state and INT going low indicate completion
of the conversion.
REF –
11
I
Reference voltage. REF – is placed on the bottom of the resistor ladder.
REF +
12
I
Reference voltage. REF + is placed on the top of the resistor ladder.
VCC
20
Power supply voltage
WR/RDY
6
I/O
Write ready. In the write-read mode with CS low, the conversion is started on the falling edge of the WR input signal.
The result of the conversion is strobed into the output latch after the internal count-down delay time, td(int), provided
that the RD input does not go low prior to this time. The delay time td(int) is approximately 800 ns. In the read mode,
RDY (an open-drain output) goes low after the falling edge of CS and goes into the high-impedance state when
the conversion is strobed into the output latch. It is used to simplify the interface to a microprocessor system.


Similar Part No. - TLC0820ACDBG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC0820ACDBG4 TI-TLC0820ACDBG4 Datasheet
251Kb / 15P
[Old version datasheet]   Advanced LinCMOSE HIGH-SPEED 8-BIT ANALOG-TO-DIGITAL CONVERTERS USING MODIFIED FLASH TECHNIQUES
TLC0820ACDBG4 TI1-TLC0820ACDBG4 Datasheet
511Kb / 15P
[Old version datasheet]   Advanced LinCMOSE HIGH-SPEED 8-BIT ANALOG-TO-DIGITAL CONVERTERS USING MODIFIED FLASH TECHNIQUES
More results

Similar Description - TLC0820ACDBG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC0820A TI1-TLC0820A Datasheet
511Kb / 15P
[Old version datasheet]   Advanced LinCMOSE HIGH-SPEED 8-BIT ANALOG-TO-DIGITAL CONVERTERS USING MODIFIED FLASH TECHNIQUES
TLC0820AC TI1-TLC0820AC_14 Datasheet
749Kb / 17P
[Old version datasheet]   Advanced LinCMOSE HIGH-SPEED 8-BIT ANALOG-TO-DIGITAL CONVERTERS USING MODIFIED FLASH TECHNIQUES
TLC0820AC TI-TLC0820AC Datasheet
174Kb / 11P
[Old version datasheet]   Advanced LinCMOSE HIGH-SPEED 8-BIT ANALOG-TO-DIGITAL CONVERTERS USING MODIFIED FLASH TECHNIQUES
TLC0820AC TI-TLC0820AC_07 Datasheet
251Kb / 15P
[Old version datasheet]   Advanced LinCMOSE HIGH-SPEED 8-BIT ANALOG-TO-DIGITAL CONVERTERS USING MODIFIED FLASH TECHNIQUES
TLC5510 TI1-TLC5510_03 Datasheet
233Kb / 15P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510AINSRG4 TI1-TLC5510AINSRG4 Datasheet
667Kb / 20P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510IPWR TI1-TLC5510IPWR Datasheet
667Kb / 20P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510AINSR TI1-TLC5510AINSR Datasheet
233Kb / 15P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510 TI1-TLC5510_14 Datasheet
681Kb / 21P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510 TI-TLC5510 Datasheet
218Kb / 15P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com