Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24022 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24022
Description  SINGLE-CHIP, LI-ION AND LI-POL CHARGER IC WITH AUTONOMOUS USB-PORT AND AC-ADAPTER SUPPLY MANAGEMENT (bqTINY-II)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24022 Datasheet(HTML) 4 Page - Texas Instruments

  BQ24022 Datasheet HTML 1Page - Texas Instruments BQ24022 Datasheet HTML 2Page - Texas Instruments BQ24022 Datasheet HTML 3Page - Texas Instruments BQ24022 Datasheet HTML 4Page - Texas Instruments BQ24022 Datasheet HTML 5Page - Texas Instruments BQ24022 Datasheet HTML 6Page - Texas Instruments BQ24022 Datasheet HTML 7Page - Texas Instruments BQ24022 Datasheet HTML 8Page - Texas Instruments BQ24022 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
www.ti.com
(2)
I
O(PRECHG) +
K
(SET)
V
(PRECHG)
R
SET
(3)
I
O(TAPER) +
K
(SET)
V
(TAPER)
R
SET
(4)
I
O(TERM) +
K
(SET)
V
(TERM)
R
SET
bq24020,, bq24022,, bq24023
bq24024, bq24025, bq24026
bq24027
SLUS549D – DECEMBER 2002 – REVISED MARCH 2006
ELECTRICAL CHARACTERISTICS (continued)
over 0°C
≤ T
J ≤ 125°C and recommended supply voltage, unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PRECHARGE AND SHORT-CIRCUIT CURRENT REGULATION
Precharge to fast-charge
Voltage on OUT pin
2.8
3.0
3.2
V(LOWV)
V
transition threshold
Deglitch time for fast-charge to
VCC(MIN) ≥ 4.5 V, tFALL = 100 ns, 10 mV
250
375
500
ms
precharge transition
overdrive, VI(OUT) decreasing below threshold
IO(PRECHG) Precharge range(2)
0 V < VI(OUT) < V(LOWV), t < t(PRECHG)
5
100
mA
Voltage on ISET1 pin
VO(REG) = 4.2 V
240
255
270
V(PRECHG)
Precharge set voltage
mV
0 V < VI(OUT) > V(LOWV),
t < t(PRECHG)
CHARGE TAPER AND TERMINATION DETECTION
I(TAPER)
Charge taper detection range(3)
VI(OUT) > V(RCH), t < t(TAPER)
5
100
USB-100 charge taper
VI(OUT) > V(RCH), ISET2 = Low
6.5
9
11
bq24026
detection level
mA
USB-500 charge taper
VI(OUT) > V(RCH), ISET2 = High
32
44
55
bq24026
detection level
Voltage on ISET1 pin, VO(REG) = 4.2 V,
235
250
265
V(TAPER)
Charge taper detection set voltage
VI(OUT) > V(RCH), t < t(TAPER)
mV
Charge termination detection
Voltage on ISET1 pin, VO(REG) = 4.2 V,
11
18
25
V(TERM)
set voltage(4)
VI(OUT) > V(RCH)
VCC(MIN) ≥ 4.5 V, tFALL = 100 ns charging
250
375
500
t(TPRDET)
Deglitch time for TAPER detection
current increasing or decreasing above and
below, 10 mV overdrive
ms
Deglitch time for
VCC(MIN) ≥ 4.5 V, tFALL = 100 ns charging
250
375
500
t(TRMDET)
termination detection
current decreasing below, 10 mV overdrive
TEMPERATURE SENSE COMPARATOR
V(HTF)
High-voltage threshold
PTC thermistor
2.475
2.500
2.525
V
V(LTF)
Low-voltage threshold
PTC thermistor
0.485
0.500
0.515
I(TS)
Current source
96
102
108
µA
t(DEGL)
Deglitch time for temperature fault
250
375
500
ms
4
Submit Documentation Feedback


Similar Part No. - BQ24022

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24022DRCR TI-BQ24022DRCR Datasheet
301Kb / 20P
[Old version datasheet]   SINGLE-CHIP,LI-ION AND LI-POL CHARGER IC WITH AUTONOMOUS USB-PORT AND AC-ADAPTER SUPPLY MANAGEMENT
BQ24022DRCRG4 TI-BQ24022DRCRG4 Datasheet
301Kb / 20P
[Old version datasheet]   SINGLE-CHIP,LI-ION AND LI-POL CHARGER IC WITH AUTONOMOUS USB-PORT AND AC-ADAPTER SUPPLY MANAGEMENT
More results

Similar Description - BQ24022

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24020 TI-BQ24020 Datasheet
301Kb / 20P
[Old version datasheet]   SINGLE-CHIP,LI-ION AND LI-POL CHARGER IC WITH AUTONOMOUS USB-PORT AND AC-ADAPTER SUPPLY MANAGEMENT
BQ24080 TI-BQ24080 Datasheet
911Kb / 16P
[Old version datasheet]   SINGLE-CHIP, LI-ION AND LI-POL CHARGER IC
BQ24085 TI1-BQ24085_15 Datasheet
1Mb / 40P
[Old version datasheet]   Single-Chip Li-Ion and Li-Pol Charge Management IC
BQ24083 TI-BQ24083 Datasheet
1Mb / 23P
[Old version datasheet]   1-A, SINGLE-CHIP, LI-ION AND LI-POL CHARGER IC
BQ24080 TI1-BQ24080_16 Datasheet
1Mb / 26P
[Old version datasheet]   1-A, SINGLE-CHIP, LI-ION AND LI-POL CHARGER IC
BQ24081 TI-BQ24081_12 Datasheet
1Mb / 25P
[Old version datasheet]   1-A, SINGLE-CHIP, LI-ION AND LI-POL CHARGER IC
logo
Lowpower Semiconductor ...
LP28055 POWER-LP28055 Datasheet
298Kb / 7P
   1A Single-chip Li-ion and Li-POL Charger
logo
Texas Instruments
BQ24080-Q1 TI1-BQ24080-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Li-Ion and Li-Pol Automotive Charger
BQ21040 TI1-BQ21040 Datasheet
3Mb / 30P
[Old version datasheet]   Single Cell Li-Ion and Li-Pol Battery Charger
logo
Lowpower Semiconductor ...
LP28021 POWER-LP28021 Datasheet
822Kb / 11P
   1.0A Single-chip Li-ion and Li-POL Charger with OVP Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com