Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24025 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24025
Description  SINGLE-CHIP, LI-ION AND LI-POL CHARGER IC WITH AUTONOMOUS USB-PORT AND AC-ADAPTER SUPPLY MANAGEMENT (bqTINY-II)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24025 Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ24025 Datasheet HTML 7Page - Texas Instruments BQ24025 Datasheet HTML 8Page - Texas Instruments BQ24025 Datasheet HTML 9Page - Texas Instruments BQ24025 Datasheet HTML 10Page - Texas Instruments BQ24025 Datasheet HTML 11Page - Texas Instruments BQ24025 Datasheet HTML 12Page - Texas Instruments BQ24025 Datasheet HTML 13Page - Texas Instruments BQ24025 Datasheet HTML 14Page - Texas Instruments BQ24025 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
www.ti.com
Vcc>V
I(OUT)
checkedatalltimes
V
I(OUT)<V(LOWV)
Yes
No
t
(PRECHG)
Expired?
No
Yes
IndicateFault
Yes
No
Yes
t
(CHG)Expired?
No
IndicateCharge-
In-Progress
Regulate
I
O(PRECHG)
IndicateCharge-
In-Progress
RegulateCurrent
orVoltage
No
ResetandStart
t
(PRECHG) timer
POR
Yes
Resetalltimers,
Startt
(CHG) timer
I
(TERM)
detection?
No
Yes
V
I(OUT) <V(RCH)
?
No
V
I(OUT) <V(LOWV)
No
FaultCondition
Yes
Yes
IndicateDONE
Turnoffcharge
IndicateSLEEP
MODE
SLEEP MODE
V
I(OUT)<V(LOWV)
I
(TAPER)
detection?
t
(TAPER)
Expired?
No
No
Yes
Yes
No
Yes
V
I(OUT)>V(RCH)?
EnableI
(FAULT)
current
V
I(OUT) >V(RCH)?
No
Yes
Yes
DisableI
(FAULT)
current
(1) t(TAPER) doesnotapplytobq24026/7
(1)
bq24020,, bq24022,, bq24023
bq24024, bq24025, bq24026
bq24027
SLUS549D – DECEMBER 2002 – REVISED MARCH 2006
FUNCTIONAL DESCRIPTION (continued)
11
Submit Documentation Feedback


Similar Part No. - BQ24025

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24025DRCR TI-BQ24025DRCR Datasheet
301Kb / 20P
[Old version datasheet]   SINGLE-CHIP,LI-ION AND LI-POL CHARGER IC WITH AUTONOMOUS USB-PORT AND AC-ADAPTER SUPPLY MANAGEMENT
BQ24025DRCRG4 TI-BQ24025DRCRG4 Datasheet
301Kb / 20P
[Old version datasheet]   SINGLE-CHIP,LI-ION AND LI-POL CHARGER IC WITH AUTONOMOUS USB-PORT AND AC-ADAPTER SUPPLY MANAGEMENT
More results

Similar Description - BQ24025

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24020 TI-BQ24020 Datasheet
301Kb / 20P
[Old version datasheet]   SINGLE-CHIP,LI-ION AND LI-POL CHARGER IC WITH AUTONOMOUS USB-PORT AND AC-ADAPTER SUPPLY MANAGEMENT
BQ24080 TI-BQ24080 Datasheet
911Kb / 16P
[Old version datasheet]   SINGLE-CHIP, LI-ION AND LI-POL CHARGER IC
BQ24085 TI1-BQ24085_15 Datasheet
1Mb / 40P
[Old version datasheet]   Single-Chip Li-Ion and Li-Pol Charge Management IC
BQ24083 TI-BQ24083 Datasheet
1Mb / 23P
[Old version datasheet]   1-A, SINGLE-CHIP, LI-ION AND LI-POL CHARGER IC
BQ24080 TI1-BQ24080_16 Datasheet
1Mb / 26P
[Old version datasheet]   1-A, SINGLE-CHIP, LI-ION AND LI-POL CHARGER IC
BQ24081 TI-BQ24081_12 Datasheet
1Mb / 25P
[Old version datasheet]   1-A, SINGLE-CHIP, LI-ION AND LI-POL CHARGER IC
logo
Lowpower Semiconductor ...
LP28055 POWER-LP28055 Datasheet
298Kb / 7P
   1A Single-chip Li-ion and Li-POL Charger
logo
Texas Instruments
BQ24080-Q1 TI1-BQ24080-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Li-Ion and Li-Pol Automotive Charger
BQ21040 TI1-BQ21040 Datasheet
3Mb / 30P
[Old version datasheet]   Single Cell Li-Ion and Li-Pol Battery Charger
logo
Lowpower Semiconductor ...
LP28021 POWER-LP28021 Datasheet
822Kb / 11P
   1.0A Single-chip Li-ion and Li-POL Charger with OVP Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com