Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24026 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24026
Description  SINGLE-CHIP, LI-ION AND LI-POL CHARGER IC WITH AUTONOMOUS USB-PORT AND AC-ADAPTER SUPPLY MANAGEMENT (bqTINY-II)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24026 Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ24026 Datasheet HTML 3Page - Texas Instruments BQ24026 Datasheet HTML 4Page - Texas Instruments BQ24026 Datasheet HTML 5Page - Texas Instruments BQ24026 Datasheet HTML 6Page - Texas Instruments BQ24026 Datasheet HTML 7Page - Texas Instruments BQ24026 Datasheet HTML 8Page - Texas Instruments BQ24026 Datasheet HTML 9Page - Texas Instruments BQ24026 Datasheet HTML 10Page - Texas Instruments BQ24026 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
www.ti.com
bq24020,, bq24022,, bq24023
bq24024, bq24025, bq24026
bq24027
SLUS549D – DECEMBER 2002 – REVISED MARCH 2006
Terminal Functions
TERMINAL
NAME
I/O
DESCRIPTION
bq24020
bq24022
bq24023
bq24024
bq24026
bq24025
bq24027
AC
1
1
1
1
1
I
AC charge input voltage
CE
8
9
8
-
-
I
Charge enable input (active low)
Charge current set point for AC input and precharge and taper
ISET1
6
6
6
6
6
I
set point for both AC and USB
Charge current set point for USB port (high=500 mA, low=100
ISET2
7
7
7
7
7
I
mA, hi-z = disable USB charge)
OUT
10
10
10
10
10
O
Charge current output
PG
-
8
-
-
-
O
powergood status output (active low)
STAT1
3
3
3
3
3
O
Charge status output 1 (open-drain)
STAT2
4
4
4
4
4
O
Charge status output 2 (open-drain)
TE
-
-
-
-
8
I
Timer enable input (active low)
TS
9
-
-
9
9
I
Temperature sense input
TTE
-
-
9
8
-
I
Timer and termination enable input (active low)
USB
2
2
2
2
2
I
USB charge input voltage
VSS
5
5
5
5
5
-
Ground input
There is an internal electrical connection between the
exposed thermal pad and VSS pin of the device. The exposed
Exposed
thermal pad must be connected to the same potential as the
Thermal
pad
pad
pad
pad
pad
-
VSS pin on the printed circuit board. Do not use the thermal
Pad
pad as the primary ground input for the device. VSS pin
must be connected to ground at all times
7
Submit Documentation Feedback


Similar Part No. - BQ24026

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24026DRCR TI-BQ24026DRCR Datasheet
301Kb / 20P
[Old version datasheet]   SINGLE-CHIP,LI-ION AND LI-POL CHARGER IC WITH AUTONOMOUS USB-PORT AND AC-ADAPTER SUPPLY MANAGEMENT
BQ24026DRCRG4 TI-BQ24026DRCRG4 Datasheet
301Kb / 20P
[Old version datasheet]   SINGLE-CHIP,LI-ION AND LI-POL CHARGER IC WITH AUTONOMOUS USB-PORT AND AC-ADAPTER SUPPLY MANAGEMENT
More results

Similar Description - BQ24026

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24020 TI-BQ24020 Datasheet
301Kb / 20P
[Old version datasheet]   SINGLE-CHIP,LI-ION AND LI-POL CHARGER IC WITH AUTONOMOUS USB-PORT AND AC-ADAPTER SUPPLY MANAGEMENT
BQ24080 TI-BQ24080 Datasheet
911Kb / 16P
[Old version datasheet]   SINGLE-CHIP, LI-ION AND LI-POL CHARGER IC
BQ24085 TI1-BQ24085_15 Datasheet
1Mb / 40P
[Old version datasheet]   Single-Chip Li-Ion and Li-Pol Charge Management IC
BQ24083 TI-BQ24083 Datasheet
1Mb / 23P
[Old version datasheet]   1-A, SINGLE-CHIP, LI-ION AND LI-POL CHARGER IC
BQ24080 TI1-BQ24080_16 Datasheet
1Mb / 26P
[Old version datasheet]   1-A, SINGLE-CHIP, LI-ION AND LI-POL CHARGER IC
BQ24081 TI-BQ24081_12 Datasheet
1Mb / 25P
[Old version datasheet]   1-A, SINGLE-CHIP, LI-ION AND LI-POL CHARGER IC
logo
Lowpower Semiconductor ...
LP28055 POWER-LP28055 Datasheet
298Kb / 7P
   1A Single-chip Li-ion and Li-POL Charger
logo
Texas Instruments
BQ24080-Q1 TI1-BQ24080-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Li-Ion and Li-Pol Automotive Charger
BQ21040 TI1-BQ21040 Datasheet
3Mb / 30P
[Old version datasheet]   Single Cell Li-Ion and Li-Pol Battery Charger
logo
Lowpower Semiconductor ...
LP28021 POWER-LP28021 Datasheet
822Kb / 11P
   1.0A Single-chip Li-ion and Li-POL Charger with OVP Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com