Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRKTF102-08HJ Datasheet(PDF) 5 Page - International Rectifier

Part # IRKTF102-08HJ
Description  FAST THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRKTF102-08HJ Datasheet(HTML) 5 Page - International Rectifier

  IRKTF102-08HJ Datasheet HTML 1Page - International Rectifier IRKTF102-08HJ Datasheet HTML 2Page - International Rectifier IRKTF102-08HJ Datasheet HTML 3Page - International Rectifier IRKTF102-08HJ Datasheet HTML 4Page - International Rectifier IRKTF102-08HJ Datasheet HTML 5Page - International Rectifier IRKTF102-08HJ Datasheet HTML 6Page - International Rectifier IRKTF102-08HJ Datasheet HTML 7Page - International Rectifier IRKTF102-08HJ Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
IRK.F102.. Series
5
Bulletin I27097 rev. A 09/97
www.irf.com
- All dimensions in millimeters (inches)
- Dimensions are nominal
- Full engineering drawings are available
on request
- UL identification number for gate and
cathode wire: UL 1385
- UL identification number for package:
UL 94V0
Outline Table
For all types
A
B
C
D
E
IRK...1
25 (0.98)
----
----
41 (1.61)
47 (1.85)
IRK...2
23 (0.91)
30 (1.18)
36 (1.42)
----
----
IRKTF..
IRKHF..
IRKLF..
IRKUF..
IRKVF..
IRKKF..
IRKNF..
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
80
90
100
110
120
130
0
204060
80
100
120
30°
60°
90°
120°
180°
Average On-state Current (A)
Conduction Angle
IRK.F102.. Series
R
(DC) = 0.17 K/W
thJC
80
90
100
110
120
130
0
20
40
60
80 100 120 140 160 180
DC
30°
60°
90°
120°
180°
Average On-state Current (A)
Conduction Period
IRK.F102.. Series
R
(DC) = 0.17 K/W
thJC


Similar Part No. - IRKTF102-08HJ

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRKTF102-08HJ IRF-IRKTF102-08HJ Datasheet
207Kb / 8P
   FAST THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKTF102-08HJN IRF-IRKTF102-08HJN Datasheet
207Kb / 8P
   FAST THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
More results

Similar Description - IRKTF102-08HJ

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRKTF112 IRF-IRKTF112 Datasheet
141Kb / 8P
   FAST THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKTF72 IRF-IRKTF72 Datasheet
193Kb / 8P
   FAST THYRISTOR/DIODE and THYRISTOR/THYRISTOR
IRKTF82 IRF-IRKTF82 Datasheet
127Kb / 8P
   FAST THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRK.F102 IRF-IRK.F102 Datasheet
207Kb / 8P
   FAST THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
logo
Vishay Siliconix
VSKLF200-12HJ VISHAY-VSKLF200-12HJ Datasheet
1Mb / 12P
   Fast Thyristor/Diode and Thyristor
Revision: 19-Jul-10
logo
International Rectifier
IRKF132 IRF-IRKF132 Datasheet
139Kb / 8P
   FAST THYRISTOR/ DIODE and THYRISTOR
IRK.105 IRF-IRK.105 Datasheet
225Kb / 8P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKH142-12 IRF-IRKH142-12 Datasheet
391Kb / 12P
   THYRISTOR/DIODE and THYRISTOR/THYRISTOR
logo
Vishay Siliconix
VS-VSK136PBF VISHAY-VS-VSK136PBF Datasheet
412Kb / 15P
   Thyristor/Diode and Thyristor/Thyristor
Revision: 11-Apr-14
logo
International Rectifier
IRKT91-14 IRF-IRKT91-14 Datasheet
240Kb / 10P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com