Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5954AETX+ Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX5954AETX+
Description  Single PCI Express, Hot-Plug Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5954AETX+ Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX5954AETX+ Datasheet HTML 4Page - Maxim Integrated Products MAX5954AETX+ Datasheet HTML 5Page - Maxim Integrated Products MAX5954AETX+ Datasheet HTML 6Page - Maxim Integrated Products MAX5954AETX+ Datasheet HTML 7Page - Maxim Integrated Products MAX5954AETX+ Datasheet HTML 8Page - Maxim Integrated Products MAX5954AETX+ Datasheet HTML 9Page - Maxim Integrated Products MAX5954AETX+ Datasheet HTML 10Page - Maxim Integrated Products MAX5954AETX+ Datasheet HTML 11Page - Maxim Integrated Products MAX5954AETX+ Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Single PCI Express, Hot-Plug
Controller
8
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(V12VIN = V12S+ = 12V, V3.3VAUXIN = V3.3S+ = VON = VAUXON = VINPUT = 3.3V, PRES-DET = GND, FON = PORADJ = TIM = float,
FAULT = 10k
Ω to 3.3VAUXIN, PWRGD = 10kΩ to 3.3VAUXO, TA = +25°C, unless otherwise noted, see the Typical Application
Circuit.)
FAULT CONDITION ON 12V OUTPUT
MAX5954 toc22
12G
20V/div
FAULT
5V/div
12V OUTPUT CURRENT
5A/div
4ms/div
12V OUTPUT VOLTAGE
10V/div
RLOAD
STEP TO 1.5
tFAULT
FAULT CONDITION ON 3.3V OUTPUT
(LATCH OPTION MAX5954)
MAX5954 toc23
3.3G
10V/div
FAULT
5V/div
3.3V OUTPUT CURRENT
2A/div
100ms/div
3.3V OUTPUT VOLTAGE
5V/div
RLOAD STEP TO 0.5
FAULT CONDITION ON 3.3V MAIN OUTPUT
MAX5954 toc24
3.3G
10V/div
FAULT
5V/div
3.3V OUTPUT CURRENT
2A/div
4ms/div
3.3V OUTPUT VOLTAGE
5V/div
RLOAD
STEP TO 0.5
tFAULT
FAULT CONDITION ON AUXILIARY OUTPUT
(LATCH OPTION MAX5954)
MAX5954 toc25
FAULT
2V/div
3.3VAUXO OUTPUT CURRENT
500mA/div
100ms/div
3.3VAUXO OUTPUT VOLTAGE
2V/div
RLOAD STEP TO 4
FAULT CONDITION ON AUXILIARY OUTPUT
MAX5954 toc26
FAULT
2V/div
3.3VAUXO OUTPUT CURRENT
500mA/div
4ms/div
3.3VAUXO OUTPUT VOLTAGE
2V/div
RLOAD
STEP TO 4
tFAULT
SHORT CIRCUIT ON 12V OUTPUT
MAX5954 toc27
12G
20V/div
FAULT
5V/div
12V OUTPUT CURRENT
5A/div
2ms/div
12V OUTPUT VOLTAGE
10V/div


Similar Part No. - MAX5954AETX+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5950 MAXIM-MAX5950 Datasheet
552Kb / 28P
   12V PWM Controller with Hot-Swap
Rev 0; 6/06
MAX5950ETJ MAXIM-MAX5950ETJ Datasheet
552Kb / 28P
   12V PWM Controller with Hot-Swap
Rev 0; 6/06
MAX5951 MAXIM-MAX5951 Datasheet
395Kb / 25P
   12V/5V Input Buck PWM Controller
Rev 0; 5/06
MAX5951ETJ MAXIM-MAX5951ETJ Datasheet
395Kb / 25P
   12V/5V Input Buck PWM Controller
Rev 0; 5/06
MAX5952 MAXIM-MAX5952 Datasheet
613Kb / 50P
   High-Power, Quad, PSE Controller for Power-Over-Ethernet
Rev 0; 7/07
More results

Similar Description - MAX5954AETX+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5946 MAXIM-MAX5946 Datasheet
1,019Kb / 23P
   Dual PCI Express, Hot-Plug Controller
Rev 0; 11/04
logo
Renesas Technology Corp
ISL6112 RENESAS-ISL6112 Datasheet
1Mb / 30P
   Dual Slot PCI-Express Hot Plug Controller
logo
Micrel Semiconductor
MIC2591B MICREL-MIC2591B_05 Datasheet
1Mb / 34P
   Dual-Slot PCI Express Hot-Plug Controller
MIC2592B MICREL-MIC2592B Datasheet
1Mb / 31P
   Dual-Slot PCI Express Hot-Plug Controller
MIC2592B MICREL-MIC2592B_05 Datasheet
1Mb / 31P
   Dual-Slot PCI Express Hot-Plug Controller
MIC2341 MICREL-MIC2341 Datasheet
1Mb / 32P
   Dual-Slot PCI Express Hot-Plug Controller
MIC2591B MICREL-MIC2591B Datasheet
1Mb / 34P
   Dual-Slot PCI Express Hot-Plug Controller
logo
Intersil Corporation
HIP1011B INTERSIL-HIP1011B_04 Datasheet
237Kb / 9P
   PCI Hot Plug Controller
logo
Renesas Technology Corp
HIP1011 RENESAS-HIP1011 Datasheet
408Kb / 8P
   PCI Hot Plug Controller
logo
Texas Instruments
HPC3130 TI-HPC3130 Datasheet
555Kb / 40P
[Old version datasheet]   PCI HOT PLUG CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com