Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33941 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MC33941
Description  Electric Field Imaging Device
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33941 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MC33941 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC33941 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC33941 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC33941 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC33941 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33941 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33941 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33941 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33941 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MC33941
Sensors
4
Freescale Semiconductor
Table 2. Static Electrical Characteristics
Characteristics noted under conditions 5.5 V ≤ VSUP ≤ 18 V, 0°C ≤ TA ≤ 110°C, GND = 0 V unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
SUPPLY (VPWR)
Supply Voltage
VPWR
9.0
12
18
V
IDD (VPWR = 14V)
(Quiescent supply current measured over temperature. Assumes
that no external devices connected to internal voltage regulators)
IDD
6.0
7.0
8.0
mA
VOLTAGE REGULATOR
5V Regulator Voltage
7.0 V
VPWR 18 V, 1.0 mA IL 75 mA, CFILT = 47 µF
VCCCAP
4.75
5
5.25
V
ELECTRODE SIGNALS (E1–E7)
Total Variance Between Electrode Measurements (5)
All CLOAD = 15 pF
ELVVAR
3.0
%
Electrode Maximum Harmonic Level Below Fundamental (5)
5.0 pF ≤ CLOAD ≤ 150 pF
ELHARM
-20
dB
Electrode Transmit Output Range
5.0 pF ≤ CLOAD ≤ 150 pF
ELTXV
1.0
8.0
V
Receive Input Voltage Range
RXV
0
9.0
V
Grounding Switch on Voltage(6)
ISW = 1.0 mA
SWVON
5.0
V
LOGIC I/O (C, B, A)
CMOS Logic Input Low Threshold
VTHL
0.3
VCC
Logic Input High Threshold
VTHH
0.7
VCC
Voltage Hysteresis
VHYS
0.06
VCC
Input Current
VIN = VCC
VIN = 0 V
IIN
10
-5.0
50
5.0
µA
SIGNAL DETECTOR (LPCAP)
Detector Output Resistance
DETRO
50
kΩ
LPCAP to LEVEL Gain
AREC
3.6
4.0
4.4
AV
LPCAP to LEVEL Offset
VRECOFF
-3.3
-3.0
-2.7
V
Notes
5.
Verified by design and characterization. Not tested in production.
6.
Current into grounded terminal under test = 1.0 mA.


Similar Part No. - MC33941

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33941 FREESCALE-MC33941 Datasheet
229Kb / 11P
   Electric Field Imaging Device
logo
NXP Semiconductors
MC33941 NXP-MC33941 Datasheet
269Kb / 11P
   Electric Field Imaging Device
Rev. 4
MC33941EG NXP-MC33941EG Datasheet
269Kb / 11P
   Electric Field Imaging Device
Rev. 4
MC33941EGR2 NXP-MC33941EGR2 Datasheet
269Kb / 11P
   Electric Field Imaging Device
Rev. 4
logo
Freescale Semiconductor...
MC33941 FREESCALE-MC33941_08 Datasheet
229Kb / 11P
   Electric Field Imaging Device
More results

Similar Description - MC33941

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33794 FREESCALE-MC33794 Datasheet
390Kb / 18P
   Electric Field Imaging Device
logo
Motorola, Inc
MC33794 MOTOROLA-MC33794 Datasheet
491Kb / 20P
   Electric Field Imaging Device
logo
NXP Semiconductors
MC33941 NXP-MC33941 Datasheet
269Kb / 11P
   Electric Field Imaging Device
Rev. 4
MC33794 NXP-MC33794 Datasheet
461Kb / 18P
   Electric Field Imaging Device
Rev 9, 11/2006
logo
Freescale Semiconductor...
MC34940 FREESCALE-MC34940 Datasheet
298Kb / 9P
   Electric Field Imaging Device
MC33941 FREESCALE-MC33941_08 Datasheet
229Kb / 11P
   Electric Field Imaging Device
logo
Vaisala
EFM550 VAISALA-EFM550 Datasheet
1Mb / 2P
   Thunderstorm Electric Field Mill EFM550
logo
DATEL, Inc.
ADCDS-1403EX-C DATEL-ADCDS-1403EX-C Datasheet
101Kb / 1P
   Electronic Imaging
ADS-CCD1201-C883 DATEL-ADS-CCD1201-C883 Datasheet
101Kb / 1P
   Electronic Imaging
ADS-CCD1201G883 DATEL-ADS-CCD1201G883 Datasheet
102Kb / 1P
   Electronic Imaging
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com