Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGB3NB60KD Datasheet(PDF) 3 Page - STMicroelectronics

Part # STGB3NB60KD
Description  N-CHANNEL 6A - 600V - TO-220/TO-220FP/D2PAK SHORT CIRCUIT PROOF PowerMESH TM IGBT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGB3NB60KD Datasheet(HTML) 3 Page - STMicroelectronics

  STGB3NB60KD Datasheet HTML 1Page - STMicroelectronics STGB3NB60KD Datasheet HTML 2Page - STMicroelectronics STGB3NB60KD Datasheet HTML 3Page - STMicroelectronics STGB3NB60KD Datasheet HTML 4Page - STMicroelectronics STGB3NB60KD Datasheet HTML 5Page - STMicroelectronics STGB3NB60KD Datasheet HTML 6Page - STMicroelectronics STGB3NB60KD Datasheet HTML 7Page - STMicroelectronics STGB3NB60KD Datasheet HTML 8Page - STMicroelectronics STGB3NB60KD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3/12
STGP3NB60KD-STGP3NB60KDFP-STGB3NB60KD
SWITCHING PARAMETERS
COLLECTOR-EMITTER DIODE
Note: 1. Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %.
(**)Losses include Also the Tail (Jedec Standardization)
(#) Calculated according to the iterative formula:
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
gfs (1)
Forward Transconductance
VCE =25V,Ic= 3A
2.4
S
Cies
Coes
Cres
Input Capacitance
Output Capacitance
Reverse Transfer
Capacitance
VCE =25V,f= 1MHz,VGE = 0
220
50
5.8
pF
pF
pF
Qg
Qge
Qgc
Total Gate Charge
Gate-Emitter Charge
Gate-Collector Charge
VCE = 480V, IC =3A,
VGE = 15V
14
3.3
7.5
18
nC
nC
nC
tscw
Short Circuit Withstand Time
Vce =0.5 VBR(CES),VGE=15V,
Tj = 125°C, RG =10 Ω
10
µs
td(on)
tr
Turn-on Delay Time
Rise Time
VCC = 480 V, IC =3 A
RG =10Ω,VGE =15 V
14
5
ns
ns
(di/dt)on
Eon
Turn-on Current Slope
Turn-on Switching Losses
VCC= 480 V, IC =3 ARG=10Ω
VGE =15 V,Tj=125°C
520
30
A/µs
µJ
tc
tr(Voff)
td(off)
tf
Eoff(**)
Ets
Cross-over Time
Off Voltage Rise Time
Delay Time
Fall Time
Turn-off Switching Loss
Total Switching Loss
Vcc =480 V, IC =3 A,
RGE =10 Ω ,VGE =15 V
Tj = 25 °C
90
20
33
100
58
85
ns
ns
ns
ns
µJ
µJ
tc
tr(Voff)
td(off)
tf
Eoff(**)
Ets
Cross-over Time
Off Voltage Rise Time
Delay Time
Fall Time
Turn-off Switching Loss
Total Switching Loss
Vcc =480 V, IC =3 A,
RGE =10 Ω ,VGE =15 V
Tj = 125 °C
190
54
90
130
111
195
ns
ns
ns
ns
µJ
µJ
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
If
Ifm
Forward Current
Forward Current Pulsed
3
24
A
A
Vf
Forward On-Voltage
If =1.5 A
If =1.5 A, Tj =125 °C
1.2
0.95
1.8
V
V
trr
Qrr
Irrm
Reverse Recovery Time
Reverse Recovery Charge
Reverse Recovery Current
If =3A ,VR =35 V,
Tj =125°C, di/dt = 100A/
µs
45
70
2.7
ns
nC
A
I
C TC
()
T
JMAX
T
C
R
THJ
C
V
CES AT MAX
() TC IC
,
()
×
--------------------------------------------------------------------------------------
=


Similar Part No. - STGB3NB60KD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGB3NB60FD STMICROELECTRONICS-STGB3NB60FD Datasheet
732Kb / 14P
   N-CHANNEL 3A - 600V - TO-220/TO-220FP/DPAK/D2PAK PowerMESH??IGBT
STGB3NB60HD STMICROELECTRONICS-STGB3NB60HD Datasheet
91Kb / 8P
   N-CHANNEL 3A - 600V TO-263 PowerMESH IGBT
STGB3NB60HD STMICROELECTRONICS-STGB3NB60HD Datasheet
586Kb / 12P
   N-CHANNEL 3A - 600V - TO-220/TO-220FP/D2PAK PowerMESH TM IGBT
STGB3NB60HDT4 STMICROELECTRONICS-STGB3NB60HDT4 Datasheet
586Kb / 12P
   N-CHANNEL 3A - 600V - TO-220/TO-220FP/D2PAK PowerMESH TM IGBT
STGB3NB60HD STMICROELECTRONICS-STGB3NB60HD_03 Datasheet
586Kb / 12P
   N-CHANNEL 3A - 600V - TO-220/TO-220FP/D2PAK PowerMESH TM IGBT
More results

Similar Description - STGB3NB60KD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGB14NC60KD STMICROELECTRONICS-STGB14NC60KD_06 Datasheet
833Kb / 17P
   N-channel 14A - 600V - TO-220 - TO-220FP - D2PAK Short circuit rated PowerMESH TM IGBT
STGP7NB60KD STMICROELECTRONICS-STGP7NB60KD Datasheet
330Kb / 12P
   N-CHANNEL 7A - 600V - TO-220/TO-220FP/D2PAK SHORT CIRCUIT RATED PowerMESH TM IGBT
STGF10NC60KD STMICROELECTRONICS-STGF10NC60KD_07 Datasheet
526Kb / 17P
   N-channel 600V - 10A - D2PAK / TO-220 / TO-220FP Short circuit rated PowerMESH TM IGBT
STGP12NB60KD STMICROELECTRONICS-STGP12NB60KD Datasheet
531Kb / 11P
   N-CHANNEL 18A - 600V TO-220/D2PAK SHORT CIRCUIT PROOF PowerMESH IGBT
STGP10NB60S STMICROELECTRONICS-STGP10NB60S_05 Datasheet
387Kb / 13P
   N-CHANNEL 10A - 600V - TO-220/TO-220FP/D2PAK PowerMESH TM IGBT
STGB3NB60HD STMICROELECTRONICS-STGB3NB60HD_03 Datasheet
586Kb / 12P
   N-CHANNEL 3A - 600V - TO-220/TO-220FP/D2PAK PowerMESH TM IGBT
STGP10NC60KD STMICROELECTRONICS-STGP10NC60KD Datasheet
379Kb / 17P
   N-channel 600V - 10A - D2PAK / TO-220 / TO-220FP Short circuit rated PowerMESH IGBT
STGP14NC60KD STMICROELECTRONICS-STGP14NC60KD Datasheet
456Kb / 14P
   N-CHANNEL 14A - 600V - TO-220/TO-220FP/D2PAK SHORT CIRCUIT RATED PowerMESH IGBT
STGB6NC60HD STMICROELECTRONICS-STGB6NC60HD Datasheet
406Kb / 17P
   N-channel 600V - 7A - D2PAK / TO-220 / TO-220FP Very fast PowerMESH TM IGBT
STGP12NB60K STMICROELECTRONICS-STGP12NB60K Datasheet
906Kb / 9P
   N-CHANNEL 18A - 600V TO-220 SHORT CIRCUIT PROOF PowerMESH??IGBT
December 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com