Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGB10NC60K Datasheet(PDF) 6 Page - STMicroelectronics

Part # STGB10NC60K
Description  N-channel 600V - 10A - D2PAK / TO-220 / DPAK Short circuit rated PowerMESH TM IGBT
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGB10NC60K Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STGB10NC60K_07 Datasheet HTML 2Page - STMicroelectronics STGB10NC60K_07 Datasheet HTML 3Page - STMicroelectronics STGB10NC60K_07 Datasheet HTML 4Page - STMicroelectronics STGB10NC60K_07 Datasheet HTML 5Page - STMicroelectronics STGB10NC60K_07 Datasheet HTML 6Page - STMicroelectronics STGB10NC60K_07 Datasheet HTML 7Page - STMicroelectronics STGB10NC60K_07 Datasheet HTML 8Page - STMicroelectronics STGB10NC60K_07 Datasheet HTML 9Page - STMicroelectronics STGB10NC60K_07 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Electrical characteristics
STGB10NC60K - STGP10NC60K - STGD10NC60K
6/17
2.1
Electrical characteristics (curves)
Figure 1.
Output characteristics
Figure 2.
Transfer characteristics
Figure 3.
Transconductance
Figure 4.
Collector-emitter on voltage vs
temperature
Figure 5.
Gate charge vs gate-source voltage Figure 6.
Capacitance variations


Similar Part No. - STGB10NC60K_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGB10NC60KD STMICROELECTRONICS-STGB10NC60KD Datasheet
379Kb / 17P
   N-channel 600V - 10A - D2PAK / TO-220 / TO-220FP Short circuit rated PowerMESH IGBT
STGB10NC60KD STMICROELECTRONICS-STGB10NC60KD Datasheet
526Kb / 17P
   N-channel 600V - 10A - D2PAK / TO-220 / TO-220FP Short circuit rated PowerMESH TM IGBT
STGB10NC60KD STMICROELECTRONICS-STGB10NC60KD Datasheet
613Kb / 20P
   10 A, 600 V short-circuit rugged IGBT
STGB10NC60KDT4 STMICROELECTRONICS-STGB10NC60KDT4 Datasheet
379Kb / 17P
   N-channel 600V - 10A - D2PAK / TO-220 / TO-220FP Short circuit rated PowerMESH IGBT
STGB10NC60KDT4 STMICROELECTRONICS-STGB10NC60KDT4 Datasheet
526Kb / 17P
   N-channel 600V - 10A - D2PAK / TO-220 / TO-220FP Short circuit rated PowerMESH TM IGBT
More results

Similar Description - STGB10NC60K_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGF10NC60KD STMICROELECTRONICS-STGF10NC60KD_07 Datasheet
526Kb / 17P
   N-channel 600V - 10A - D2PAK / TO-220 / TO-220FP Short circuit rated PowerMESH TM IGBT
STGD10NC60KD STMICROELECTRONICS-STGD10NC60KD Datasheet
467Kb / 15P
   N-channel 600V - 10A - DPAK Short circuit rated PowerMESH TM IGBT
STGB14NC60K STMICROELECTRONICS-STGB14NC60K_06 Datasheet
435Kb / 16P
   N-channel 14A - 600V -DPAK - D2PAK Short circuit rated PowerMESH TM IGBT
STGB8NC60K STMICROELECTRONICS-STGB8NC60K Datasheet
448Kb / 17P
   N-channel 600V - 8A - D2PAK / DPAK / TO-220 Short circuit rated PowerMESH IGBT
STGD7NB60K STMICROELECTRONICS-STGD7NB60K_07 Datasheet
341Kb / 15P
   N-channel 600V - 7A - TO-220 / DPAK Short circuit rated PowerMESH TM IGBT
STGP7NB60K STMICROELECTRONICS-STGP7NB60K_07 Datasheet
341Kb / 15P
   N-channel 600V - 7A - TO-220 / DPAK Short circuit rated PowerMESH TM IGBT
STGP10NC60KD STMICROELECTRONICS-STGP10NC60KD Datasheet
379Kb / 17P
   N-channel 600V - 10A - D2PAK / TO-220 / TO-220FP Short circuit rated PowerMESH IGBT
STGB14NC60KD STMICROELECTRONICS-STGB14NC60KD_06 Datasheet
833Kb / 17P
   N-channel 14A - 600V - TO-220 - TO-220FP - D2PAK Short circuit rated PowerMESH TM IGBT
STGP7NB60KD STMICROELECTRONICS-STGP7NB60KD Datasheet
330Kb / 12P
   N-CHANNEL 7A - 600V - TO-220/TO-220FP/D2PAK SHORT CIRCUIT RATED PowerMESH TM IGBT
STGP10NB60S STMICROELECTRONICS-STGP10NB60S_05 Datasheet
387Kb / 13P
   N-CHANNEL 10A - 600V - TO-220/TO-220FP/D2PAK PowerMESH TM IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com