Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGB14NC60K Datasheet(PDF) 4 Page - STMicroelectronics

Part # STGB14NC60K
Description  N-channel 14A - 600V -DPAK - D2PAK Short circuit rated PowerMESH TM IGBT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGB14NC60K Datasheet(HTML) 4 Page - STMicroelectronics

  STGB14NC60K Datasheet HTML 1Page - STMicroelectronics STGB14NC60K Datasheet HTML 2Page - STMicroelectronics STGB14NC60K Datasheet HTML 3Page - STMicroelectronics STGB14NC60K Datasheet HTML 4Page - STMicroelectronics STGB14NC60K Datasheet HTML 5Page - STMicroelectronics STGB14NC60K Datasheet HTML 6Page - STMicroelectronics STGB14NC60K Datasheet HTML 7Page - STMicroelectronics STGB14NC60K Datasheet HTML 8Page - STMicroelectronics STGB14NC60K Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Electrical characteristics
STGB14NC60K - STGD14NC60K
4/16
2
Electrical characteristics
(TCASE=25°C unless otherwise specified)
Table 3.
Static
Symbol
Parameter
Test condictions
Min.
Typ.
Max. Unit
VBR(CES)
Collector-emitter breakdown
voltage
IC= 1mA, VGE= 0
600
V
IGES
Gate-emitter leakage
current (VCE = 0)
VGE= ±20V , VCE= 0
±100
nA
ICES
Collector cut-off current
(VGE = 0)
VCE= Max rating, TC= 25°C
VCE= Max rating, TC= 125°C
150
1
µA
mA
VGE(th)
Gate threshold voltage
VCE= VGE, IC= 250µA
4.5
6.5
V
VCE(SAT)
Collector-emitter saturation
voltage
VGE= 15V, IC= 7A
VGE= 15V, IC= 7A, Tc= 125°C
2.0
1.8
2.5
V
V
gfs
(1)
1.
Pulsed: Pulse duration = 300 µs, duty cycle 1.5%
Forward transconductance
VCE = 15V , IC = 7A
3
S
Table 4.
Dynamic
Symbol
Parameter
Test condictions
Min.
Typ.
Max.
Unit
Cies
Coes
Cres
Input capacitance
Output capacitance
Reverse transfer
capacitance
VCE = 25V, f = 1 MHz, VGE= 0
760
86
15.5
pF
pF
pF
Qg
Qge
Qgc
Total gate charge
Gate-emitter charge
Gate-collector charge
VCE = 390V, IC = 7A,
VGE = 15V
(see Figure 17)
34.4
8.1
16.4
nC
nC
nC


Similar Part No. - STGB14NC60K

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGB14NC60KD STMICROELECTRONICS-STGB14NC60KD Datasheet
456Kb / 14P
   N-CHANNEL 14A - 600V - TO-220/TO-220FP/D2PAK SHORT CIRCUIT RATED PowerMESH IGBT
STGB14NC60KD STMICROELECTRONICS-STGB14NC60KD Datasheet
833Kb / 17P
   N-channel 14A - 600V - TO-220 - TO-220FP - D2PAK Short circuit rated PowerMESH TM IGBT
STGB14NC60KD STMICROELECTRONICS-STGB14NC60KD Datasheet
455Kb / 16P
   14 A - 600 V - short circuit rugged IGBT
STGB14NC60KD STMICROELECTRONICS-STGB14NC60KD Datasheet
543Kb / 16P
   14 A, 600 V - short-circuit rugged IGBT
STGB14NC60KDT4 STMICROELECTRONICS-STGB14NC60KDT4 Datasheet
456Kb / 14P
   N-CHANNEL 14A - 600V - TO-220/TO-220FP/D2PAK SHORT CIRCUIT RATED PowerMESH IGBT
More results

Similar Description - STGB14NC60K

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGB10NC60K STMICROELECTRONICS-STGB10NC60K_07 Datasheet
599Kb / 17P
   N-channel 600V - 10A - D2PAK / TO-220 / DPAK Short circuit rated PowerMESH TM IGBT
STGD10NC60KD STMICROELECTRONICS-STGD10NC60KD Datasheet
467Kb / 15P
   N-channel 600V - 10A - DPAK Short circuit rated PowerMESH TM IGBT
STGB14NC60KD STMICROELECTRONICS-STGB14NC60KD_06 Datasheet
833Kb / 17P
   N-channel 14A - 600V - TO-220 - TO-220FP - D2PAK Short circuit rated PowerMESH TM IGBT
STGB8NC60K STMICROELECTRONICS-STGB8NC60K Datasheet
448Kb / 17P
   N-channel 600V - 8A - D2PAK / DPAK / TO-220 Short circuit rated PowerMESH IGBT
STGP14NC60KD STMICROELECTRONICS-STGP14NC60KD Datasheet
456Kb / 14P
   N-CHANNEL 14A - 600V - TO-220/TO-220FP/D2PAK SHORT CIRCUIT RATED PowerMESH IGBT
STGD7NB60K STMICROELECTRONICS-STGD7NB60K_07 Datasheet
341Kb / 15P
   N-channel 600V - 7A - TO-220 / DPAK Short circuit rated PowerMESH TM IGBT
STGP7NB60K STMICROELECTRONICS-STGP7NB60K_07 Datasheet
341Kb / 15P
   N-channel 600V - 7A - TO-220 / DPAK Short circuit rated PowerMESH TM IGBT
STGP7NB60KD STMICROELECTRONICS-STGP7NB60KD Datasheet
330Kb / 12P
   N-CHANNEL 7A - 600V - TO-220/TO-220FP/D2PAK SHORT CIRCUIT RATED PowerMESH TM IGBT
STGF10NC60KD STMICROELECTRONICS-STGF10NC60KD_07 Datasheet
526Kb / 17P
   N-channel 600V - 10A - D2PAK / TO-220 / TO-220FP Short circuit rated PowerMESH TM IGBT
STGD3NB60HD STMICROELECTRONICS-STGD3NB60HD Datasheet
504Kb / 10P
   N-CHANNEL 6A - 600V - DPAK PowerMESH TM IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com