Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS72518DCQ Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS72518DCQ
Description  LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS72518DCQ Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS72518DCQ Datasheet HTML 5Page - Texas Instruments TPS72518DCQ Datasheet HTML 6Page - Texas Instruments TPS72518DCQ Datasheet HTML 7Page - Texas Instruments TPS72518DCQ Datasheet HTML 8Page - Texas Instruments TPS72518DCQ Datasheet HTML 9Page - Texas Instruments TPS72518DCQ Datasheet HTML 10Page - Texas Instruments TPS72518DCQ Datasheet HTML 11Page - Texas Instruments TPS72518DCQ Datasheet HTML 12Page - Texas Instruments TPS72518DCQ Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
www.ti.com
APPLICATION INFORMATION
External Capacitor Requirements
Programming the TPS72501 Adjustable LDO Regulator
V
O +
V
ref
1 )
R1
R2
(1)
R1 +
V
O
V
ref
* 1
R2
(2)
VO
VI
OUT
FB
R1
R2
GND
EN
IN
TPS72501
1
µF
Co
OUTPUT VOLTAGE
PROGRAMMING GUIDE
(Standard 1% Resistor Values)
PROGRAM
VOLTAGE
R1 (K
Ω) R2 (kΩ)
1.8 V
2.5 V
3.3 V
3.6 V
ACTUAL
VOLTAGE
56.2
127
196
205
118
121
115
105
1.801
2.500
3.299
3.602
1.22 V
≤ 0.4 V
≥ 1.3 V
TPS72501
TPS72515, TPS72516
TPS72518, TPS72525
SLVS341D – MAY 2002 – REVISED MARCH 2004
The TPS725xx family of low-dropout (LDO) regulators has numerous features that make it applicable to a wide
range of applications. The family operates with very low input voltage (
≥1.8 V) and low dropout voltage (typically
200 mV at full load), making it an efficient stand-alone power supply or post regulator for battery or switch mode
power supplies. Both the active low RESET and 1-A output current make the TPS725xx family ideal for powering
processor and FPGA supplies. The TPS725xx family also has low output noise (typically 150 µVRMS with 10-µF
output capacitor), making it ideal for use in telecom equipment.
A 1-µF or larger ceramic input bypass capacitor, connected between IN and GND and located close to the
TPS725xx, is required for stability. To improve transient response, noise rejection, and ripple rejection, an
additional 10-µF or larger, low ESR capacitor is recommended. A higher-value, low ESR input capacitor may be
necessary if large, fast-rise-time load transients are anticipated and the device is located several inches from the
power source, especially if the minimum input voltage of 1.8 V is used.
Although an output capacitor is not required for stability, transient response and output noise are improved with a
10-µF output capacitor.
The output voltage of the TPS72501 adjustable regulator is programmed using an external resistor divider as
shown in Figure 19. The output voltage is calculated using:
Where:
VFB = VREF = 1.22 V typical (see the electrical characteristics for VREF range)
Resistors R1 and R2 should be chosen for approximately 10-µA divider current. Lower value resistors offer no
inherent advantage and waste more power. Higher values should be avoided as leakage currents at FB increase
the output voltage error. The recommended design procedure is to choose R2 = 120 k
Ω to set the divider current
at 10 µA and then calculate R1 using:
Figure 19. TPS72501 Adjustable LDO Regulator Programming
9


Similar Part No. - TPS72518DCQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS72518DCQ TI-TPS72518DCQ Datasheet
535Kb / 18P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72518DCQ TI1-TPS72518DCQ Datasheet
1Mb / 29P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72518DCQG4 TI1-TPS72518DCQG4 Datasheet
1Mb / 29P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72518DCQR TI1-TPS72518DCQR Datasheet
1Mb / 29P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72518DCQRG4 TI1-TPS72518DCQRG4 Datasheet
1Mb / 29P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
More results

Similar Description - TPS72518DCQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS726126 TI-TPS726126 Datasheet
445Kb / 16P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72501 TI1-TPS72501_16 Datasheet
1Mb / 29P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72615 TI-TPS72615 Datasheet
441Kb / 15P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS726126 TI1-TPS726126_16 Datasheet
992Kb / 23P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72501 TI-TPS72501_15 Datasheet
1,010Kb / 29P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72616DCQRG4 TI-TPS72616DCQRG4 Datasheet
740Kb / 23P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72501 TI-TPS72501 Datasheet
535Kb / 18P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
logo
ams AG
AS1353 AMSCO-AS1353_04 Datasheet
726Kb / 14P
   Linear Low-Dropout 150mA Voltage Regulators
AS1353 AMSCO-AS1353 Datasheet
80Kb / 2P
   Linear Low-Dropout 150mA Voltage Regulators
logo
Unisonic Technologies
LD3117 UTC-LD3117 Datasheet
219Kb / 4P
   500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com