Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGW35NB60SD Datasheet(PDF) 10 Page - STMicroelectronics

Part # STGW35NB60SD
Description  N-CHANNEL 35A - 600V - TO-247 Low Drop PowerMESH TM IGBT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW35NB60SD Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STGW35NB60SD Datasheet HTML 5Page - STMicroelectronics STGW35NB60SD Datasheet HTML 6Page - STMicroelectronics STGW35NB60SD Datasheet HTML 7Page - STMicroelectronics STGW35NB60SD Datasheet HTML 8Page - STMicroelectronics STGW35NB60SD Datasheet HTML 9Page - STMicroelectronics STGW35NB60SD Datasheet HTML 10Page - STMicroelectronics STGW35NB60SD Datasheet HTML 11Page - STMicroelectronics STGW35NB60SD Datasheet HTML 12Page - STMicroelectronics STGW35NB60SD Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
4 Package mechanical data
STGW35NB60SD
10/13
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect . The category of
second level interconnect is marked on the package and on the inner box label, in compliance
with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also
marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are
available at: www.st.com


Similar Part No. - STGW35NB60SD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW35NB60S STMICROELECTRONICS-STGW35NB60S Datasheet
274Kb / 13P
   N-channel 35A - 600V - TO-247 Low drop PowerMESH??IGBT
March 2007 Rev 1
More results

Similar Description - STGW35NB60SD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW35NB60S STMICROELECTRONICS-STGW35NB60S Datasheet
274Kb / 13P
   N-channel 35A - 600V - TO-247 Low drop PowerMESH??IGBT
March 2007 Rev 1
STGP10NB60SD STMICROELECTRONICS-STGP10NB60SD Datasheet
242Kb / 12P
   N-CHANNEL 10A - 600V - TO-220 Low Drop PowerMESH TM IGBT
STGW12NB60H STMICROELECTRONICS-STGW12NB60H Datasheet
86Kb / 8P
   N-CHANNEL 12A - 600V TO-247 PowerMESH IGBT
STGW30NB60HD STMICROELECTRONICS-STGW30NB60HD Datasheet
91Kb / 8P
   N-CHANNEL 30A - 600V TO-247 PowerMESH IGBT
STGW39NC60VD STMICROELECTRONICS-STGW39NC60VD_06 Datasheet
285Kb / 13P
   N-channel 40A - 600V - TO-247 Very fast switching PowerMESH TM IGBT
STGW12NB60HD STMICROELECTRONICS-STGW12NB60HD Datasheet
90Kb / 8P
   N-CHANNEL 12A - 600V TO-247 PowerMESH IGBT
STGW20NB60H STMICROELECTRONICS-STGW20NB60H Datasheet
85Kb / 8P
   N-CHANNEL 20A - 600V TO-247 PowerMESH IGBT
STGW20NB60HD STMICROELECTRONICS-STGW20NB60HD Datasheet
90Kb / 8P
   N-CHANNEL 20A - 600V TO-247 PowerMESH IGBT
STGW30NB60H STMICROELECTRONICS-STGW30NB60H Datasheet
86Kb / 8P
   N-CHANNEL 30A - 600V TO-247 PowerMESH IGBT
STGW50NB60H STMICROELECTRONICS-STGW50NB60H Datasheet
50Kb / 5P
   N-CHANNEL 50A - 600V TO-247 PowerMESH IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com