Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS72501D Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS72501D
Description  LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS72501D Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS72501D Datasheet HTML 3Page - Texas Instruments TPS72501D Datasheet HTML 4Page - Texas Instruments TPS72501D Datasheet HTML 5Page - Texas Instruments TPS72501D Datasheet HTML 6Page - Texas Instruments TPS72501D Datasheet HTML 7Page - Texas Instruments TPS72501D Datasheet HTML 8Page - Texas Instruments TPS72501D Datasheet HTML 9Page - Texas Instruments TPS72501D Datasheet HTML 10Page - Texas Instruments TPS72501D Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
1.785
1.795
1.805
−40−25 −10 5 20 35
50 65 80 95 110 125
1.790
1.800
VI = 2.8 V
Co = 1 µF
TJ − Junction Temperature − °C
IO = 1 A
IO = 0 mA
0
0.2
0.4
0.8
IO − Output Current − A
1
0.6
VI = 2.8 V
Co = 1 µF
TJ = 25° C
1.7985
1.799
1.7995
1.8
1.8005
1.801
1.8015
0
50
100
150
200
250
−40 −25 −10 5
20 35 50 65 80 95 110 125
TJ − Junction Temperature − °C
IO = 0 mA
VI = 2.8 V
Co = 1 µF
TJ = 25° C
IO = 1 A
0
50
100
150
200
250
300
0
0.2
0.4
0.6
0.8
1
TJ = 125°C
TJ = 25°C
TJ = −40°C
IO − Output Current − A
VO = 2.5 V (nom)
−40 −25 −10 5
20 35 50 65 80 95 110 125
IO = 1 A
IO = 10 mA
VO = 1.7 V
Co = 1 µF
TJ − Junction Temperature − °C
0
50
100
150
200
250
300
0
25
50
75
100
125
150
175
200
0.01
0.1
1
10
100
1000
IO − Output Current − mA
VO = 2.8 V
Co = 10 µF
Ci = 1 µF
t − Time −
µs
0
5
10
15 20
25
30 35
40
45 50
0
0.5
1
−100
0
100
t − Time −
µs
100
−100
0
50 100 150 200 250 300
2.8
350 400 450 500
3.8
0
IO = 1 A
Co = 10 µF
1.5
2
2.5
3
3.5
4
4.5
1.5
2
2.5
3
3.5
4
4.5
TJ = 25°C
TJ = 125°C
TJ = −40°C
VO − Output Voltage − V
TPS72501
TPS72515, TPS72516
TPS72518, TPS72525
SLVS341D – MAY 2002 – REVISED MARCH 2004
TPS72518
TPS72518
TPS72518
OUTPUT VOLTAGE
OUTPUT VOLTAGE
GROUND CURRENT
vs
vs
vs
OUTPUT CURRENT
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
Figure 1.
Figure 2.
Figure 3.
TPS72518
TPS72525
TPS72518
GROUND CURRENT
DC DROPOUT VOLTAGE
DROPOUT VOLTAGE
vs
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
JUNCTION TEMPERATURE
Figure 4.
Figure 5.
Figure 6.
MINIMUM REQUIRED
INPUT VOLTAGE
vs
TPS72518
TPS72518
OUTPUT VOLTAGE
LINE TRANSIENT RESPONSE
LOAD TRANSIENT RESPONSE
Figure 7.
Figure 8.
Figure 9.
7


Similar Part No. - TPS72501D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS72501D TI1-TPS72501D Datasheet
1Mb / 29P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72501DCQ TI-TPS72501DCQ Datasheet
535Kb / 18P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72501DCQ TI1-TPS72501DCQ Datasheet
1Mb / 29P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72501DCQG4 TI1-TPS72501DCQG4 Datasheet
1Mb / 29P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72501DCQR TI1-TPS72501DCQR Datasheet
1Mb / 29P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
More results

Similar Description - TPS72501D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS726126 TI-TPS726126 Datasheet
445Kb / 16P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72501 TI1-TPS72501_16 Datasheet
1Mb / 29P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72615 TI-TPS72615 Datasheet
441Kb / 15P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS726126 TI1-TPS726126_16 Datasheet
992Kb / 23P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72501 TI-TPS72501_15 Datasheet
1,010Kb / 29P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72616DCQRG4 TI-TPS72616DCQRG4 Datasheet
740Kb / 23P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72501 TI-TPS72501 Datasheet
535Kb / 18P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
logo
ams AG
AS1353 AMSCO-AS1353_04 Datasheet
726Kb / 14P
   Linear Low-Dropout 150mA Voltage Regulators
AS1353 AMSCO-AS1353 Datasheet
80Kb / 2P
   Linear Low-Dropout 150mA Voltage Regulators
logo
Unisonic Technologies
LD3117 UTC-LD3117 Datasheet
219Kb / 4P
   500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com