Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS72515DCQRG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS72515DCQRG4
Description  LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS72515DCQRG4 Datasheet(HTML) 3 Page - Texas Instruments

  TPS72515DCQRG4 Datasheet HTML 1Page - Texas Instruments TPS72515DCQRG4 Datasheet HTML 2Page - Texas Instruments TPS72515DCQRG4 Datasheet HTML 3Page - Texas Instruments TPS72515DCQRG4 Datasheet HTML 4Page - Texas Instruments TPS72515DCQRG4 Datasheet HTML 5Page - Texas Instruments TPS72515DCQRG4 Datasheet HTML 6Page - Texas Instruments TPS72515DCQRG4 Datasheet HTML 7Page - Texas Instruments TPS72515DCQRG4 Datasheet HTML 8Page - Texas Instruments TPS72515DCQRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
www.ti.com
Line regulation (mV)
+ % V
V
O
5.5 V
* VImin
100
1000
PACKAGE DISSIPATION RATINGS
ELECTRICAL CHARACTERISTICS
TPS72501
TPS72515, TPS72516
TPS72518, TPS72525
SLVS341D – MAY 2002 – REVISED MARCH 2004
PACKAGE
BOARD
RθJC
RθJA
DDPAK
High K(1)
2
°C/W
23
°C/W
SOT223
Low K(2)
15
°C/W
53
°C/W
D-8
High K(1)
39.4
°C/W
55
°C/W
(1)
The JEDEC high-K (2s2p) board design used to derive this data was a 3-inch x 3-inch (7.5-cm x 7.5-cm), multilayer board with 1 ounce
internal power and ground planes and 2 ounce copper traces on top and bottom of the board.
(2)
The JEDEC low-K (1s) board design used to derive this data was a 3-inch x 3-inch (7.5-cm x 7.5-cm), two-layer board with 2 ounce
copper traces on top of the board.
over recommended operating free-air temperature range V
I = VO(typ) + 1 V, IO= 1 mA, EN = IN, Co = 1 µF, Ci = 1 µF (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Bandgap voltage reference
1.177
1.220
1.263
V
TPS72501
0 µA < IO < 1 A
(1)
1.22 V
≤ V
O ≤ 5.5 V
0.965 VO
1.035 VO
Adjustable
TJ = 25°C
1.5
TPS72515
0 µA< IO < 1 A
1.8 V
≤ V
I ≤ 5.5 V
1.47
1.53
TJ = 25°C
1.6
TPS72516
VO
Output voltage
V
0 µA < IO < 1 A
2.6 V
≤ V
I ≤ 5.5 V
1.568
1.632
TJ = 25°C
1.8
TPS72518
0 µA < IO < 1 A
2.8 V
≤ V
I ≤ 5.5 V
1.764
1.836
TJ = 25°C
2.5
TPS72525
0 µA < IO < 1 A
3.5 V
≤ V
I ≤ 5.5 V
2.45
2.55
IO = 0 µA
75
120
I
Ground current
µA
IO = 1 A
210
300
EN < 0.4 V
TJ = 25°C
0.2
Standby current
µA
EN < 0.4 V
1
BW = 200 Hz to 100 kHz,
Co = 10 µF, IO = 1
Vn
Output noise voltage
150
µV
TJ = 25°C
mA
PSRR
Ripple rejection
f = 1 kHz, Co = 10 µF
TJ = 25°C
60
dB
Current limit(2)
1.1
1.6
2.3
A
Output voltage line regulation
VO + 1 V < VI≤ 5.5 V
-0.15
0.02
0.15
%/V
(
∆V
O/VO)
(3)
Output voltage load regulation
0 µA < IO < 1 A
-0.25
0.05
0.25
%/A
VIH
EN high level input(2)
1.3
V
VIL
EN low level input(2)
-0.2
0.4
II
EN input current
EN = 0 V or VI
0.01
100
nA
I(FB)
Feedback current
TPS72501
V(FB) = 1.22
-100
100
nA
UVLO threshold
VCC rising
1.45
1.57
1.70
V
UVLO hysteresis
TJ = 25°C, VCC rising
50
mV
UVLO deglitch
TJ = 25°C, VCC rising
10
µs
UVLO delay
TJ = 25°C, VCC rising
100
µs
(1)
Minimum IN operating voltage used for testing is VO(typ) + 1 V.
(2)
Test condition includes output voltage VO = VO - 15% and pulse duration = 10 ms.
(3)
VImin = (VO + 1) or 1.8 V whichever is greater.
3


Similar Part No. - TPS72515DCQRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS72515DCQRG4 TI1-TPS72515DCQRG4 Datasheet
1Mb / 29P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
More results

Similar Description - TPS72515DCQRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS726126 TI-TPS726126 Datasheet
445Kb / 16P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72501 TI1-TPS72501_16 Datasheet
1Mb / 29P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72615 TI-TPS72615 Datasheet
441Kb / 15P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS726126 TI1-TPS726126_16 Datasheet
992Kb / 23P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72501 TI-TPS72501_15 Datasheet
1,010Kb / 29P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72616DCQRG4 TI-TPS72616DCQRG4 Datasheet
740Kb / 23P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72501 TI-TPS72501 Datasheet
535Kb / 18P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
logo
ams AG
AS1353 AMSCO-AS1353_04 Datasheet
726Kb / 14P
   Linear Low-Dropout 150mA Voltage Regulators
AS1353 AMSCO-AS1353 Datasheet
80Kb / 2P
   Linear Low-Dropout 150mA Voltage Regulators
logo
Unisonic Technologies
LD3117 UTC-LD3117 Datasheet
219Kb / 4P
   500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com