Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LV138APWT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV138APWT
Description  3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LV138APWT Datasheet(HTML) 1 Page - Texas Instruments

  SN74LV138APWT Datasheet HTML 1Page - Texas Instruments SN74LV138APWT Datasheet HTML 2Page - Texas Instruments SN74LV138APWT Datasheet HTML 3Page - Texas Instruments SN74LV138APWT Datasheet HTML 4Page - Texas Instruments SN74LV138APWT Datasheet HTML 5Page - Texas Instruments SN74LV138APWT Datasheet HTML 6Page - Texas Instruments SN74LV138APWT Datasheet HTML 7Page - Texas Instruments SN74LV138APWT Datasheet HTML 8Page - Texas Instruments SN74LV138APWT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
www.ti.com
FEATURES
3
2 1 20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
Y1
Y2
NC
Y3
Y4
C
G2A
NC
G2B
G1
SN54LV138A . . . FK PACKAGE
(TOP VIEW)
NC − No internal connection
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
A
B
C
G2A
G2B
G1
Y7
GND
VCC
Y0
Y1
Y2
Y3
Y4
Y5
Y6
SN54LV138A . . . J OR W PACKAGE
SN74LV138A . . . D, DB, DGV, NS
OR PW PACKAGE
(TOP VIEW)
SN74LV138A . . . RGY PACKAGE
(TOP VIEW)
1
16
8
9
2
3
4
5
6
7
15
14
13
12
11
10
Y0
Y1
Y2
Y3
Y4
Y5
B
C
G2A
G2B
G1
Y7
DESCRIPTION/ORDERING INFORMATION
SN54LV138A, SN74LV138A
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SCLS395L – APRIL 1998 – REVISED AUGUST 2005
2-V to 5.5-V V
CC Operation
I
off Supports Partial-Power-Down Mode
Operation
Max t
pd of 9.5 ns at 5 V
Latch-Up Performance Exceeds 250 mA Per
Typical V
OLP (Output Ground Bounce)
JESD 17
<0.8 V at V
CC = 3.3 V, TA = 25°C
ESD Protection Exceeds JESD 22
Typical V
OHV (Output VOH Undershoot)
>2.3 V at V
CC = 3.3 V, TA = 25°C
– 2000-V Human-Body Model (A114-A)
Support Mixed-Mode Voltage Operation on All
– 200-V Machine Model (A115-A)
Ports
– 1000-V Charged-Device Model (C101)
The 'LV138A devices are 3-line to 8-line decoders/demultiplexers designed for 2-V to 5.5-V VCC operation.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
QFN – RGY
Reel of 1000
SN74LV138ARGYR
LV138A
Tube of 40
SN74LV138AD
SOIC – D
LV138A
Reel of 2500
SN74LV138ADR
SOP – NS
Reel of 2000
SN74LV138ANSR
74LV138A
–40
°C to 85°C
SSOP – DB
Reel of 2000
SN74LV138ADBR
LV138A
Tube of 90
SN74LV138APW
TSSOP – PW
Reel of 2000
SN74LV138APWR
LV138A
Reel of 250
SN74LV138APWT
TVSOP – DGV
Reel of 2000
SN74LV138ADGVR
LV138A
CDIP – J
Tube of 25
SNJ54LV138AJ
SNJ54LV138AJ
–55
°C to 125°C
CFP – W
Tube of 150
SNJ54LV138AW
SNJ54LV138AW
LCCC – FK
Tube of 55
SNJ54LV138AFK
SNJ54LV138AFK
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
UNLESS OTHERWISE NOTED this document contains PRO-
Copyright © 1998–2005, Texas Instruments Incorporated
DUCTION DATA information current as of publication date. Prod-
ucts conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily
include testing of all parameters.


Similar Part No. - SN74LV138APWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV138APWT TI-SN74LV138APWT Datasheet
378Kb / 16P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN74LV138APWT TI-SN74LV138APWT Datasheet
749Kb / 22P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN74LV138APWT TI-SN74LV138APWT Datasheet
1Mb / 33P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
REVISED AUGUST 2005
SN74LV138APWTE4 TI-SN74LV138APWTE4 Datasheet
378Kb / 16P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN74LV138APWTE4 TI-SN74LV138APWTE4 Datasheet
749Kb / 22P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
More results

Similar Description - SN74LV138APWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54AC11238 TI-54AC11238 Datasheet
114Kb / 9P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN74AHC138 TI-SN74AHC138 Datasheet
683Kb / 2P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN54LS138 TI1-SN54LS138_15 Datasheet
1Mb / 22P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN54LVC138A TI1-SN54LVC138A_15 Datasheet
1Mb / 34P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
logo
Renesas Technology Corp
HD74LS138 RENESAS-HD74LS138 Datasheet
100Kb / 8P
   3-Line-to-8-Line Decoders / Demultiplexers
logo
Texas Instruments
SN54ALS138A TI-SN54ALS138A_08 Datasheet
826Kb / 20P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN54LVC138A TI-SN54LVC138A_10 Datasheet
821Kb / 25P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN74HC238 TI1-SN74HC238 Datasheet
145Kb / 5P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SNJ54HCT138J TI1-SNJ54HCT138J Datasheet
1Mb / 21P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
74AC11238D TI-74AC11238D Datasheet
111Kb / 9P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN54HCT138 TI-SN54HCT138 Datasheet
95Kb / 6P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com