Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LV138ADBRE4 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74LV138ADBRE4
Description  3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LV138ADBRE4 Datasheet(HTML) 5 Page - Texas Instruments

  SN74LV138ADBRE4 Datasheet HTML 1Page - Texas Instruments SN74LV138ADBRE4 Datasheet HTML 2Page - Texas Instruments SN74LV138ADBRE4 Datasheet HTML 3Page - Texas Instruments SN74LV138ADBRE4 Datasheet HTML 4Page - Texas Instruments SN74LV138ADBRE4 Datasheet HTML 5Page - Texas Instruments SN74LV138ADBRE4 Datasheet HTML 6Page - Texas Instruments SN74LV138ADBRE4 Datasheet HTML 7Page - Texas Instruments SN74LV138ADBRE4 Datasheet HTML 8Page - Texas Instruments SN74LV138ADBRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
www.ti.com
Recommended Operating Conditions
(1)
Electrical Characteristics
SN54LV138A, SN74LV138A
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SCLS395L – APRIL 1998 – REVISED AUGUST 2005
SN54LV138A(2)
SN74LV138A
UNIT
MIN
MAX
MIN
MAX
VCC
Supply voltage
2
5.5
2
5.5
V
VCC = 2 V
1.5
1.5
VCC = 2.3 V to 2.7 V
VCC × 0.7
VCC × 0.7
VIH
High-level input voltage
V
VCC = 3 V to 3.6 V
VCC × 0.7
VCC × 0.7
VCC = 4.5 V to 5.5 V
VCC × 0.7
VCC × 0.7
VCC = 2 V
0.5
0.5
VCC = 2.3 V to 2.7 V
VCC × 0.3
VCC × 0.3
VIL
Low-level input voltage
V
VCC = 3 V to 3.6 V
VCC × 0.3
VCC × 0.3
VCC = 4.5 V to 5.5 V
VCC × 0.3
VCC × 0.3
VI
Input voltage
0
5.5
0
5.5
V
VO
Output voltage
0
VCC
0
VCC
V
VCC = 2 V
–50
–50
µA
VCC = 2.3 V to 2.7 V
–2
–2
IOH
High-level output current
VCC = 3 V to 3.6 V
–6
–6
mA
VCC = 4.5 V to 5.5 V
–12
–12
VCC = 2 V
50
50
µA
VCC = 2.3 V to 2.7 V
2
2
IOL
Low-level output current
VCC = 3 V to 3.6 V
6
6
mA
VCC = 4.5 V to 5.5 V
12
12
VCC = 2.3 V to 2.7 V
200
200
∆t/∆v Input transition rise or fall rate
VCC = 3 V to 3.6 V
100
100
ns/V
VCC = 4.5 V to 5.5 V
20
20
TA
Operating free-air temperature
–55
125
–40
85
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
(2)
Product Preview
over recommended operating free-air temperature range (unless otherwise noted)
SN54LV138A(1)
SN74LV138A
PARAMETER
TEST CONDITIONS
VCC
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
IOH = –50 µA
2 V to 5.5 V
VCC – 0.1
VCC – 0.1
IOH = –2 mA
2.3 V
2
2
VOH
V
IOH = –6 mA
3 V
2.48
2.48
IOH = –12 mA
4.5 V
3.8
3.8
IOL = 50 µA
2 V to 5.5 V
0.1
0.1
IOL = 2 mA
2.3 V
0.4
0.4
VOL
V
IOL = 6 mA
3 V
0.44
0.44
IOL = 12 mA
4.5 V
0.55
0.55
II
VI = 5.5 V or GND
0 to 5.5 V
±1
±1
µA
ICC
VI = VCC or GND,
IO = 0
5.5 V
20
20
µA
Ioff
VI or VO = 0 to 5.5 V
0
5
5
µA
Ci
VI = VCC or GND
3.3 V
2.1
2.1
pF
(1)
Product Preview
5


Similar Part No. - SN74LV138ADBRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV138ADBRE4 TI-SN74LV138ADBRE4 Datasheet
378Kb / 16P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN74LV138ADBRE4 TI-SN74LV138ADBRE4 Datasheet
749Kb / 22P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
More results

Similar Description - SN74LV138ADBRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54AC11238 TI-54AC11238 Datasheet
114Kb / 9P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN74AHC138 TI-SN74AHC138 Datasheet
683Kb / 2P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN54LS138 TI1-SN54LS138_15 Datasheet
1Mb / 22P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN54LVC138A TI1-SN54LVC138A_15 Datasheet
1Mb / 34P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
logo
Renesas Technology Corp
HD74LS138 RENESAS-HD74LS138 Datasheet
100Kb / 8P
   3-Line-to-8-Line Decoders / Demultiplexers
logo
Texas Instruments
SN54ALS138A TI-SN54ALS138A_08 Datasheet
826Kb / 20P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN54LVC138A TI-SN54LVC138A_10 Datasheet
821Kb / 25P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN74HC238 TI1-SN74HC238 Datasheet
145Kb / 5P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SNJ54HCT138J TI1-SNJ54HCT138J Datasheet
1Mb / 21P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
74AC11238D TI-74AC11238D Datasheet
111Kb / 9P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN54HCT138 TI-SN54HCT138 Datasheet
95Kb / 6P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com