Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LV4053ADBRE4 Datasheet(PDF) 8 Page - Texas Instruments

Part # SN74LV4053ADBRE4
Description  TRIPLE 2-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LV4053ADBRE4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74LV4053ADBRE4 Datasheet HTML 4Page - Texas Instruments SN74LV4053ADBRE4 Datasheet HTML 5Page - Texas Instruments SN74LV4053ADBRE4 Datasheet HTML 6Page - Texas Instruments SN74LV4053ADBRE4 Datasheet HTML 7Page - Texas Instruments SN74LV4053ADBRE4 Datasheet HTML 8Page - Texas Instruments SN74LV4053ADBRE4 Datasheet HTML 9Page - Texas Instruments SN74LV4053ADBRE4 Datasheet HTML 10Page - Texas Instruments SN74LV4053ADBRE4 Datasheet HTML 11Page - Texas Instruments SN74LV4053ADBRE4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
SN54LV4053A, SN74LV4053A
TRIPLE 2CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SCLS430K − MAY 1999 − REVISED APRIL 2005
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
CL
VCC
VO
TEST CIRCUIT
VOLTAGE WAVEFORMS
1 k
S1
S2
tPLZ/tPZL
tPHZ/tPZH
GND
VCC
TEST
S1
S2
VCC
GND
VINH
50
50%
VOL + 0.3 V
tPZH
tPHZ
50%
50%
50%
tPZL
50%
VCC
VO
50%
0 V
VOL
VINH
(tPZL, tPZH)
(tPLZ, tPHZ)
VCC
VO
0 V
VOL
VINH
VCC
0 V
VOH
VCC
0 V
≈0 V
VOH
VOH − 0.3 V
≈0 V
≈VCC
≈VCC
GND
VCC
VI
tPLZ
Figure 5. Switching Time (tPZL, tPLZ, tPZH, tPHZ), Control to Signal Output
VO
RL
CL
VCC
50
fin
VINH = GND
0.1
µF
VCC
GND
(ON)
NOTE A: fin is a sine wave.
VCC/2
Figure 6. Frequency Response (Switch On)


Similar Part No. - SN74LV4053ADBRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV4053ADBRE4 TI-SN74LV4053ADBRE4 Datasheet
558Kb / 20P
[Old version datasheet]   TRIPLE 2-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
More results

Similar Description - SN74LV4053ADBRE4

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
4053 UTC-4053 Datasheet
197Kb / 7P
   TRIPLE 2-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
4053 UTC-4053_12 Datasheet
197Kb / 7P
   TRIPLE 2-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Texas Instruments
SN54LV4053A TI-SN54LV4053A Datasheet
558Kb / 20P
[Old version datasheet]   TRIPLE 2-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN54LV4053A TI1-SN54LV4053A_15 Datasheet
1Mb / 27P
[Old version datasheet]   TRIPLE 2-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Renesas Technology Corp
HD74HC4052 RENESAS-HD74HC4052_15 Datasheet
163Kb / 14P
   Dual 4-channel Analog Multiplexers/Demultiplexers Triple 2-channel Analog Multiplexers/Demultiplexers
logo
Hitachi Semiconductor
HD74HC4052 HITACHI-HD74HC4052 Datasheet
82Kb / 16P
   Dual 4-channel, Triple 2-channel Analog Multiplexers/Demultiplexers/
logo
ON Semiconductor
MC14067B ONSEMI-MC14067B_11 Datasheet
134Kb / 9P
   Analog Multiplexers/Demultiplexers
June, 2011 ??Rev. 7
MC74VHC4051 ONSEMI-MC74VHC4051_14 Datasheet
159Kb / 16P
   Analog Multiplexers / Demultiplexers
September, 2014 ??Rev. 7
MC14067B ONSEMI-MC14067B_05 Datasheet
124Kb / 10P
   Analog Multiplexers / Demultiplexers
February, 2005 ??Rev. 5
logo
Unisonic Technologies
4051 UTC-4051_12 Datasheet
260Kb / 6P
   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com