Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVT125PWLE Datasheet(PDF) 4 Page - Texas Instruments

Part # SN74LVT125PWLE
Description  3.3-V ABT QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVT125PWLE Datasheet(HTML) 4 Page - Texas Instruments

  SN74LVT125PWLE Datasheet HTML 1Page - Texas Instruments SN74LVT125PWLE Datasheet HTML 2Page - Texas Instruments SN74LVT125PWLE Datasheet HTML 3Page - Texas Instruments SN74LVT125PWLE Datasheet HTML 4Page - Texas Instruments SN74LVT125PWLE Datasheet HTML 5Page - Texas Instruments SN74LVT125PWLE Datasheet HTML 6Page - Texas Instruments SN74LVT125PWLE Datasheet HTML 7Page - Texas Instruments SN74LVT125PWLE Datasheet HTML 8Page - Texas Instruments SN74LVT125PWLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
SN74LVT125
3.3V ABT QUADRUPLE BUS BUFFER
WITH 3STATE OUTPUTS
SCBS133F − MAY 1992 − REVISED OCTOBER 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 3.3 V
± 0.3 V
VCC = 2.7 V
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP†
MAX
MIN
MAX
UNIT
tPLH
A
Y
1
2.7
4
4.5
ns
tPHL
A
Y
1
2.9
3.9
4.9
ns
tPZH
OE
Y
1
3.4
4.7
6
ns
tPZL
OE
Y
1.1
3.4
4.7
6.5
ns
tPHZ
OE
Y
1.8
3.7
5.1
5.7
ns
tPLZ
OE
Y
1.3
2.6
4.5
4
ns
† All typical values are at VCC = 3.3 V, TA = 25°C.


Similar Part No. - SN74LVT125PWLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVT125PW TI-SN74LVT125PW Datasheet
117Kb / 7P
[Old version datasheet]   3.3-V ABT QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LVT125PWLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVTH125 TI-SN54LVTH125_09 Datasheet
765Kb / 19P
[Old version datasheet]   3.3-V ABT QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
SN54LVT125 TI-SN54LVT125 Datasheet
117Kb / 7P
[Old version datasheet]   3.3-V ABT QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
SN54LVTH126 TI-SN54LVTH126 Datasheet
506Kb / 16P
[Old version datasheet]   3.3-V ABT QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
SN54LVTH125 TI-SN54LVTH125_07 Datasheet
705Kb / 17P
[Old version datasheet]   3.3-V ABT QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
SN54LVTH125 TI-SN54LVTH125 Datasheet
103Kb / 15P
[Old version datasheet]   3.3-V ABT QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
SN74LVTH126 TI-SN74LVTH126 Datasheet
333Kb / 13P
[Old version datasheet]   3.3-V ABT QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
SN54LVTH125 TI-SN54LVTH125_10 Datasheet
549Kb / 17P
[Old version datasheet]   3.3-V ABT QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
SN74LVTH126PWE4 TI-SN74LVTH126PWE4 Datasheet
707Kb / 18P
[Old version datasheet]   3.3-V ABT QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUT
SN74LVT125-Q1 TI1-SN74LVT125-Q1 Datasheet
228Kb / 10P
[Old version datasheet]   3.3-V ABT QUADRUPLE BUS BUFFER WITH 3-STATE OUTPUTS
SN74LVTH125-EP TI1-SN74LVTH125-EP Datasheet
431Kb / 9P
[Old version datasheet]   3.3-V ABT QUADRUPLE BUS BUFFER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com