Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6225D Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6225D
Description  DMOS DUAL FULL BRIDGE DRIVER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6225D Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6225D Datasheet HTML 2Page - STMicroelectronics L6225D Datasheet HTML 3Page - STMicroelectronics L6225D Datasheet HTML 4Page - STMicroelectronics L6225D Datasheet HTML 5Page - STMicroelectronics L6225D Datasheet HTML 6Page - STMicroelectronics L6225D Datasheet HTML 7Page - STMicroelectronics L6225D Datasheet HTML 8Page - STMicroelectronics L6225D Datasheet HTML 9Page - STMicroelectronics L6225D Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
L6225
6/20
(7)
Tested at 25°C in a restricted range and guaranteed by characterization.
(8)
See Fig. 1.
(9)
See Fig. 2.
Figure 1. Switching Characteristic Definition
tdt
Dead Time Protection
0.5
1
µs
fCP
Charge pump frequency
-25°C<Tj <125°C
0.6
1
MHz
Over Current Protection
ISOVER
Input Supply Overcurrent
Protection Threshold
Tj = -25°C to 125°C
(7)
2
2.8
3.55
A
ROPDR
Open Drain ON Resistance
I = 4mA
40
60
tOCD(ON) OCD Turn-on Delay Time (9)
I = 4mA; CEN < 100pF
200
ns
tOCD(OFF) OCD Turn-off Delay Time (9)
I = 4mA; CEN < 100pF
100
ns
ELECTRICAL CHARACTERISTICS (continued)
(Tamb = 25 °C, Vs = 48V, unless otherwise specified)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Vth(ON)
Vth(OFF)
90%
10%
EN
IOUT
t
t
tFALL
tD(OFF)EN
tRISE
tD(ON)EN
D01IN1316


Similar Part No. - L6225D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6225D STMICROELECTRONICS-L6225D Datasheet
90Kb / 10P
   DUAL DMOS FULL BRIDGE MOTOR DRIVER
L6225D STMICROELECTRONICS-L6225D Datasheet
389Kb / 20P
   DMOS DUAL FULL BRIDGE DRIVER
September 2003
L6225DTR STMICROELECTRONICS-L6225DTR Datasheet
389Kb / 20P
   DMOS DUAL FULL BRIDGE DRIVER
September 2003
More results

Similar Description - L6225D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6226 STMICROELECTRONICS-L6226 Datasheet
404Kb / 22P
   DMOS DUAL FULL BRIDGE DRIVER
L6205PD013TR STMICROELECTRONICS-L6205PD013TR Datasheet
400Kb / 21P
   DMOS DUAL FULL BRIDGE DRIVER
L6226PDTR STMICROELECTRONICS-L6226PDTR Datasheet
533Kb / 31P
   DMOS dual full bridge driver
L6206PD013TR STMICROELECTRONICS-L6206PD013TR Datasheet
426Kb / 23P
   DMOS DUAL FULL BRIDGE DRIVER
E-L6205PD STMICROELECTRONICS-E-L6205PD Datasheet
400Kb / 21P
   DMOS DUAL FULL BRIDGE DRIVER
L6204 STMICROELECTRONICS-L6204_03 Datasheet
667Kb / 12P
   DMOS DUAL FULL BRIDGE DRIVER
L6226Q STMICROELECTRONICS-L6226Q Datasheet
478Kb / 28P
   DMOS dual full bridge driver
L6225DTR STMICROELECTRONICS-L6225DTR Datasheet
389Kb / 20P
   DMOS DUAL FULL BRIDGE DRIVER
September 2003
L6206 STMICROELECTRONICS-L6206 Datasheet
413Kb / 23P
   DMOS DUAL FULL BRIDGE DRIVER
logo
Allegro MicroSystems
3971 ALLEGRO-3971 Datasheet
141Kb / 8P
   DUAL DMOS FULL-BRIDGE DRIVER
May 2, 2000
logo
STMicroelectronics
L6204 STMICROELECTRONICS-L6204 Datasheet
197Kb / 10P
   DMOS DUAL FULL BRIDGE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com