Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2231MRGP Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS2231MRGP
Description  ExpressCard TM POWER INTERFACE SWITCH
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2231MRGP Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS2231MRGP Datasheet HTML 3Page - Texas Instruments TPS2231MRGP Datasheet HTML 4Page - Texas Instruments TPS2231MRGP Datasheet HTML 5Page - Texas Instruments TPS2231MRGP Datasheet HTML 6Page - Texas Instruments TPS2231MRGP Datasheet HTML 7Page - Texas Instruments TPS2231MRGP Datasheet HTML 8Page - Texas Instruments TPS2231MRGP Datasheet HTML 9Page - Texas Instruments TPS2231MRGP Datasheet HTML 10Page - Texas Instruments TPS2231MRGP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
www.ti.com
PIN ASSIGNMENTS
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
NC
SYSRST
SHDN
STBY
3.3VIN
3.3VIN
3.3VOUT
3.3VOUT
PERST
NC
GND
NC
NC
OC
RCLKEN
AUXIN
AUXOUT
1.5VIN
1.5VIN
1.5VOUT
1.5VOUT
CPPE
CPUSB
NC
TPS2231
PWP PACKAGE
(TOP VIEW)
NC-Nointernalconnection
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
SYSRST
SHDN
STBY
3.3VIN
3.3VIN
3.3VOUT
3.3VOUT
PERST
NC
GND
OC
RCLKEN
AUXIN
AUXOUT
1.5VIN
1.5VIN
1.5VOUT
1.5VOUT
CPPE
CPUSB
TPS2231
PWPACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
CPPE1
CPPE2
CPUSB1
NC
NC
CPUSB2
3.3VOUT1
3.3VIN
3.3VIN
3.3VOUT2
PERST2
NC
PERST1
AUXOUT1
AUXIN
AUXOUT2
RCLKEN1
RCLKEN2
SYSRST
NC
STBY1
STBY2
1.5VOUT1
1.5VIN
1.5VIN
1.5VOUT2
NC
GND
OC2
OC1
SHDN2
SHDN1
TPS2236
DAP PACKAGE
(TOP VIEW)
TPS2231
RGP PACKAGE
(TOP VIEW)
NC
NC
3.3VIN
3.3VOUT
1.5VIN
AUXOUT
NC
NC
1.5VOUT
STBY
1
2
3
4
5
15
14
13
12
11
6
7
8
9
10
16
17
18
19
20
TPS2231
TPS2236
SLVS536E – JULY 2004 – REVISED SEPTEMBER 2006
TERMINAL FUNCTIONS
TERMINAL
TPS2231
TPS2236
I/O
DESCRIPTION
NAME
NO.
NAME
NO.
PW
PWP
RGP
DAP
3.3VIN
4, 5
5, 6
2
3.3VIN
8, 9
I
3.3-V input for 3.3VOUT
1.5VIN
15, 16
18, 19
12
1.5VIN
24, 25
I
1.5-V input for 1.5VOUT
AUXIN
18
21
17
AUXIN
15
I
AUX input for AUXOUT and chip power
GND
10
11
7
GND
21
Ground
Switched output that delivers 0 V, 3.3 V or high impedance to
3.3VOUT
6, 7
7, 8
3
3.3VOUT1
7
O
card
Switched output that delivers 0 V, 1.5 V or high impedance to
1.5VOUT
13, 14
16, 17
11
1.5VOUT1
26
O
card
Switched output that delivers 0 V, AUX or high impedance to
AUXOUT
17
20
15
AUXOUT1
14
O
card
7
Submit Documentation Feedback


Similar Part No. - TPS2231MRGP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2231MRGPR TI1-TPS2231MRGPR Datasheet
1Mb / 43P
[Old version datasheet]   ExpressCard POWER INTERFACE SWITCH
TPS2231MRGPR-1 TI1-TPS2231MRGPR-1 Datasheet
1Mb / 43P
[Old version datasheet]   ExpressCard POWER INTERFACE SWITCH
TPS2231MRGPR-1G4 TI1-TPS2231MRGPR-1G4 Datasheet
1Mb / 43P
[Old version datasheet]   ExpressCard POWER INTERFACE SWITCH
TPS2231MRGPR-2 TI1-TPS2231MRGPR-2 Datasheet
1Mb / 43P
[Old version datasheet]   ExpressCard POWER INTERFACE SWITCH
TPS2231MRGPR-2G4 TI1-TPS2231MRGPR-2G4 Datasheet
1Mb / 43P
[Old version datasheet]   ExpressCard POWER INTERFACE SWITCH
More results

Similar Description - TPS2231MRGP

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
W83L351YG NUVOTON-W83L351YG Datasheet
632Kb / 33P
   ExpressCard??Power Interface Switch
W83L351 NUVOTON-W83L351 Datasheet
632Kb / 33P
   ExpressCard??Power Interface Switch
logo
Texas Instruments
TPS2236 TI-TPS2236 Datasheet
953Kb / 26P
[Old version datasheet]   ExpressCard POWER INTERFACE SWITCH
logo
Winbond
W83L351 WINBOND-W83L351 Datasheet
1Mb / 33P
   ExpressCard??Power Interface Switch
logo
Texas Instruments
TPS2231MRGPR-2 TI1-TPS2231MRGPR-2 Datasheet
1Mb / 43P
[Old version datasheet]   ExpressCard POWER INTERFACE SWITCH
logo
Rohm
BD4153EFV ROHM-BD4153EFV Datasheet
295Kb / 6P
   Power switch for ExpressCard
BD4154FV ROHM-BD4154FV Datasheet
381Kb / 6P
   Power switch for ExpressCard
BD4153FV ROHM-BD4153FV Datasheet
275Kb / 6P
   Power switch for ExpressCard
BD4155FV ROHM-BD4155FV Datasheet
399Kb / 6P
   Power switch for ExpressCard
BD4153FV ROHM-BD4153FV_10 Datasheet
664Kb / 18P
   Power Switch ICs for ExpressCard
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com