Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KM44C16000B Datasheet(PDF) 6 Page - Samsung semiconductor

Part # KM44C16000B
Description  16M x 4bit CMOS Dynamic RAM with Fast Page Mode
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM44C16000B Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button KM44C16000B Datasheet HTML 2Page - Samsung semiconductor KM44C16000B Datasheet HTML 3Page - Samsung semiconductor KM44C16000B Datasheet HTML 4Page - Samsung semiconductor KM44C16000B Datasheet HTML 5Page - Samsung semiconductor KM44C16000B Datasheet HTML 6Page - Samsung semiconductor KM44C16000B Datasheet HTML 7Page - Samsung semiconductor KM44C16000B Datasheet HTML 8Page - Samsung semiconductor KM44C16000B Datasheet HTML 9Page - Samsung semiconductor KM44C16000B Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
KM44C16000B, KM44C16100B
CMOS DRAM
AC CHARACTERISTICS (Continued)
Parameter
Symbol
-45
-5
-6
Units
Note
Min
Max
Min
Max
Min
Max
Refresh period (4K, Normal)
tREF
64
64
64
ms
Refresh period (8K, Normal)
tREF
64
64
64
ms
Write command set-up time
tWCS
0
0
0
ns
7
CAS to W delay time
tCWD
32
36
38
ns
7
RAS to W delay time
tRWD
67
73
83
ns
7
Column address to W delay time
tAWD
43
48
53
ns
7
CAS precharge W delay time
tCPWD
48
53
60
ns
CAS set-up time (CAS -before-RAS refresh)
tCSR
5
5
5
ns
CAS hold time (CAS -before-RAS refresh)
tCHR
10
10
10
ns
RAS to CAS precharge time
tRPC
5
5
5
ns
Access time from CAS precharge
tCPA
26
30
35
ns
3
Fast Page mode cycle time
tPC
31
35
40
ns
Fast Page mode read-modify-write cycle time
tPRWC
70
76
85
ns
CAS precharge time (Fast Page cycle)
tCP
9
10
10
ns
RAS pulse width (Fast Page cycle)
tRASP
45
200K
50
200K
60
200K
ns
RAS hold time from CAS precharge
tRHCP
28
30
35
ns
OE access time
tOEA
12
13
15
ns
OE to data delay
tOED
12
13
13
ns
Output buffer turn off delay time from OE
tOEZ
0
13
0
13
0
13
ns
6
OE command hold time
tOEH
12
13
15
ns
Write command set-up time (Test mode in)
tWTS
10
10
10
ns
11
Write command hold time (Test mode in)
tWTH
15
15
15
ns
11
W to RAS precharge time (C-B-R refresh)
tWRP
10
10
10
ns
W to RAS hold time (C-B-R refresh)
tWRH
10
10
10
ns
RAS pulse width (C-B-R self refresh)
tRASS
100
100
100
us
13,14,15
RAS precharge time (C-B-R self refresh)
tRPS
80
90
110
ns
13,14,15
CAS hold time (C-B-R self refresh)
tCHS
-50
-50
-50
ns
13,14,15


Similar Part No. - KM44C16000B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM44C1000D SAMSUNG-KM44C1000D Datasheet
372Kb / 21P
   1M x 4Bit CMOS Dynamic RAM with Fast Page Mode
More results

Similar Description - KM44C16000B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4F660412D SAMSUNG-K4F660412D Datasheet
367Kb / 20P
   16M x 4bit CMOS Dynamic RAM with Fast Page Mode
K4F170411D SAMSUNG-K4F170411D Datasheet
225Kb / 20P
   4M x 4Bit CMOS Dynamic RAM with Fast Page Mode
KM44C1000D SAMSUNG-KM44C1000D Datasheet
372Kb / 21P
   1M x 4Bit CMOS Dynamic RAM with Fast Page Mode
KM44C4000C SAMSUNG-KM44C4000C Datasheet
340Kb / 20P
   4M x 4Bit CMOS Dynamic RAM with Fast Page Mode
K4F170411C SAMSUNG-K4F170411C Datasheet
225Kb / 20P
   4M x 4Bit CMOS Dynamic RAM with Fast Page Mode
K4E660411D SAMSUNG-K4E660411D Datasheet
418Kb / 21P
   16M x 4bit CMOS Dynamic RAM with Extended Data Out
K4E660412D SAMSUNG-K4E660412D Datasheet
415Kb / 21P
   16M x 4bit CMOS Dynamic RAM with Extended Data Out
K4E660412E SAMSUNG-K4E660412E Datasheet
192Kb / 21P
   16M x 4bit CMOS Dynamic RAM with Extended Data Out
KM48C2000B SAMSUNG-KM48C2000B Datasheet
79Kb / 8P
   2M x 8Bit CMOS Dynamic RAM with Fast Page Mode
KM416C1000C SAMSUNG-KM416C1000C Datasheet
767Kb / 34P
   1M x 16Bit CMOS Dynamic RAM with Fast Page Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com