Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB43DB42GHC Datasheet(PDF) 5 Page - Texas Instruments

Part # TSB43DB42GHC
Description  IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB43DB42GHC Datasheet(HTML) 5 Page - Texas Instruments

  TSB43DB42GHC Datasheet HTML 1Page - Texas Instruments TSB43DB42GHC Datasheet HTML 2Page - Texas Instruments TSB43DB42GHC Datasheet HTML 3Page - Texas Instruments TSB43DB42GHC Datasheet HTML 4Page - Texas Instruments TSB43DB42GHC Datasheet HTML 5Page - Texas Instruments TSB43DB42GHC Datasheet HTML 6Page - Texas Instruments TSB43DB42GHC Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
TSB43DA42AGHC
ACTIVE
BGA
GHC
196
126
TBD
Call TI
Level-3-220C-168 HR
TSB43DA42AGHCR
ACTIVE
BGA
GHC
196
1000
TBD
Call TI
Level-3-220C-168 HR
TSB43DA42AZHC
ACTIVE
BGA MI
CROSTA
R
ZHC
196
126
Green (RoHS &
no Sb/Br)
SNAGCU
Level-3-260C-168 HR
TSB43DA42AZHCR
ACTIVE
BGA MI
CROSTA
R
ZHC
196
1000 Green (RoHS &
no Sb/Br)
SNAGCU
Level-3-260C-168 HR
TSB43DA42GHC
ACTIVE
BGA
GHC
196
126
TBD
Call TI
Level-3-220C-168 HR
TSB43DA42GHCR
ACTIVE
BGA
GHC
196
1000
TBD
Call TI
Level-3-220C-168 HR
TSB43DB42GHC
ACTIVE
BGA
GHC
196
126
TBD
Call TI
Level-3-220C-168 HR
TSB43DB42GHCR
ACTIVE
BGA
GHC
196
1000
TBD
Call TI
Level-3-220C-168 HR
TSB43DB42ZHC
ACTIVE
BGA MI
CROSTA
R
ZHC
196
126
Green (RoHS &
no Sb/Br)
SNAGCU
Level-3-260C-168 HR
TSB43DB42ZHCR
ACTIVE
BGA MI
CROSTA
R
ZHC
196
1000 Green (RoHS &
no Sb/Br)
SNAGCU
Level-3-260C-168 HR
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
28-Feb-2007
Addendum-Page 1


Similar Part No. - TSB43DB42GHC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB43DB42GHC TI-TSB43DB42GHC Datasheet
157Kb / 7P
[Old version datasheet]   IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION
More results

Similar Description - TSB43DB42GHC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB43DA42 TI-TSB43DA42_08 Datasheet
157Kb / 7P
[Old version datasheet]   IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION
TSB43EX4X TI1-TSB43EX4X_15 Datasheet
169Kb / 11P
[Old version datasheet]   IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION
TSB43DA42 TI1-TSB43DA42_14 Datasheet
777Kb / 12P
[Old version datasheet]   IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION
TSB43EA42 TI-TSB43EA42 Datasheet
206Kb / 13P
[Old version datasheet]   TI IEEE 1394a-2000 Consumer Electronics Solution
TSB43CA43A TI1-TSB43CA43A Datasheet
163Kb / 8P
[Old version datasheet]   iceLynx-Micro IEEE 1394a-2000 Consumer Electronics Solution
TSB43CA42 TI-TSB43CA42 Datasheet
1Mb / 97P
[Old version datasheet]   TI iceLynx-Micro??IEEE 1394a-2000 Consumer Electronics Solution
TSB43EX4X TI1-TSB43EX4X Datasheet
173Kb / 12P
[Old version datasheet]   IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION Data Sheet Extract, Rev 1.2
TSB41AB1PAP TI-TSB41AB1PAP Datasheet
1Mb / 69P
[Old version datasheet]   IEEE 1394a-2000 ONE-PORT CABLE
TSB43AB23 TI-TSB43AB23 Datasheet
625Kb / 109P
[Old version datasheet]   IEEE 1394A 2000 OHCI PHY /LINK LAYER CONTROLLER
TSB41AB3 TI-TSB41AB3 Datasheet
747Kb / 52P
[Old version datasheet]   IEEE 1394A-2000 THREE-PORT CABLE TRANSCEIVER / ARBITER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com