Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP12IE95F4 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STP12IE95F4
Description  Emitter Switched Bipolar Transistor ESBT 950 V - 12A - 0.083 ohm
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP12IE95F4 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STP12IE95F4 Datasheet HTML 3Page - STMicroelectronics STP12IE95F4 Datasheet HTML 4Page - STMicroelectronics STP12IE95F4 Datasheet HTML 5Page - STMicroelectronics STP12IE95F4 Datasheet HTML 6Page - STMicroelectronics STP12IE95F4 Datasheet HTML 7Page - STMicroelectronics STP12IE95F4 Datasheet HTML 8Page - STMicroelectronics STP12IE95F4 Datasheet HTML 9Page - STMicroelectronics STP12IE95F4 Datasheet HTML 10Page - STMicroelectronics STP12IE95F4 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Revision history
STP12IE95F4
10/11
4
Revision history
Table 4.
Revision history
Date
Revision
Changes
16-Jan-2007
1
Initial release.


Similar Part No. - STP12IE95F4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP12IE90F4 STMICROELECTRONICS-STP12IE90F4 Datasheet
274Kb / 11P
   Emitter Switched Bipolar Transistor ESBT 900 V - 12A - 0.083 ohm
More results

Similar Description - STP12IE95F4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STC12IE90HV STMICROELECTRONICS-STC12IE90HV Datasheet
242Kb / 11P
   Emitter Switched Bipolar Transistor ESBT 900 V - 12A - 0.083 ohm
STP12IE90F4 STMICROELECTRONICS-STP12IE90F4 Datasheet
274Kb / 11P
   Emitter Switched Bipolar Transistor ESBT 900 V - 12A - 0.083 ohm
STC08IE120HV STMICROELECTRONICS-STC08IE120HV Datasheet
268Kb / 11P
   Emitter Switched Bipolar Transistor ESBT 1200 V - 8A - 0.10 ohm
STP08IE120F4 STMICROELECTRONICS-STP08IE120F4 Datasheet
278Kb / 11P
   Emitter Switched Bipolar Transistor ESBT 1200 V - 8A - 0.10 ohm
STC08IE120HP STMICROELECTRONICS-STC08IE120HP Datasheet
295Kb / 11P
   Emitter Switched Bipolar Transistor ESBT 1200 V - 8A - 0.10 ohm
STC08IE150HV STMICROELECTRONICS-STC08IE150HV Datasheet
120Kb / 7P
   Emitter Switched Bipolar Transistor ESBT 1500 V - 8A - 0.10 ohm
STC05IE150HV STMICROELECTRONICS-STC05IE150HV Datasheet
118Kb / 7P
   Emitter Switched Bipolar Transistor ESBT 1500 V - 5 A - 0.12 ohm
November 2006 Rev 2
STC05DE150 STMICROELECTRONICS-STC05DE150 Datasheet
165Kb / 4P
   HYBRID EMITTER SWITCHED BIPOLAR TRANSISTOR ESBT 1500 V - 5 A - 0.10 ohm
STC03DE170HV STMICROELECTRONICS-STC03DE170HV Datasheet
288Kb / 9P
   HYBRID EMITTER SWITCHED BIPOLAR TRANSISTOR ESBT 1700 V - 3 A - 0.55 OHM
STC08DE150 STMICROELECTRONICS-STC08DE150 Datasheet
264Kb / 9P
   HYBRID EMITTER SWITCHED BIPOLAR TRANSISTOR ESBT 1500 V - 8 A - 0.075 OHM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com