Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP75NS04Z Datasheet(PDF) 9 Page - STMicroelectronics

Part # STP75NS04Z
Description  N-channel Clamped - 7mohm - 80A - TO-220 Fully protected MESH Overlay III Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP75NS04Z Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STP75NS04Z Datasheet HTML 4Page - STMicroelectronics STP75NS04Z Datasheet HTML 5Page - STMicroelectronics STP75NS04Z Datasheet HTML 6Page - STMicroelectronics STP75NS04Z Datasheet HTML 7Page - STMicroelectronics STP75NS04Z Datasheet HTML 8Page - STMicroelectronics STP75NS04Z Datasheet HTML 9Page - STMicroelectronics STP75NS04Z Datasheet HTML 10Page - STMicroelectronics STP75NS04Z Datasheet HTML 11Page - STMicroelectronics STP75NS04Z Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
STP75NS04Z
Package mechanical data
9/12
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect . The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com


Similar Part No. - STP75NS04Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP75N15 STMICROELECTRONICS-STP75N15 Datasheet
237Kb / 10P
   N-CHANNEL 150V - 0.02Ω - 75A TO-220/D²PAK/TO-247 LOW GATE CHARGE STripFET™ MOSFET
November 2004
STP75N20 STMICROELECTRONICS-STP75N20 Datasheet
508Kb / 16P
   N-channel 200V - 0.028廓 - 75A - D2PAK - TO-220 - TO-247 Low gate charge STripFET??Power MOSFET
STP75N3LLH6 STMICROELECTRONICS-STP75N3LLH6 Datasheet
1Mb / 21P
   N-channel 30 V, 0.0042 廓, 75 A, DPAK, TO-220, IPAK, Short IPAK
STP75N75F4 STMICROELECTRONICS-STP75N75F4 Datasheet
485Kb / 12P
   N-channel 75 V, 0.0092 typ., 78 A STripFET DeepGATE Power MOSFET in a TO-220 package
logo
VBsemi Electronics Co.,...
STP75N75F4 VBSEMI-STP75N75F4 Datasheet
1,002Kb / 8P
   N-Channel 80 V (D-S) MOSFET
More results

Similar Description - STP75NS04Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP80NS04Z STMICROELECTRONICS-STP80NS04Z Datasheet
90Kb / 8P
   N - CHANNEL CLAMPED 7.5mohm - 80A - TO-220 FULLY PROTECTED MESH OVERLAY MOSFET
STP80NS04ZB STMICROELECTRONICS-STP80NS04ZB Datasheet
115Kb / 6P
   N-CHANNEL CLAMPED 7.5mohm - 80A TO-220 FULLY PROTECTED MESH OVERLAY MOSFET
STP62NS04Z STMICROELECTRONICS-STP62NS04Z Datasheet
249Kb / 8P
   N-CHANNEL CLAMPED 12.5m - 62A TO-220 FULLY PROTECTED MESH OVERLAY MOSFET
STP60NS04ZB STMICROELECTRONICS-STP60NS04ZB_06 Datasheet
256Kb / 13P
   N-channel clamped - 10mohm - 60A - TO-220 Fully protected Mesh Overlay Power MOSFET
STW130NS04ZB STMICROELECTRONICS-STW130NS04ZB Datasheet
327Kb / 12P
   N-CHANNEL CLAMPED - 7 mohm - 80A TO-220/D2PAK/TO-247 FULLY PROTECTED MESH OVERLAY MOSFET
STP62NS04Z STMICROELECTRONICS-STP62NS04Z_06 Datasheet
267Kb / 12P
   N-channel clamped 12.5mOHM - 62A - TO-220 Fully protected MESH OVERLAY Power MOSFET
STP60NS04Z STMICROELECTRONICS-STP60NS04Z Datasheet
91Kb / 8P
   N - CHANNEL CLAMPED 10mohm - 60A - TO-220 FULLY PROTECTED MESH OVERLAY MOSFET
STP60NS04ZB STMICROELECTRONICS-STP60NS04ZB Datasheet
292Kb / 8P
   N-CHANNEL CLAMPED 10mohm - 60A TO-220 FULLY PROTECTED MESH OVERLAY??MOSFET
STW130NS04ZB STMICROELECTRONICS-STW130NS04ZB_06 Datasheet
382Kb / 16P
   N-channel clamped - 7 mOHM - 80A TO-220/I2/D2PAK/TO-247 Fully protected mesh overlay TM MOSFET
STP70NS04ZC STMICROELECTRONICS-STP70NS04ZC Datasheet
272Kb / 13P
   N-channel clamped 8m廓 - 80A TO-220 Fully protected SAFeFET??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com