Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1020 Datasheet(PDF) 2 Page - ON Semiconductor

Part # 2SA1020
Description  One Watt High Current PNP Transistor VOLTAGE AND CURRENT ARE NEGATIVE FOR PNP TRANSISTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SA1020 Datasheet(HTML) 2 Page - ON Semiconductor

  2SA1020 Datasheet HTML 1Page - ON Semiconductor 2SA1020 Datasheet HTML 2Page - ON Semiconductor 2SA1020 Datasheet HTML 3Page - ON Semiconductor 2SA1020 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SA1020
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector −Emitter Breakdown Voltage (Note 1)
(IC = 10 mAdc, IB = 0)
V(BR)CEO
50
Vdc
Collector Cutoff Current
(VCB = 50 Vdc, IE = 0)
ICBO
1.0
mAdc
Emitter Cutoff Current
(VEB = 5.0 V, IC = 0)
IEBO
1.0
mAdc
ON CHARACTERISTICS (Note 2)
DC Current Gain
(IC = 500 mA, VCE = 2.0 V)
(IC = 1.5 A, VCE = 2.0 V)
hFE
70
40
240
Collector −Emitter Saturation Voltage
(IC = 1.0 A, IB = 50 mA)
VCE(sat)
0.5
Vdc
Base −Emitter Saturation Voltage (IC = 1.0 A, IB = 50 mA)
VBE(sat)
1.2
Vdc
SMALL− SIGNAL CHARACTERISTICS
Current −Gain − Bandwidth Product (Note 3)
(IC = 500 mAdc, VCE = 2.0 Vdc, f = 100 MHz)
fT
100
MHz
1. Pulse Test: Pulse Width
≤ 300 ms, Duty Cycle = 2.0%.
2. Pulse Test: Pulse Width
≤ 300 ms, Duty Cycle = 2.0%.
3. fT is defined as the frequency at which |hfe| extrapolates to unity.
ORDERING INFORMATION
Device
Package
Shipping
2SA1020
TO−92
5000 Units / Box
2SA1020G
TO−92
(Pb−Free)
2SA1020RLRA
TO−92
2000 / Tape & Reel
2SA1020RLRAG
TO−92
(Pb−Free)
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - 2SA1020

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1020 TOSHIBA-2SA1020 Datasheet
194Kb / 3P
   TRANSISTOR (POWER AMPLIFIER APPLICATIONS)
2SA1020 TOSHIBA-2SA1020 Datasheet
193Kb / 5P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process)
logo
List of Unclassifed Man...
2SA1020 ETC-2SA1020 Datasheet
61Kb / 1P
   TO-92MOD Plastic-Encapsulated Transistors
logo
SHENZHEN YONGERJIA INDU...
2SA1020 WINNERJOIN-2SA1020 Datasheet
132Kb / 1P
   TRANSISTOR (PNP)
logo
Unisonic Technologies
2SA1020 UTC-2SA1020 Datasheet
170Kb / 4P
   PNP EPITAXIAL SILICON TRANSISTOR
More results

Similar Description - 2SA1020

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MPSA05 ONSEMI-MPSA05_06 Datasheet
81Kb / 7P
   Amplifier Transistors Voltage and Current are Negative for PNP Transistors
January, 2006 ??Rev. 2
MPS8098 ONSEMI-MPS8098_06 Datasheet
82Kb / 7P
   Amplifier Transistors Voltage and Current are Negative for PNP Transistors
January, 2006 ??Rev. 5
BCX17LT1 ONSEMI-BCX17LT1 Datasheet
64Kb / 4P
   General Purpose Transistors (Voltage and Current are Negative for PNP Transistors)
December, 2004 ??Rev. 3
MPSW51 ONSEMI-MPSW51 Datasheet
100Kb / 4P
   One Watt High Current Transistors PNP Silicon
March, 2006 ??Rev. 3
BC368 ONSEMI-BC368_05 Datasheet
56Kb / 4P
   Voltage and Current are Negative
September, 2005 ??Rev. 5
MPSW51 ONSEMI-MPSW51_10 Datasheet
102Kb / 5P
   One Watt High Current Transistors
August, 2010 ??Rev. 4
logo
Motorola, Inc
MPSW01 MOTOROLA-MPSW01 Datasheet
89Kb / 4P
   One Watt High Current Transistors
logo
ON Semiconductor
MPSW92 ONSEMI-MPSW92 Datasheet
59Kb / 4P
   One Watt High Voltage Transistor(PNP Silicon)
March, 2001 ??Rev. 2
logo
KEC(Korea Electronics)
BC638 KEC-BC638 Datasheet
60Kb / 1P
   EPITAXIAL PLANAR PNP TRANSISTOR(HIGH CURRENT TRANSISTORS)
logo
ON Semiconductor
MPSW01 ONSEMI-MPSW01 Datasheet
137Kb / 4P
   One Watt High Current Transistors NPN Silicon
February, 2010 ??Rev. 5
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com