Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC74DG Datasheet(PDF) 1 Page - ON Semiconductor

Part # 74HC74DG
Description  Dual D Flip?묯lop with Set and Reset High?뭁erformance Silicon?묰ate CMOS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74HC74DG Datasheet(HTML) 1 Page - ON Semiconductor

  74HC74DG Datasheet HTML 1Page - ON Semiconductor 74HC74DG Datasheet HTML 2Page - ON Semiconductor 74HC74DG Datasheet HTML 3Page - ON Semiconductor 74HC74DG Datasheet HTML 4Page - ON Semiconductor 74HC74DG Datasheet HTML 5Page - ON Semiconductor 74HC74DG Datasheet HTML 6Page - ON Semiconductor 74HC74DG Datasheet HTML 7Page - ON Semiconductor 74HC74DG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2007
February, 2007 − Rev. 0
1
Publication Order Number:
74HC74/D
74HC74
Dual D Flip−Flop with Set
and Reset
High−Performance Silicon−Gate CMOS
The 74HC74 is identical in pinout to the LS74. The device inputs are
compatible with standard CMOS outputs; with pullup resistors, they
are compatible with LSTTL outputs.
This device consists of two D flip−flops with individual Set, Reset,
and Clock inputs. Information at a D−input is transferred to the
corresponding Q output on the next positive going edge of the clock
input. Both Q and Q outputs are available from each flip−flop. The Set
and Reset inputs are asynchronous.
Features
Output Drive Capability: 10 LSTTL Loads
Outputs Directly Interface to CMOS, NMOS, and TTL
Operating Voltage Range: 2.0 to 6.0 V
Low Input Current: 1.0 mA
High Noise Immunity Characteristic of CMOS Devices
In Compliance with the JEDEC Standard No. 7A Requirements
ESD Performance: HBM > 2000 V; Machine Model > 200 V
Chip Complexity: 128 FETs or 32 Equivalent Gates
Pb−Free Packages are Available
http://onsemi.com
MARKING
DIAGRAMS
HC74
= Device Code
A
= Assembly Location
L, WL
= Wafer Lot
Y
= Year
W, WW = Work Week
G or G
= Pb−Free Package
TSSOP−14
DT SUFFIX
CASE 948G
14
1
SOIC−14
D SUFFIX
CASE 751A
14
1
HC74G
AWLYWW
1
14
HC
74
ALYW G
G
1
14
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
ORDERING INFORMATION
(Note: Microdot may be in either location)


Similar Part No. - 74HC74DG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC74D PHILIPS-74HC74D Datasheet
120Kb / 22P
   Dual D-type flip-flop with set and reset; positive-edge trigger
2003 Jul 10
74HC74D NXP-74HC74D Datasheet
175Kb / 21P
   Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 4-27 August 2012
74HC74D PHILIPS-74HC74D Datasheet
175Kb / 21P
   Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 4-27 August 2012
74HC74D PHILIPS-74HC74D Datasheet
193Kb / 22P
   Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 4-27 August 2012
74HC74D NXP-74HC74D Datasheet
175Kb / 21P
   Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 4-27 August 2012
More results

Similar Description - 74HC74DG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC74A ONSEMI-MC74HC74A_06 Datasheet
179Kb / 9P
   Dual D Flip?묯lop with Set and Reset High?뭁erformance Silicon?묰ate CMOS
October, 2006 ??Rev. 11
MC74HC174A ONSEMI-MC74HC174A_06 Datasheet
132Kb / 9P
   Hex D Flip?묯lop with Common Clock and Reset High?뭁erformance Silicon?묰ate CMOS
December, 2006 ??Rev. 10
MC74HC175A ONSEMI-MC74HC175A_05 Datasheet
121Kb / 10P
   Quad D Flip?묯lop with Common Clock and Reset High?뭁erformance Silicon?묰ate CMOS
June, 2005 ??Rev. 3
MC74HC273A ONSEMI-MC74HC273A_05 Datasheet
138Kb / 10P
   Octal D Flip?묯lop with Common Clock and Reset High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 10
MC74HC112A ONSEMI-MC74HC112A Datasheet
181Kb / 8P
   Dual J-K Flip-Flop with Set and Reset High?뭁erformance Silicon?묰ate CMOS
December, 2009 ??Rev. 7
MC74HC574A ONSEMI-MC74HC574A_05 Datasheet
122Kb / 10P
   Octal 3?뭆tate Noninverting D Flip?묯lop High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 10
MC74HC73A ONSEMI-MC74HC73A Datasheet
160Kb / 9P
   Dual J-K Flip-Flop with Reset High?뭁erformance Silicon?묰ate CMOS
December, 2009 ??Rev. 7
MC74VHC74 ONSEMI-MC74VHC74 Datasheet
159Kb / 6P
   Dual D?뭈ype Flip?묯lop with Set and Reset
March, 2006 ??Rev. 5
MC74VHCT74A ONSEMI-MC74VHCT74A_06 Datasheet
86Kb / 6P
   Dual D?뭈ype Flip?묯lop with Set and Reset
July, 2006 ??Rev. 5
MC74HC374A ONSEMI-MC74HC374A_05 Datasheet
138Kb / 10P
   Octal 3?뭆tate Non?묲nverting D Flip?묯lop High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com