Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC74DG Datasheet(PDF) 2 Page - ON Semiconductor

Part # 74HC74DG
Description  Dual D Flip?묯lop with Set and Reset High?뭁erformance Silicon?묰ate CMOS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74HC74DG Datasheet(HTML) 2 Page - ON Semiconductor

  74HC74DG Datasheet HTML 1Page - ON Semiconductor 74HC74DG Datasheet HTML 2Page - ON Semiconductor 74HC74DG Datasheet HTML 3Page - ON Semiconductor 74HC74DG Datasheet HTML 4Page - ON Semiconductor 74HC74DG Datasheet HTML 5Page - ON Semiconductor 74HC74DG Datasheet HTML 6Page - ON Semiconductor 74HC74DG Datasheet HTML 7Page - ON Semiconductor 74HC74DG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
74HC74
http://onsemi.com
2
RESET 1
DATA 1
CLOCK 1
SET 1
RESET 2
DATA 2
CLOCK 2
SET 2
1
2
3
4
13
12
11
10
5
6
9
8
Q1
Q1
Q2
Q2
PIN 14 = VCC
PIN 7 = GND
FUNCTION TABLE
Inputs
Outputs
Set Reset Clock Data
Q
Q
LH
X
X
HL
HL
X
X
L
H
L
L
X
X
H*
H*
HH
H
H
L
HH
L
L
H
H
H
L
X
No Change
H
H
H
X
No Change
H
H
X
No Change
*Both outputs will remain high as long as Set and Reset are low, but the output
states are unpredictable if Set and Reset go high simultaneously.
LOGIC DIAGRAM
PIN ASSIGNMENT
SET 1
CLOCK 1
DATA 1
RESET 1
11
12
13
14
8
9
10
5
4
3
2
1
7
6
SET 2
CLOCK 2
DATA 2
RESET 2
VCC
Q2
Q2
GND
Q1
Q1
MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage (Referenced to GND)
– 0.5 to + 7.0
V
Vin
DC Input Voltage (Referenced to GND)
– 0.5 to VCC + 0.5
V
Vout
DC Output Voltage (Referenced to GND)
– 0.5 to VCC + 0.5
V
Iin
DC Input Current, per Pin
±20
mA
Iout
DC Output Current, per Pin
±25
mA
ICC
DC Supply Current, VCC and GND Pins
±50
mA
PD
Power Dissipation in Still Air,
SOIC Package†
TSSOP Package†
500
450
mW
Tstg
Storage Temperature
– 65 to + 150
_C
TL
Lead Temperature, 1 mm from Case for 10 Seconds
(SOIC or TSSOP Package)
260
300
_C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress
ratings only. Functional operation above the Recommended Operating Conditions is not implied.
Extended exposure to stresses above the Recommended Operating Conditions may affect device
reliability.
†Derating — SOIC Package: – 7 mW/_C from 65_ to 125_C
TSSOP Package: − 6.1 mW/_C from 65_ to 125_C
For high frequency or heavy load considerations, see Chapter 2 of the ON Semiconductor High−Speed CMOS Data Book (DL129/D).
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply Voltage (Referenced to GND)
2.0
6.0
V
Vin, Vout DC Input Voltage, Output Voltage (Referenced to GND)
0
VCC
V
TA
Operating Temperature, All Package Types
– 55
+ 125
_C
tr, tf
Input Rise and Fall Time
VCC = 2.0 V
(Figures 1, 2, 3)
VCC = 3.0 V
VCC = 4.5 V
VCC = 6.0 V
0
0
0
0
1000
600
500
400
ns
This device contains protection
circuitry to guard against damage
due to high static voltages or electric
fields. However, precautions must
be taken to avoid applications of any
voltage higher than maximum rated
voltages to this high−impedance cir-
cuit. For proper operation, Vin and
Vout should be constrained to the
range GND v (Vin or Vout) v VCC.
Unused inputs must always be
tied to an appropriate logic voltage
level (e.g., either GND or VCC).
Unused outputs must be left open.


Similar Part No. - 74HC74DG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC74D PHILIPS-74HC74D Datasheet
120Kb / 22P
   Dual D-type flip-flop with set and reset; positive-edge trigger
2003 Jul 10
74HC74D NXP-74HC74D Datasheet
175Kb / 21P
   Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 4-27 August 2012
74HC74D PHILIPS-74HC74D Datasheet
175Kb / 21P
   Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 4-27 August 2012
74HC74D PHILIPS-74HC74D Datasheet
193Kb / 22P
   Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 4-27 August 2012
74HC74D NXP-74HC74D Datasheet
175Kb / 21P
   Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 4-27 August 2012
More results

Similar Description - 74HC74DG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC74A ONSEMI-MC74HC74A_06 Datasheet
179Kb / 9P
   Dual D Flip?묯lop with Set and Reset High?뭁erformance Silicon?묰ate CMOS
October, 2006 ??Rev. 11
MC74HC174A ONSEMI-MC74HC174A_06 Datasheet
132Kb / 9P
   Hex D Flip?묯lop with Common Clock and Reset High?뭁erformance Silicon?묰ate CMOS
December, 2006 ??Rev. 10
MC74HC175A ONSEMI-MC74HC175A_05 Datasheet
121Kb / 10P
   Quad D Flip?묯lop with Common Clock and Reset High?뭁erformance Silicon?묰ate CMOS
June, 2005 ??Rev. 3
MC74HC273A ONSEMI-MC74HC273A_05 Datasheet
138Kb / 10P
   Octal D Flip?묯lop with Common Clock and Reset High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 10
MC74HC112A ONSEMI-MC74HC112A Datasheet
181Kb / 8P
   Dual J-K Flip-Flop with Set and Reset High?뭁erformance Silicon?묰ate CMOS
December, 2009 ??Rev. 7
MC74HC574A ONSEMI-MC74HC574A_05 Datasheet
122Kb / 10P
   Octal 3?뭆tate Noninverting D Flip?묯lop High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 10
MC74HC73A ONSEMI-MC74HC73A Datasheet
160Kb / 9P
   Dual J-K Flip-Flop with Reset High?뭁erformance Silicon?묰ate CMOS
December, 2009 ??Rev. 7
MC74VHC74 ONSEMI-MC74VHC74 Datasheet
159Kb / 6P
   Dual D?뭈ype Flip?묯lop with Set and Reset
March, 2006 ??Rev. 5
MC74VHCT74A ONSEMI-MC74VHCT74A_06 Datasheet
86Kb / 6P
   Dual D?뭈ype Flip?묯lop with Set and Reset
July, 2006 ??Rev. 5
MC74HC374A ONSEMI-MC74HC374A_05 Datasheet
138Kb / 10P
   Octal 3?뭆tate Non?묲nverting D Flip?묯lop High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com