Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF


74VCX16244DTR Datasheet(PDF) 1 Page - ON Semiconductor

Part No. 74VCX16244DTR
Description  Low−Voltage 1.8V/2.5V/3.3V 16−Bit Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

   
 1 page
background image
© Semiconductor Components Industries, LLC, 2006
June, 2006 − Rev. 5
1
Publication Order Number:
74VCX16244/D
74VCX16244
Low−Voltage 1.8V/2.5V/3.3V
16−Bit Buffer
With 3.6 V−Tolerant Inputs and Outputs
(3−State, Non−Inverting)
The 74VCX16244 is an advanced performance, non−inverting
16−bit buffer. It is designed for very high−speed, very low−power
operation in 1.8 V, 2.5 V or 3.3 V systems.
When operating at 2.5 V (or 1.8 V) the part is designed to tolerate
voltages it may encounter on either inputs or outputs when interfacing
to 3.3 V busses. It is guaranteed to be overvoltage tolerant to 3.6 V.
The 74VCX16244 is nibble controlled with each nibble functioning
identically, but independently. The control pins may be tied together to
obtain full 16−bit operation. The 3−state outputs are controlled by an
Output Enable (OEn) input for each nibble. When OEn is LOW, the
outputs are on. When OEn is HIGH, the outputs are in the high
impedance state.
Features
Designed for Low Voltage Operation: VCC = 1.65 V − 3.6 V
3.6 V Tolerant Inputs and Outputs
High Speed Operation: 2.5 ns max for 3.0 V to 3.6 V
3.0 ns max for 2.3 V to 2.7 V
6.0 ns max for 1.65 V to 1.95 V
Static Drive: ±24 mA Drive at 3.0 V
±18 mA Drive at 2.3 V
±6 mA Drive at 1.65 V
Supports Live Insertion and Withdrawal
IOFF Specification Guarantees High Impedance When VCC = 0 V
Near Zero Static Supply Current in All Three Logic States (20 mA)
Substantially Reduces System Power Requirements
Latchup Performance Exceeds ±250 mA @ 125°C
ESD Performance: Human Body Model >2000 V;
Machine Model >200 V
All Devices in Package TSSOP are Inherently Pb−Free*
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
MARKING DIAGRAM
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
TSSOP−48
DT SUFFIX
CASE 1201
1
48
VCX16244
AWLYYWW
1
48
Device
Package
Shipping
ORDERING INFORMATION
74VCX16244DT
TSSOP
(Pb−Free)
39 / Rail
74VCX16244DTR
TSSOP
(Pb−Free)
2500 / Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
http://onsemi.com




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74VCX16240Low−Voltage 1.8/2.5/3.3V 16−Bit Buffer 1 2 3 4 5 MoreON Semiconductor
NB2308A3.3 V Zero Delay Clock Buffer 1 2 3 4 5 MoreON Semiconductor
SN74SSTV1685913-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS 1 2 3 4 5 MoreTexas Instruments
MM74HC540_05Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer 1 2 3 4 5 MoreFairchild Semiconductor
ADC08B3000High Performance Low Power 8-Bit 3 GSPS A/D Converter with 4K Buffer 1 2 3 4 5 MoreNational Semiconductor (TI)
MM74C240Inverting . Non-Inverting Octal Buffer and Line Driver with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor
PI74SSTV1685714-Bit Registered Buffer 1 2 3 4 5 MorePericom Semiconductor Corporation
IDT8535-01LOW SKEW 1-TO-4 LVCMOS-TO-3.3V LVPECL FANOUT BUFFER 1 2 3 4 5 MoreIntegrated Device Technology
LMH6321300 mA High Speed Buffer with Adjustable Current Limit 1 2 3 4 5 MoreNational Semiconductor (TI)
BA8274I2C bus line buffer IC 1 2 3 4 5 MoreRohm

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl