Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54HC03 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN54HC03
Description  QUADRUPLE 2-INPUT POSITIVE-NAND GATES WITH OPEN-DRAIN OUTPUTS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54HC03 Datasheet(HTML) 3 Page - Texas Instruments

  SN54HC03_06 Datasheet HTML 1Page - Texas Instruments SN54HC03_06 Datasheet HTML 2Page - Texas Instruments SN54HC03_06 Datasheet HTML 3Page - Texas Instruments SN54HC03_06 Datasheet HTML 4Page - Texas Instruments SN54HC03_06 Datasheet HTML 5Page - Texas Instruments SN54HC03_06 Datasheet HTML 6Page - Texas Instruments SN54HC03_06 Datasheet HTML 7Page - Texas Instruments SN54HC03_06 Datasheet HTML 8Page - Texas Instruments SN54HC03_06 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
SN54HC03, SN74HC03
QUADRUPLE 2INPUT POSITIVENAND GATES
WITH OPENDRAIN OUTPUTS
SCLS077E − MARCH 1984 − REVISED NOVEMBER 2003
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
SN54HC03
SN74HC03
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
IOH
VI = VIH or VIL,
VO = VCC
6 V
0.01
0.5
10
5
µA
2 V
0.002
0.1
0.1
0.1
IOL = 20 µA
4.5 V
0.001
0.1
0.1
0.1
VOL
VI = VIH or VIL
IOL = 20 µA
6 V
0.001
0.1
0.1
0.1
V
VOL
VI = VIH or VIL
IOL = 4 mA
4.5 V
0.17
0.26
0.4
0.33
V
IOL = 5.2 mA
6 V
0.15
0.26
0.4
0.33
II
VI = VCC or 0
6 V
±0.1
±100
±1000
±1000
nA
ICC
VI = VCC or 0,
IO = 0
6 V
2
40
20
µA
Ci
2 V to 6 V
3
10
10
10
pF
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
VCC
TA = 25°C
SN54HC03
SN74HC03
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
60
105
155
131
tPLH
A or B
Y
4.5 V
13
25
36
31
ns
tPLH
A or B
Y
6 V
10
23
31
27
ns
2 V
50
100
150
125
tPHL
A or B
Y
4.5 V
10
20
30
25
ns
tPHL
A or B
Y
6 V
8
17
25
21
ns
2 V
38
75
110
95
tf
Y
4.5 V
8
15
22
19
ns
tf
Y
6 V
6
13
19
16
ns
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance per gate
No load
20
pF


Similar Part No. - SN54HC03_06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC03 TI-SN54HC03_07 Datasheet
570Kb / 15P
[Old version datasheet]   QUADRUPLE2-INPUT POSITIVE-AND GATES WITH OPEN-DRAIN OUTPUTS
More results

Similar Description - SN54HC03_06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC03 TI-SN54HC03 Datasheet
66Kb / 4P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES WITH OPEN-DRAIN OUTPUTS
logo
Renesas Technology Corp
HD74LS03 RENESAS-HD74LS03 Datasheet
52Kb / 4P
   Quadruple 2-Input Positive NAND Gates (with Open Collector Outputs)
logo
Texas Instruments
SN54ALS01 TI1-SN54ALS01_08 Datasheet
59Kb / 3P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES WITH OPEN-COLLECTOR OUTPUTS
SN54ALS01 TI-SN54ALS01 Datasheet
42Kb / 3P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES WITH OPEN-COLLECTOR OUTPUTS
SN5401 TI-SN5401 Datasheet
208Kb / 6P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES WITH OPEN-COLLECTOR OUTPUTS
SN5403 TI1-SN5403_13 Datasheet
668Kb / 8P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES WITH OPEN-COLLECTOR OUTPUTS
logo
Hitachi Semiconductor
HD74LS01 HITACHI-HD74LS01 Datasheet
44Kb / 5P
   Quadruple 2-input Positive NAND Gates(with Open Collector Outputs)
HD74LS03 HITACHI-HD74LS03 Datasheet
44Kb / 5P
   Quadruple 2-input Positive NAND Gates(with Open Colletor Outputs)
logo
Renesas Technology Corp
HD74LS01 RENESAS-HD74LS01 Datasheet
52Kb / 4P
   Quadruple 2-Input Positive NAND Gates (with Open Collector Outputs)
logo
Texas Instruments
SN54H01 TI-SN54H01 Datasheet
236Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES WITH OPEN-COLLECTOR OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com