Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA3008D2 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3008D2
Description  10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA3008D2 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPA3008D2 Datasheet HTML 6Page - Texas Instruments TPA3008D2 Datasheet HTML 7Page - Texas Instruments TPA3008D2 Datasheet HTML 8Page - Texas Instruments TPA3008D2 Datasheet HTML 9Page - Texas Instruments TPA3008D2 Datasheet HTML 10Page - Texas Instruments TPA3008D2 Datasheet HTML 11Page - Texas Instruments TPA3008D2 Datasheet HTML 12Page - Texas Instruments TPA3008D2 Datasheet HTML 13Page - Texas Instruments TPA3008D2 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
www.ti.com
0
10
20
30
40
50
60
70
80
90
100
0
1
2
3
4
5
6
7
8
9
10
16 W
8 W
PO − Total Output Power − W
11
12
VCC = 12 V,
LC Filter,
Resistive Load,
Stereo Operation
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0
2
4
6
8
10
12
PO − Total Output Power − W
1.6
1.8
2.0
14
16
18 20
LC Filter,
Resistive Load,
Stereo Operation
VCC = 18 V,
RL = 16 W
VCC = 12 V,
RL = 16 W
VCC = 12 V,
RL = 8 W
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
20
100
1 k
10 k
f − Frequency − Hz
VCC = 12 V,
PO = 2.5 W,
Gain = 21.6 dB
RL = 8W
20 k
−100
−90
−80
−70
−60
−50
−40
20
100
1 k
10 k
f − Frequency − Hz
VCC = 12 V,
V(RIPPLE) = 200 mVPP,
RL = 8 W,
Gain = 15.6 dB
20 k
−30
−20
−10
0
TPA3008D2
SLOS435A – MAY 2004 – REVISED JULY 2004
EFFICIENCY
SUPPLY CURRENT
vs
vs
TOTAL OUTPUT POWER
TOTAL OUTPUT POWER
Figure 11.
Figure 12.
CROSSTALK
SUPPLY RIPPLE REJECTION RATIO
vs
vs
FREQUENCY
FREQUENCY
Figure 13.
Figure 14.
10


Similar Part No. - TPA3008D2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3008D2 TI-TPA3008D2 Datasheet
390Kb / 26P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3008D2PHP TI-TPA3008D2PHP Datasheet
390Kb / 26P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3008D2PHPR TI-TPA3008D2PHPR Datasheet
390Kb / 26P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3008D2PHPRG4 TI-TPA3008D2PHPRG4 Datasheet
390Kb / 26P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - TPA3008D2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA032D02 TI-TPA032D02 Datasheet
329Kb / 23P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3125D2N TI-TPA3125D2N Datasheet
388Kb / 26P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3101D2 TI-TPA3101D2 Datasheet
2Mb / 33P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA032D04 TI-TPA032D04 Datasheet
350Kb / 24P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3008D2 TI-TPA3008D2 Datasheet
390Kb / 26P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA2101A EUTECH-EUA2101A Datasheet
172Kb / 1P
   10-W Stereo Class-D Audio Power Amplifier
logo
Texas Instruments
TPA032D04 TI-TPA032D04_07 Datasheet
625Kb / 28P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA032D04 TI1-TPA032D04_16 Datasheet
429Kb / 26P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3101D2 TI-TPA3101D2_15 Datasheet
1Mb / 43P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3125D2 TI-TPA3125D2_15 Datasheet
387Kb / 26P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com