Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AVCA406L Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74AVCA406L
Description  MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AVCA406L Datasheet(HTML) 1 Page - Texas Instruments

  SN74AVCA406L Datasheet HTML 1Page - Texas Instruments SN74AVCA406L Datasheet HTML 2Page - Texas Instruments SN74AVCA406L Datasheet HTML 3Page - Texas Instruments SN74AVCA406L Datasheet HTML 4Page - Texas Instruments SN74AVCA406L Datasheet HTML 5Page - Texas Instruments SN74AVCA406L Datasheet HTML 6Page - Texas Instruments SN74AVCA406L Datasheet HTML 7Page - Texas Instruments SN74AVCA406L Datasheet HTML 8Page - Texas Instruments SN74AVCA406L Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
www.ti.com
FEATURES
DESCRIPTION/ORDERING INFORMATION
SN74AVCA406L
MMC, SD CARD, Memory Stick™ VOLTAGE-TRANSLATION TRANSCEIVER
SCES634B – JANUARY 2006 – REVISED JUNE 2006
Transceiver for Memory Card Interface
Latch-Up Performance Exceeds 100 mA Per
[MultiMediaCard (MMC), Secure Digital (SD),
JESD 78, Class II
Memory Stick™ Compliant Products]
ESD Protection Exceeds JESD 22
Configurable I/O Switching Levels With
– 6000-V Human-Body Model (A114-A)
Dual-Supply Pins Operating Over Full 1.2-V to
– 200-V Machine Model (A115-A)
3.6-V Power-Supply Range
– 1000-V Charged-Device Model (C101)
For Low-Power Operation, A and B Ports Are
Placed in High-Impedance State When Either
Supply Voltage Is Switched Off
The SN74AVCA406L is a transceiver for interfacing microprocessors with MultiMediaCards (MMCs), secure
digital (SD) cards, and Memory Stick™ compliant products.
Two supply-voltage pins allow the A-port and B-port input switching thresholds to be configured separately. The
A port is designed to track VCCA, while the B port is designed to track VCCB. VCCA and VCCB can accept any
supply voltage from 1.2 V to 3.6 V.
If either VCC is switched off (VCCA = 0 V and/or VCCB = 0 V), all outputs are placed in the high-impedance state to
conserve power.
The SN74AVCA406L enables system designers to easily interface low-voltage microprocessors to different
memory cards operating at higher voltages.
The SN74AVCA406L is available in two 0.5-mm-pitch ball grid array (BGA) packages. The 20-ball package has
dimensions of 3 mm
× 2.5 mm, and the 24-ball package measures 3 mm × 3 mm. Memory cards are widely
used in mobile phones, PDAs, digital cameras, personal media players, camcorders, set-top boxes, etc. Low
static power consumption and small package size make the SN74AVCA406L an ideal choice for these
applications.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
UFBGA – GXY
Reel of 2500
SN74AVCA406LGXYR
WV406
UFBGA – ZXY (Pb-Free)
Reel of 2500
SN74AVCA406LZXYR
WV406
–40
°C to 85°C MicroStar Junior™ BGA – GQS
Reel of 2500
SN74AVCA406LGQSR
WM406L
MicroStar Junior™ BGA – ZQS
Reel of 2500
SN74AVCA406LZQSR
WM406L
(Pb-Free)
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
MicroStar Junior is a trademark of Texas Instruments.
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74AVCA406L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVCA406L TI-SN74AVCA406L Datasheet
563Kb / 22P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER
SN74AVCA406LGQSR TI-SN74AVCA406LGQSR Datasheet
563Kb / 22P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER
SN74AVCA406LGXYR TI-SN74AVCA406LGXYR Datasheet
563Kb / 22P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER
SN74AVCA406LZQSR TI-SN74AVCA406LZQSR Datasheet
563Kb / 22P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER
SN74AVCA406LZXYR TI-SN74AVCA406LZXYR Datasheet
563Kb / 22P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER
More results

Similar Description - SN74AVCA406L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVCA406L TI-SN74AVCA406L_1 Datasheet
563Kb / 22P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER
TXS0206-29 TI1-TXS0206-29_16 Datasheet
504Kb / 27P
[Old version datasheet]   MMC, SD CARD, Memory Stick VOLTAGE-TRANSLATION TRANSCEIVER AND LDO
TXS0206 TI-TXS0206 Datasheet
583Kb / 27P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER WITH ESD PROTECTION AND EMI FILTERING
TXS0206 TI-TXS0206_10 Datasheet
496Kb / 30P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER WITH ESD PROTECTION AND EMI FILTERING
SN74AVCA406E TI-SN74AVCA406E Datasheet
576Kb / 22P
[Old version datasheet]   MMC AND SD CARD VOLTAGE-TRANSLATION TRANSCEIVER
SN74AVCA406E TI-SN74AVCA406E_09 Datasheet
533Kb / 21P
[Old version datasheet]   MMC AND SD CARD VOLTAGE-TRANSLATION TRANSCEIVER
SN74AVCA406E TI-SN74AVCA406E_08 Datasheet
531Kb / 20P
[Old version datasheet]   MMC AND SD CARD VOLTAGE-TRANSLATION TRANSCEIVER
SN74AVCA406 TI-SN74AVCA406 Datasheet
1Mb / 51P
[Old version datasheet]   MMC SD CARD MEMORY STICK SMARTMEDIA AND XD PICTURE CARD 15KV ESD PROTECTED VOLTAGE TRANSLATION TRANSCEIVER
SN74AVCA406 TI-SN74AVCA406_10 Datasheet
2Mb / 45P
[Old version datasheet]   MMC, SD CARD, Memory Stick, SmartMedia, AND xD-Picture Card 짹15-kV ESD-PROTECTED VOLTAGE-TRANSLATION TRANSCEIVER
AVCE6467T TI1-AVCE6467T Datasheet
2Mb / 44P
[Old version datasheet]   MMC, SD CARD, Memory Stick, SmartMedia, AND xD-Picture Card 짹15-kV ESD-PROTECTED VOLTAGE-TRANSLATION TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com