Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AVCA406LGQSR Datasheet(PDF) 9 Page - Texas Instruments

Part # SN74AVCA406LGQSR
Description  MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AVCA406LGQSR Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74AVCA406LGQSR Datasheet HTML 5Page - Texas Instruments SN74AVCA406LGQSR Datasheet HTML 6Page - Texas Instruments SN74AVCA406LGQSR Datasheet HTML 7Page - Texas Instruments SN74AVCA406LGQSR Datasheet HTML 8Page - Texas Instruments SN74AVCA406LGQSR Datasheet HTML 9Page - Texas Instruments SN74AVCA406LGQSR Datasheet HTML 10Page - Texas Instruments SN74AVCA406LGQSR Datasheet HTML 11Page - Texas Instruments SN74AVCA406LGQSR Datasheet HTML 12Page - Texas Instruments SN74AVCA406LGQSR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
www.ti.com
Output Slew Rates
(1)
Typical Switching Characteristics
Switching Characteristics
SN74AVCA406L
MMC, SD CARD, Memory Stick™ VOLTAGE-TRANSLATION TRANSCEIVER
SCES634B – JANUARY 2006 – REVISED JUNE 2006
over recommended operating free-air temperature range (unless otherwise noted)
VCCA = 1.8 V ± 0.15 V,
VCCB = 3 V ± 0.3 V
PARAMETER
FROM
TO
UNIT
MIN
MAX
tr
10%
90%
3(2)
ns
tf
90%
10%
3(2)
ns
(1)
Values are characterized, but not production tested.
(2)
Using CL = 15 pF on the B side and CL = 7 pF on the A side
T
A = 25°C, VCCA = 1.2 V (see Figure 2)
VCCB =
VCCB =
VCCB =
VCCB =
VCCB =
VCCB =
FROM
TO
1.2 V
1.5 V
1.8 V
2.5 V
3 V
3.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
TYP
TYP
TYP
TYP
TYP
TYP
A
B
3.8
3
2.6
2.5
2.5
2.6
B
A
4.6
4.2
4
3.9
3.9
3.8
CLKB
3.8
3
2.6
2.5
2.5
2.6
tpd
CLKA
ns
CLK-f
8.4
7.2
6.6
6.4
6.4
6.4
CMDA
CMDB
3.8
3
2.6
2.5
2.5
2.6
CMDB
CMDA
4.6
4.2
4
3.9
3.9
3.8
B
4.8
4
3.7
3.4
3.4
3.4
ten(1)
DIR
ns
A
4.5
4.4
5
5.4
5.4
5.4
B
6.3
5.2
5.6
4.8
4.8
6.1
tdis(1)
DIR
ns
A
4.8
4.6
5.3
5.4
5.4
5.3
(1)
DIR refers to CMD-dir, DAT0-dir, and DAT123-dir.
over recommended operating free-air temperature range, V
CCA = 1.5 V ± 0.1 V (see Figure 2)
VCCB =
VCCB = 1.5 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3 V
VCCB = 3.3 V
FROM
TO
1.2 V
± 0.1 V
± 0.15 V
± 0.2 V
± 0.3 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
TYP
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
A
B
3.4
1.1
5.6
1
4.8
1
3.9
0.9
3.9
0.9
3.8
B
A
3.8
1.4
6
1.3
5.6
1.3
5.2
0.5
5.2
0.3
5.2
CLKB
3.4
1.1
5.6
1
4.8
1
3.9
0.9
3.9
0.9
3.8
tpd
CLKA
ns
CLK-f
7.2
2.6
11.6
2.3
10.4
2.3
9.1
1.3
9.1
1.2
9
CMDA
CMDB
3.4
1.1
5.6
1
4.8
1
3.9
0.9
3.9
0.9
3.8
CMDB
CMDA
3.8
1.4
6
1.3
5.6
1.3
5.2
0.5
5.2
0.3
5.2
B
4
1.3
7.7
1.1
6.9
0.8
6.1
0.8
6
0.8
5.9
ten(1)
DIR
ns
A
3.5
1.4
7
1.5
7.4
1.7
8.2
1.7
8.2
1.7
7.7
B
5.7
1.9
8.9
2.1
10.4
1.8
8.7
1.7
8.5
2.4
11.4
tdis(1)
DIR
ns
A
3.4
1.2
7
1.2
6.8
1.2
6.9
1.2
6.5
1.2
6.6
(1)
DIR refers to CMD-dir, DAT0-dir, and DAT123-dir.
9
Submit Documentation Feedback


Similar Part No. - SN74AVCA406LGQSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVCA406LGQSR TI-SN74AVCA406LGQSR Datasheet
563Kb / 22P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER
More results

Similar Description - SN74AVCA406LGQSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVCA406L TI-SN74AVCA406L_1 Datasheet
563Kb / 22P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER
TXS0206-29 TI1-TXS0206-29_16 Datasheet
504Kb / 27P
[Old version datasheet]   MMC, SD CARD, Memory Stick VOLTAGE-TRANSLATION TRANSCEIVER AND LDO
TXS0206 TI-TXS0206 Datasheet
583Kb / 27P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER WITH ESD PROTECTION AND EMI FILTERING
TXS0206 TI-TXS0206_10 Datasheet
496Kb / 30P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER WITH ESD PROTECTION AND EMI FILTERING
SN74AVCA406E TI-SN74AVCA406E Datasheet
576Kb / 22P
[Old version datasheet]   MMC AND SD CARD VOLTAGE-TRANSLATION TRANSCEIVER
SN74AVCA406E TI-SN74AVCA406E_09 Datasheet
533Kb / 21P
[Old version datasheet]   MMC AND SD CARD VOLTAGE-TRANSLATION TRANSCEIVER
SN74AVCA406E TI-SN74AVCA406E_08 Datasheet
531Kb / 20P
[Old version datasheet]   MMC AND SD CARD VOLTAGE-TRANSLATION TRANSCEIVER
SN74AVCA406 TI-SN74AVCA406 Datasheet
1Mb / 51P
[Old version datasheet]   MMC SD CARD MEMORY STICK SMARTMEDIA AND XD PICTURE CARD 15KV ESD PROTECTED VOLTAGE TRANSLATION TRANSCEIVER
SN74AVCA406 TI-SN74AVCA406_10 Datasheet
2Mb / 45P
[Old version datasheet]   MMC, SD CARD, Memory Stick, SmartMedia, AND xD-Picture Card 짹15-kV ESD-PROTECTED VOLTAGE-TRANSLATION TRANSCEIVER
AVCE6467T TI1-AVCE6467T Datasheet
2Mb / 44P
[Old version datasheet]   MMC, SD CARD, Memory Stick, SmartMedia, AND xD-Picture Card 짹15-kV ESD-PROTECTED VOLTAGE-TRANSLATION TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com