Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA3101D2RGZT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3101D2RGZT
Description  10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA3101D2RGZT Datasheet(HTML) 1 Page - Texas Instruments

  TPA3101D2RGZT Datasheet HTML 1Page - Texas Instruments TPA3101D2RGZT Datasheet HTML 2Page - Texas Instruments TPA3101D2RGZT Datasheet HTML 3Page - Texas Instruments TPA3101D2RGZT Datasheet HTML 4Page - Texas Instruments TPA3101D2RGZT Datasheet HTML 5Page - Texas Instruments TPA3101D2RGZT Datasheet HTML 6Page - Texas Instruments TPA3101D2RGZT Datasheet HTML 7Page - Texas Instruments TPA3101D2RGZT Datasheet HTML 8Page - Texas Instruments TPA3101D2RGZT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
QFN
HTQFP
www.ti.com
FEATURES
APPLICATIONS
DESCRIPTION
Simplified Application Circuit
TV Audio
Processor
RINP
BSRN
BSRP
VCLAMPR
VCLAMPL
PGNDR
PGNDL
VREG
VBYP
ROSC
BSLN
ROUTN
LOUTN
LOUTP
BSLP
ROUTP
TPA3101D2
LINN
RINN
LINP
MUTE
GAIN0
GAIN1
SYNC
FAULT
PVCCR
PVCCL
AVCC
AGND
MSTR/SLV
SHUTDOWN
Shutdown
Control
Mute Control
Sync Control
Fault Flag
10 V to 26 V
Gain Select
1 F
m
1 F
m
1 F
m
1 F
m
10 nF
100 kW
0.22 F
m
0.22 F
m
0.22 F
m
0.22 F
m
1 F
m
1 F
m
1 F
m
TPA3101D2
SLOS473A – DECEMBER 2005 – REVISED FEBRUARY 2006
10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Televisions
10-W/ch into an 8-
Ω Load From a 13-V Supply
9.2-W/ch into an 8-
Ω Load From a 12-V Supply
Operates from 10 V to 26 V
The TPA3101D2 is a 10-W (per channel) efficient,
87% Efficient Class-D Operation Eliminates
Class-D audio power amplifier for driving bridged-tied
Need for Heat Sinks
stereo speakers. The TPA3101D2 can drive stereo
Four Selectable, Fixed Gain Settings
speakers as low as 4
Ω. The high efficiency of the
Differential Inputs
TPA3101D2,
87%,
eliminates
the
need
for
an
external heat sink when playing music.
Thermal and Short-Circuit Protection With
Auto Recovery Feature
The gain of the amplifier is controlled by two gain
select pins. The gain selections are 20, 26, 32,
Clock Output for Synchronization With
36 dB.
Multiple Class-D Devices
The outputs are fully protected against shorts to
Surface Mount 7 mm
× 7 mm, 48-pin QFN
GND, VCC, and output-to-output shorts with an auto
Package
recovery feature and monitor output.
Surface Mount 7 mm
× 7 mm, 48-pin HTQFP
Package
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPA3101D2RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3101D2RGZT TI-TPA3101D2RGZT Datasheet
2Mb / 33P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3101D2RGZTG4 TI-TPA3101D2RGZTG4 Datasheet
2Mb / 33P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - TPA3101D2RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA032D02 TI-TPA032D02 Datasheet
329Kb / 23P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3008D2 TI-TPA3008D2_07 Datasheet
731Kb / 29P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3125D2N TI-TPA3125D2N Datasheet
388Kb / 26P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3101D2 TI-TPA3101D2 Datasheet
2Mb / 33P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA032D04 TI-TPA032D04 Datasheet
350Kb / 24P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3008D2 TI-TPA3008D2 Datasheet
390Kb / 26P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA2101A EUTECH-EUA2101A Datasheet
172Kb / 1P
   10-W Stereo Class-D Audio Power Amplifier
logo
Texas Instruments
TPA032D04 TI-TPA032D04_07 Datasheet
625Kb / 28P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA032D04 TI1-TPA032D04_16 Datasheet
429Kb / 26P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3101D2 TI-TPA3101D2_15 Datasheet
1Mb / 43P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3125D2 TI-TPA3125D2_15 Datasheet
387Kb / 26P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com