Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS3361YDR14 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CS3361YDR14
Description  Alternator Voltage Regulator FET Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS3361YDR14 Datasheet(HTML) 3 Page - ON Semiconductor

  CS3361YDR14 Datasheet HTML 1Page - ON Semiconductor CS3361YDR14 Datasheet HTML 2Page - ON Semiconductor CS3361YDR14 Datasheet HTML 3Page - ON Semiconductor CS3361YDR14 Datasheet HTML 4Page - ON Semiconductor CS3361YDR14 Datasheet HTML 5Page - ON Semiconductor CS3361YDR14 Datasheet HTML 6Page - ON Semiconductor CS3361YDR14 Datasheet HTML 7Page - ON Semiconductor CS3361YDR14 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CS3361
http://onsemi.com
3
MAXIMUM RATINGS*
Rating
Value
Unit
Storage Temperature Range, TS
–55 to +165
°C
Junction Temperature Range
–40 to 150
°C
Continuous Supply
27
V
ICC Load Dump (@ VCC = 80 Vpeak)
400
mA
Lead Temperature Soldering:
Reflow: (SMD styles only) (Note 1)
230 peak
°C
1. 60 second maximum above 183
°C.
*The maximum package power dissipation must be observed.
ELECTRICAL CHARACTERISTICS (–40
°C < TA < 125°C, –40°C < TJ < 150°C, 9.0 V ≤ VCC ≤ 17 V;
unless otherwise specified.)
Characteristic
Test Conditions
Min
Typ
Max
Unit
Supply
Supply Current Enabled
10
mA
Supply Current Disabled
50
µA
Driver Stage
Output High Voltage
5.5
12
V
Output Low Voltage
IOL = 25 µA
0.35
V
Output High Current
VDD = 1.2 V
–10
–6.0
–4.0
mA
Minimum ON Time
COSC = 0.022 µF
200
µs
Minimum Duty Cycle
6.0
10
%
Short Circuit Duty Cycle
1.0
5.0
%
Field Switch Turn On
Rise Time
15
75
µs
Field Switch Turn On
Fall Time
15
75
µs
Stator
Input High Voltage
10
V
Input Low Voltage
6.0
V
Stator Time Out
High to Low
6.0
100
600
ms
Lamp
Output High Current
VLAMP @ 3.0 V
50
µA
Output Low Voltage
ILAMP @ 30 mA
0.35
V
Ignition
Input High Voltage
ICC > 1.0 mA
1.8
V
Input Low Voltage
ICC < 100 µA
0.5
V
Oscillator
Oscillator Frequency
COSC = 0.022 µF
90
210
Hz
Rise Time/Fall Time
COSC = 0.022 µF
17
Oscillator High Threshold
COSC = 0.022 µF
4.5
V


Similar Part No. - CS3361YDR14

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS3361YDR14 CHERRY-CS3361YDR14 Datasheet
139Kb / 5P
   Alternator Voltage Regulator FET Driver
logo
ON Semiconductor
CS3361YDR14G ONSEMI-CS3361YDR14G Datasheet
80Kb / 8P
   Alternator Voltage Regulator FET Driver
March, 2015 ??Rev. 11
More results

Similar Description - CS3361YDR14

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS3361 CHERRY-CS3361 Datasheet
139Kb / 5P
   Alternator Voltage Regulator FET Driver
logo
ON Semiconductor
CS3361 ONSEMI-CS3361_15 Datasheet
80Kb / 8P
   Alternator Voltage Regulator FET Driver
March, 2015 ??Rev. 11
CS3341 ONSEMI-CS3341 Datasheet
68Kb / 8P
   Alternator Voltage Regulator Darlington Driver
August, 2002 ??Rev. 11
CS3341 ONSEMI-CS3341_09 Datasheet
83Kb / 8P
   Alternator Voltage Regulator Darlington Driver
September, 2005 ??Rev. 12
logo
Cherry Semiconductor Co...
CS3341 CHERRY-CS3341 Datasheet
157Kb / 6P
   Alternator Voltage Regulator Darlington Driver
logo
ON Semiconductor
CS3341 ONSEMI-CS3341_05 Datasheet
78Kb / 8P
   Alternator Voltage Regulator Darlington Driver
September, 2005 ??Rev. 12
logo
Unisonic Technologies
UAC3092A UTC-UAC3092A Datasheet
108Kb / 5P
   ALTERNATOR VOLTAGE REGULATOR
UAC33092A UTC-UAC33092A Datasheet
187Kb / 5P
   ALTERNATOR VOLTAGE REGULATOR
UAC3092 UTC-UAC3092 Datasheet
132Kb / 9P
   ALTERNATOR VOLTAGE REGULATOR
UAC33092 UTC-UAC33092_15 Datasheet
233Kb / 9P
   ALTERNATOR VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com