Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4122 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CS4122
Description  Triple Air?묬ore Gauge Driver with Serial Input Bus
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS4122 Datasheet(HTML) 4 Page - ON Semiconductor

  CS4122_05 Datasheet HTML 1Page - ON Semiconductor CS4122_05 Datasheet HTML 2Page - ON Semiconductor CS4122_05 Datasheet HTML 3Page - ON Semiconductor CS4122_05 Datasheet HTML 4Page - ON Semiconductor CS4122_05 Datasheet HTML 5Page - ON Semiconductor CS4122_05 Datasheet HTML 6Page - ON Semiconductor CS4122_05 Datasheet HTML 7Page - ON Semiconductor CS4122_05 Datasheet HTML 8Page - ON Semiconductor CS4122_05 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
CS4122
http://onsemi.com
4
PIN FUNCTION DESCRIPTION
PIN #
PIN SYMBOL
FUNCTION
1
SCLK
Serial clock for shifting in/out of data. Rising edge shifts data on SI into the shift register and the
falling edge changes the data on SO.
2
CS
When High, allows data at SI to be shifted into the internal shift register with the rising edge of
SCLK. The falling edge transfers the shift register contents into the DAC and multiplexer to update
the output buffers. The falling edge also re−enables the output drivers if they have been disabled by
a fault.
3
SIN−
Negative output for SINE coil.
4
SIN+
Positive output for SINE coil.
5, 6, 7, 8,
17, 18, 19, 20
GND
Ground for VBB and VCC supplies; device substrate. In the power SOIC package they aid in removing
internally generated heat from the package and as such should be soldered to as large a PCB area
as possible.
9
VBB/2
1/2 VBB output for biasing the minor coils.
10
C1+
Positive output for the #1 minor coil.
11
C1−
Negative output for the #1 minor coil.
12
VCC
5.0 V logic supply. The internal registers and latches are reset by a POR generated by the rising
edge of the voltage on this lead.
13
FAULT
Open−drain fault flag. A logic low on this lead indicates that an output is shorted or the device is in
thermal shutdown.
14
VBB
Analog supply. Nominally 12 V.
15
C2+
Positive output for the #2 minor coil.
16
C2−
Negative output for the #2 minor coil.
21
COS−
Negative output for COSINE coil.
22
COS+
Positive output for COSINE coil.
23
SI
Serial data input. Data present at the rising edge of the clock signal is shifted into the internal shift
register.
24
SO
Serial data output. Existing 12 bit data is shifted out when new data is shifted in. Allows cascading
of multiple devices on common serial port.
ORDERING INFORMATION
Device
Package
Shipping
CS4122XDWF24
SOIC−24 WB
31 Units / Rail
CS4122XDWF24G
SOIC−24 WB
(Pb−Free)
31 Units / Rail
CS4122XDWFR24
SOIC−24 WB
1000 Tape & Reel
CS4122XDWFR24G
SOIC−24 WB
(Pb−Free)
1000 Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - CS4122_05

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
CS412299C PAM-CS412299C Datasheet
463Kb / 5P
   POW-R-BLOKTM Single & Dual Diode Isolated Module 100 Amperes / 2000 to 2500 Volts
logo
ON Semiconductor
CS4122XDWF24 ONSEMI-CS4122XDWF24 Datasheet
86Kb / 10P
   Triple Air-Core Gauge Driver with Serial Input Bus
May, 2004 ??Rev. 8
CS4122XDWFR24 ONSEMI-CS4122XDWFR24 Datasheet
86Kb / 10P
   Triple Air-Core Gauge Driver with Serial Input Bus
May, 2004 ??Rev. 8
More results

Similar Description - CS4122_05

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS4122 ONSEMI-CS4122 Datasheet
86Kb / 10P
   Triple Air-Core Gauge Driver with Serial Input Bus
May, 2004 ??Rev. 8
CS4192 ONSEMI-CS4192_05 Datasheet
83Kb / 8P
   Single Air?묬ore Gauge Driver
September, 2005 ??Rev. 7
logo
NXP Semiconductors
SA5778 PHILIPS-SA5778 Datasheet
122Kb / 16P
   Serial triple gauge driver STGD
1998 Apr 03
logo
Melexis Microelectronic...
MLX10420 MELEXIS-MLX10420_14 Datasheet
510Kb / 25P
   3-channel air-core gauge driver with serial interface
logo
Motorola, Inc
MC10H423 MOTOROLA-MC10H423 Datasheet
86Kb / 2P
   TRIPLE-3 INPUT BUS DRIVER WITH ENABLE
logo
ON Semiconductor
CS8190 ONSEMI-CS8190_06 Datasheet
113Kb / 11P
   Precision Air?묬ore Tach/Speedo Driver with Return to Zero
June, 2006 ??Rev. 6
logo
ATMEL Corporation
T6817 ATMEL-T6817 Datasheet
184Kb / 15P
   Dual Triple DMOS Output Driver with Serial Input Control
T6819 ATMEL-T6819_05 Datasheet
333Kb / 16P
   Dual Triple DMOS Output Driver with Serial Input Control
T6817 ATMEL-T6817_09 Datasheet
398Kb / 16P
   Dual Triple DMOS Output Driver with Serial Input Control
T6818 ATMEL-T6818_09 Datasheet
577Kb / 15P
   Triple Half bridge Output Driver with Serial Input Control
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com