Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS7054 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CS7054
Description  Low Side PWM FET Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS7054 Datasheet(HTML) 4 Page - ON Semiconductor

  CS7054 Datasheet HTML 1Page - ON Semiconductor CS7054 Datasheet HTML 2Page - ON Semiconductor CS7054 Datasheet HTML 3Page - ON Semiconductor CS7054 Datasheet HTML 4Page - ON Semiconductor CS7054 Datasheet HTML 5Page - ON Semiconductor CS7054 Datasheet HTML 6Page - ON Semiconductor CS7054 Datasheet HTML 7Page - ON Semiconductor CS7054 Datasheet HTML 8Page - ON Semiconductor CS7054 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
CS7054
http://onsemi.com
4
PACKAGE PIN DESCRIPTION
PACKAGE PIN #
DIP–14
SO–16L
PIN SYMBOL
FUNCTION
1
1
OUTPUT
MOSFET Gate Drive.
2
2
GND
Ground.
3
3
FLT
Fault time out capacitor.
4
4
COSC
Oscillator capacitor.
5
5
ROSC
Oscillator resistor.
6
6
CTL
Pulse width control input.
7
7, 8, 15
NC
No connection.
8
9
VREG
5.0 V linear regulator.
9
10
ISENSE–
Current sense minus.
10
11
ISENSE+
Current sense plus.
11
12
IADJ
Current limit adjust.
12
13
INH
Output Inhibit.
13
14
PGND
Power ground for on chip clamp.
14
16
VCC
Positive power supply input.
VREG
VCC
GND
COSC
PGND
Clamp
5.0 V Regulator
Triangle
Oscillator
In
Timer
ISENSE+
INH
VCC
Overvoltage
+
_
+
_
+
_
+
_
+
_
CTL
S
Q
R
Reset
Out
ISENSE–
ROSC
FLT
IADJ
Current
Sense
OUTPUT
Figure 2. Block Diagram


Similar Part No. - CS7054

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS7054 CHERRY-CS7054 Datasheet
143Kb / 6P
   Low Side PWM FET Controller
CS7054YN14 CHERRY-CS7054YN14 Datasheet
143Kb / 6P
   Low Side PWM FET Controller
More results

Similar Description - CS7054

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS7054 CHERRY-CS7054 Datasheet
143Kb / 6P
   Low Side PWM FET Controller
logo
ON Semiconductor
CS4124 ONSEMI-CS4124 Datasheet
89Kb / 12P
   High Side PWM FET Controller
November, 2000 ??Rev. 6
logo
Cherry Semiconductor Co...
CS4124 CHERRY-CS4124 Datasheet
149Kb / 6P
   High Side PWM FET Controller
logo
Microchip Technology
MCP1632 MICROCHIP-MCP1632 Datasheet
831Kb / 34P
   High-Speed, Low-Side PWM Controller
10/28/13
MCP1632 MICROCHIP-MCP1632_14 Datasheet
831Kb / 34P
   High-Speed, Low-Side PWM Controller
10/28/13
logo
Texas Instruments
LM5051 TI1-LM5051 Datasheet
291Kb / 17P
[Old version datasheet]   Low Side OR-ing FET Controller
LM5051 TI1-LM5051_13 Datasheet
831Kb / 23P
[Old version datasheet]   Low Side OR-ing FET Controller
UC1548 TI1-UC1548_08 Datasheet
372Kb / 10P
[Old version datasheet]   Primary Side PWM Controller
logo
List of Unclassifed Man...
AS2214 ETC-AS2214 Datasheet
53Kb / 8P
   Primary Side PWM Controller
logo
Texas Instruments
UC1548 TI-UC1548 Datasheet
345Kb / 9P
[Old version datasheet]   Primary Side PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com