Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET


74VCXH16374DTR Datasheet(HTML) 10 Page - ON Semiconductor

Part No. 74VCXH16374DTR
Description  Low−Voltage 1.8/2.5/3.3V 16-Bit D−Type Flip−Flop With 3.6 V-Tolerant Inputs and Outputs (3-State, Non-Inverting)
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

74VCXH16374DTR Datasheet(HTML) 10 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 10 page
background image
74VCXH16374
http://onsemi.com
10
OPEN
PULSE
GENERATOR
RT
DUT
VCC
RL
RL
CL
6 V or VCC × 2
GND
Figure 9. Test Circuit
Table 4. TEST CIRCUIT
TEST
SWITCH
tPLH, tPHL
Open
tPZL, tPLZ
6 V at VCC = 3.3 ± 0.3 V;
VCC × 2 at VCC = 2.5 ± 0.2 V; 1.8 ± 0.15 V
tPZH, tPHZ
GND
CL = 50 pF or equivalent (Includes jig and probe capacitance)
RL = 500 W or equivalent
RT = ZOUT of pulse generator (typically 50 W)


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn