Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS16HT1 Datasheet(PDF) 1 Page - ON Semiconductor

Part # BAS16HT1
Description  Switching Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BAS16HT1 Datasheet(HTML) 1 Page - ON Semiconductor

  BAS16HT1_05 Datasheet HTML 1Page - ON Semiconductor BAS16HT1_05 Datasheet HTML 2Page - ON Semiconductor BAS16HT1_05 Datasheet HTML 3Page - ON Semiconductor BAS16HT1_05 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2005
March, 2005 − Rev. 4
1
Publication Order Number:
BAS16HT1/D
BAS16HT1
Preferred Device
Switching Diode
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Continuous Reverse Voltage
VR
75
Vdc
Peak Forward Current
IF
200
mAdc
Peak Forward Surge Current
IFM(surge)
500
mAdc
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR-5 Board (Note 1)
TA = 25°C
Derate above 25
°C
PD
200
1.57
mW
mW/
°C
Thermal Resistance Junction to Ambient
RθJA
635
°C/W
Junction and Storage Temperature
TJ, Tstg
−55 to
150
°C
1. FR-4 Minimum Pad.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Reverse Voltage Leakage Current
(VR = 75 Vdc)
(VR = 75 Vdc, TJ = 150°C)
(VR = 25 Vdc, TJ = 150°C)
IR
1.0
50
30
µAdc
Reverse Breakdown Voltage
(IBR = 100 µAdc)
V(BR)
75
Vdc
Forward Voltage
(IF = 1.0 mAdc)
(IF = 10 mAdc)
(IF = 50 mAdc)
(IF = 150 mAdc)
VF
715
855
1000
1250
mV
Diode Capacitance
(VR = 0, f = 1.0 MHz)
CD
2.0
pF
Forward Recovery Voltage
(IF = 10 mAdc, tr = 20 ns)
VFR
1.75
Vdc
Reverse Recovery Time
(IF = IR = 10 mAdc, RL = 50 Ω)
trr
6.0
ns
Stored Charge
(IF = 10 mAdc to VR = 5.0 Vdc,
RL = 500 Ω)
QS
45
pC
http://onsemi.com
SOD−323
CASE 477
STYLE 1
MARKING DIAGRAM
Preferred devices are recommended choices for future use
and best overall value.
1
CATHODE
2
ANODE
A6
= Specific Device Code
M
= Date Code
Device
Package
Shipping†
ORDERING INFORMATION
BAS16HT1
SOD−323
3000/Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
1
2
A6 M
BAS16HT1G
SOD−323
(Pb−Free)
3000/Tape & Reel


Similar Part No. - BAS16HT1_05

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAS16HT1D ONSEMI-BAS16HT1D Datasheet
41Kb / 4P
   Switching Diode
February, 2004 ??Rev. 3
logo
Fairchild Semiconductor
BAS16HT1G FAIRCHILD-BAS16HT1G Datasheet
122Kb / 5P
   Small Signal Diode
logo
ON Semiconductor
BAS16HT1G ONSEMI-BAS16HT1G Datasheet
95Kb / 4P
   Switching Diode
June, 2013 ??Rev. 10
logo
SUNMATE electronic Co.,...
BAS16HT1G SUNMATE-BAS16HT1G Datasheet
315Kb / 2P
   200mA Surface Mount Switching Diode
logo
ON Semiconductor
BAS16HT1G ONSEMI-BAS16HT1G Datasheet
60Kb / 4P
   Switching Diode
April, 2016 ??Rev. 12
More results

Similar Description - BAS16HT1_05

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
   SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
   SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
   SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
   SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
logo
Rohm
RLS-73 ROHM-RLS-73 Datasheet
54Kb / 2P
   Switching diode
logo
AUK corp
SDS2836F AUK-SDS2836F Datasheet
103Kb / 3P
   Switching Diode
SDS2838E AUK-SDS2838E Datasheet
104Kb / 3P
   Switching Diode
logo
Microsemi Corporation
JAN1N914 MICROSEMI-JAN1N914 Datasheet
53Kb / 2P
   SWITCHING DIODE
logo
AUK corp
SDS2838F AUK-SDS2838F Datasheet
103Kb / 3P
   Switching Diode
logo
ON Semiconductor
BAS116LT1 ONSEMI-BAS116LT1 Datasheet
63Kb / 4P
   Switching Diode
1997 REV 1
logo
Compensated Deuices Inc...
1N914 CDI-DIODE-1N914 Datasheet
68Kb / 2P
   SWITCHING DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com