Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8122 Datasheet(PDF) 5 Page - ON Semiconductor

Part # CS8122
Description  2.0% 5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8122 Datasheet(HTML) 5 Page - ON Semiconductor

  CS8122 Datasheet HTML 1Page - ON Semiconductor CS8122 Datasheet HTML 2Page - ON Semiconductor CS8122 Datasheet HTML 3Page - ON Semiconductor CS8122 Datasheet HTML 4Page - ON Semiconductor CS8122 Datasheet HTML 5Page - ON Semiconductor CS8122 Datasheet HTML 6Page - ON Semiconductor CS8122 Datasheet HTML 7Page - ON Semiconductor CS8122 Datasheet HTML 8Page - ON Semiconductor CS8122 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
CS8122
http://onsemi.com
5
TYPICAL PERFORMANCE CHARACTERISTICS
Output Current (mA)
0
800
100
200
700
300
400
80
40
20
−20
60
0
−100
600
500
Output Current (mA)
Output Current (mA)
0
100
200
500
600
800
60
40
30
20
10
0
50
Output Current (mA)
0
100
200
300
400
500
600
400
300
200
100
0
500
700
600
700
Frequency (Hz)
100
101
102
103
104
105
70
50
40
30
20
0
60
106
107
108
10
IOUT = 250 mA
80
90
−80
−60
−40
100
VIN = 6−26 V
TEMP = 25
°C
TEMP = 125
°C
TEMP = −40
°C
VIN = 14 V
TEMP = 25
°C
TEMP = 125
°C
TEMP = −40
°C
0800
100
200
700
300
400
4
0
−2
−6
2
−4
−14
600
500
−12
−10
−8
6
800
900
800
−40
°C
125
°C
25
°C
70
80
90
100
300
400
700
VIN = 14 V
−40
°C
125
°C
25
°C
COUT = 10 mF, ESR = 1.0 & 0.1 mF,
ESR = 0
COUT = 10 mF, ESR = 1.0 W
COUT = 10 mF, ESR = 1.0 W
Output Current (mA)
100
101
102
103
103
101
100
10−1
10−2
10−4
102
10−3
CO = 47/68 mF
Stable Region
CO = 68 mF
CO = 47 mF
Figure 6. Line Regulation vs. Output Current
Figure 7. Load Regulation vs. Output Current
Figure 8. Dropout Voltage vs. Output Current
Figure 9. Quiescent Current vs. Output Current
Figure 10. Ripple Rejection
Figure 11. Output Capacitor ESR


Similar Part No. - CS8122

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8122 CHERRY-CS8122 Datasheet
175Kb / 8P
   2% 5V, 750mA Low Dropout Linear Regulator with Delayed RESET
logo
ON Semiconductor
CS8122 ONSEMI-CS8122 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
logo
Cherry Semiconductor Co...
CS8122YT5 CHERRY-CS8122YT5 Datasheet
175Kb / 8P
   2% 5V, 750mA Low Dropout Linear Regulator with Delayed RESET
CS8122YTHA5 CHERRY-CS8122YTHA5 Datasheet
175Kb / 8P
   2% 5V, 750mA Low Dropout Linear Regulator with Delayed RESET
CS8122YTVA5 CHERRY-CS8122YTVA5 Datasheet
175Kb / 8P
   2% 5V, 750mA Low Dropout Linear Regulator with Delayed RESET
More results

Similar Description - CS8122

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS8126 ONSEMI-CS8126 Datasheet
121Kb / 12P
   5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
February, 2006 ??Rev. 16
CS8126 ONSEMI-CS8126_09 Datasheet
167Kb / 9P
   5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
October, 2009 ??Rev. 18
CS8129 ONSEMI-CS8129 Datasheet
114Kb / 11P
   5.0 V, 750 mA Low Dropout Linear Regulator with Lower RESET Threshold
June, 2006 ??Rev. 8
logo
National Semiconductor ...
LM2925 NSC-LM2925 Datasheet
223Kb / 8P
   Low Dropout Regulator with Delayed Reset
logo
HTC Korea TAEJIN Techno...
LM2925 HTC-LM2925 Datasheet
228Kb / 8P
   Low Dropout Regulator with Delayed Reset
logo
Cherry Semiconductor Co...
CS8126 CHERRY-CS8126 Datasheet
207Kb / 9P
   5V, 750mA Low Dropout Linear Regulator with Delayed RESET
logo
National Semiconductor ...
LM2826 NSC-LM2826 Datasheet
319Kb / 9P
   Low Dropout Regulator with Delayed Reset
LM2926 NSC-LM2926 Datasheet
404Kb / 10P
   Low Dropout Regulator with Delayed Reset
logo
ON Semiconductor
CS8101 ONSEMI-CS8101_09 Datasheet
149Kb / 11P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
September, 2008 ??Rev. 19
CS8101 ONSEMI-CS8101 Datasheet
127Kb / 13P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
February, 2006 ??Rev. 18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com