Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8161YT5 Datasheet(PDF) 6 Page - ON Semiconductor

Part # CS8161YT5
Description  12 V, 5.0 V Low Dropout Dual Regulator with ENABLE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8161YT5 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button CS8161YT5 Datasheet HTML 2Page - ON Semiconductor CS8161YT5 Datasheet HTML 3Page - ON Semiconductor CS8161YT5 Datasheet HTML 4Page - ON Semiconductor CS8161YT5 Datasheet HTML 5Page - ON Semiconductor CS8161YT5 Datasheet HTML 6Page - ON Semiconductor CS8161YT5 Datasheet HTML 7Page - ON Semiconductor CS8161YT5 Datasheet HTML 8Page - ON Semiconductor CS8161YT5 Datasheet HTML 9Page - ON Semiconductor CS8161YT5 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
CS8161
http://onsemi.com
6
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Temperature (
°C)
VENABLE (V)
Figure 14. Enable Threshold Voltage vs.
Temperature
Figure 15. ENABLE Current vs. ENABLE
Voltage
100
1.305
1
VENABLE
Figure 16. 12 mA ENABLE Current vs.
ENABLE Voltage
0
5
−20
1.300
1.295
1.290
1.285
−40
0
20
40
60
80
100
120
140
80
60
40
20
0
02
3
4
5
4
3
2
1
0
510
15
20
25
VIN = 14 V
(1.8500 V, 253.9 nA.)
DEFINITION OF TERMS
Dropout Voltage − The input−output voltage differential
at which the circuit ceases to regulate against further
reduction in input voltage. Measured when the output
voltage has dropped 100 mV from the nominal value
obtained at 14 V input, dropout voltage is dependent upon
load current and junction temperature.
Input Voltage − The DC voltage applied to the input
terminals with respect to ground.
Input Output Differential − The voltage difference
between the unregulated input voltage and the regulated
output voltage for which the regulator will operate.
Line Regulation − The change in output voltage for a
change in the input voltage. The measurement is made under
conditions of low dissipation or by using pulse techniques
such that the average chip temperature is not significantly
affected.
Load Regulation − The change in output voltage for a
change in load current at constant chip temperature.
Long Term Stability − Output voltage stability under
accelerated life−test conditions after 1000 hours with
maximum rated voltage and junction temperature.
Output Noise Voltage − The rms AC voltage at the
output, with constant load and no input ripple, measured
over a specified frequency range.
Quiescent Current − The part of the positive input
current that does not contribute to the positive load current,
i.e., the regulator ground lead current.
Ripple Rejection − The ratio of the peak−to−peak input
ripple voltage to the peak−to−peak output ripple voltage.
Temperature Stability of VOUT − The percentage
change in output voltage for a thermal variation from room
temperature to either temperature extreme.


Similar Part No. - CS8161YT5

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8161YT5 CHERRY-CS8161YT5 Datasheet
198Kb / 8P
   12V, 5V Low Dropout Dual Regulator with ENABLE
More results

Similar Description - CS8161YT5

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS8156 ONSEMI-CS8156 Datasheet
94Kb / 11P
   12 V, 5.0 V Low Dropout Dual Regulator with ENABLE
February, 2006 ??Rev. 8
CS8147 ONSEMI-CS8147 Datasheet
85Kb / 12P
   10 V/5.0 V Low Dropout Dual Regulator with ENABLE
January, 2001 ??Rev. 6
CS8361 ONSEMI-CS8361 Datasheet
163Kb / 8P
   5.0 V Dual Micropower Low Dropout Regulator with ENABLE and RESET
October, 2009 ??Rev. 17
CS8481 ONSEMI-CS8481 Datasheet
50Kb / 6P
   3.3 V/250 mA, 5.0 V/100 mA Micropower Low Dropout Regulator with ENABLE
January, 2004 ??Rev. 9
CS8101 ONSEMI-CS8101_09 Datasheet
149Kb / 11P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
September, 2008 ??Rev. 19
CS8101 ONSEMI-CS8101 Datasheet
127Kb / 13P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
February, 2006 ??Rev. 18
CS8363 ONSEMI-CS8363 Datasheet
69Kb / 8P
   3.3 V Dual Micropower Low Dropout Regulator with ENABLE and RESET
January, 2004 ??Rev. 9
CS8363 ONSEMI-CS8363_05 Datasheet
64Kb / 8P
   3.3 V Dual Micropower Low Dropout Regulator with ENABLE and RESET
March, 2005 ??Rev. 10
logo
Allegro MicroSystems
SI-3050KM ALLEGRO-SI-3050KM Datasheet
350Kb / 9P
   1 A, Low-Dropout, 5.0 V Regulator
logo
ON Semiconductor
NCV4275A ONSEMI-NCV4275A Datasheet
170Kb / 19P
   5.0 V, 3.3 V 450 mA Low-Dropout Voltage Regulator with Reset
April, 2010 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com