Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8240YTQVA5 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CS8240YTQVA5
Description  500 mA High Side (PNP) Driver with On-Chip Flyback Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8240YTQVA5 Datasheet(HTML) 1 Page - ON Semiconductor

  CS8240YTQVA5 Datasheet HTML 1Page - ON Semiconductor CS8240YTQVA5 Datasheet HTML 2Page - ON Semiconductor CS8240YTQVA5 Datasheet HTML 3Page - ON Semiconductor CS8240YTQVA5 Datasheet HTML 4Page - ON Semiconductor CS8240YTQVA5 Datasheet HTML 5Page - ON Semiconductor CS8240YTQVA5 Datasheet HTML 6Page - ON Semiconductor CS8240YTQVA5 Datasheet HTML 7Page - ON Semiconductor CS8240YTQVA5 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2001
April, 2001 – Rev. 4
1
Publication Order Number:
CS8240/D
CS8240
500 mA High Side
(PNP) Driver with
On-Chip Flyback Diode
The CS8240 is a fast, PNP high side driver capable of delivering up
to 500 mA into a resistive or inductive load in harsh automotive or
industrial environments. An internal flyback diode clamp is
incorporated for inductive loads. The input (VIN) is TTL and CMOS
compatible and has hysteresis to minimize the effects of noise. When
the input is high, the output is on. When the input is low, the output is
off and the supply voltage quiescent current is very low (< 1.0
µA, typ).
For device protection, the CS8240 incorporates thermal shutdown,
short circuit current limiting, overvoltage shutdown, and reverse
battery protection. The CS8240 can withstand supply voltage
transients of 60 V (min) and –50 V.
The CS8240 is available in an overmolded 5 lead TO–220 package
and is a competitive replacement for the LM–1921, LM–1951,
LM–1952, MC–3399, and L–9350.
Features
Low Output Saturation Voltage
0.22 V at IOUT = 125 mA
0.33 V at IOUT = 225 mA
Overmolded Package
On–Chip Flyback Diode
Fault Protection
Over Voltage Shutdown (32 V, typ)
Thermal Shutdown (165
°C, typ)
Short Circuit Limiting (1.1 A typ)
–50 V Reverse Transient Protection
60 V Load Dump Protection
Reverse Battery
Low Quiescent Current (Off State)
ESD Protected
VCC
VIN
GND
Current
Limit
Control
Circuit
Overvoltage
Shutdown
Thermal
Shutdown
OUT
Figure 1. Block Diagram
http://onsemi.com
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W
= Work Week
Device
Package
Shipping
ORDERING INFORMATION
CS8240YTQ5
TO–220
FIVE LEAD
STRAIGHT
50 Units/Rail
CS8240
AWLYWW
1
TO–220
FIVE LEAD
TQ SUFFIX
CASE 314D
MARKING DIAGRAM
Pin 1. VCC
2. OUT
3. NC
4. GND
5. VIN
1
5
TO–220
FIVE LEAD
TQVA SUFFIX
CASE 314N
1
5
CS8240YTQVA5
TO–220
FIVE LEAD
VERTICAL
50 Units/Rail


Similar Part No. - CS8240YTQVA5

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8240YTFVA5 CHERRY-CS8240YTFVA5 Datasheet
142Kb / 5P
   500mA High Side (PNP) Driver with On-Chip Flyback Diode
More results

Similar Description - CS8240YTQVA5

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8240 CHERRY-CS8240 Datasheet
142Kb / 5P
   500mA High Side (PNP) Driver with On-Chip Flyback Diode
logo
National Semiconductor ...
LM3555 NSC-LM3555 Datasheet
120Kb / 2P
   Synchronous Boost Converter with 500 mA High Side LED Driver and Dual-Mode Control Interfacev
logo
Texas Instruments
LM3555TLE TI-LM3555TLE Datasheet
1Mb / 33P
[Old version datasheet]   LM3555 Synchronous Boost Converter with 500 mA High Side LED Driver and Dual-Mode Control Interface
logo
Microchip Technology
MCP1401 MICROCHIP-MCP1401_14 Datasheet
350Kb / 20P
   Tiny 500 mA, High-Speed Power MOSFET Driver
03/25/14
MCP1401 MICROCHIP-MCP1401 Datasheet
266Kb / 20P
   Tiny 500 mA, High-Speed Power MOSFET Driver
logo
NXP Semiconductors
PMSTA55 NXP-PMSTA55 Datasheet
93Kb / 8P
   500 mA PNP general-purpose transistors
Rev. 05-1 February 2010
logo
Nexperia B.V. All right...
PMSTA55 NEXPERIA-PMSTA55 Datasheet
704Kb / 8P
   500 mA PNP general-purpose transistors
Rev. 05 - 1 February 2010
logo
Texas Instruments
THS6012 TI1-THS6012_16 Datasheet
1Mb / 37P
[Old version datasheet]   500-mA DUAL DIFFERENTIAL LINE DRIVER
THS6012 TI-THS6012 Datasheet
604Kb / 35P
[Old version datasheet]   500-mA DUAL DIFFERENTIAL LINE DRIVER
logo
NXP Semiconductors
SA57022-XX PHILIPS-SA57022-XX Datasheet
80Kb / 8P
   500 mA LDO with ON/OFF control and Vref bypass
2003 Oct 13
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com