Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8363 Datasheet(PDF) 7 Page - ON Semiconductor

Part # CS8363
Description  3.3 V Dual Micropower Low Dropout Regulator with ENABLE and RESET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8363 Datasheet(HTML) 7 Page - ON Semiconductor

  CS8363 Datasheet HTML 1Page - ON Semiconductor CS8363 Datasheet HTML 2Page - ON Semiconductor CS8363 Datasheet HTML 3Page - ON Semiconductor CS8363 Datasheet HTML 4Page - ON Semiconductor CS8363 Datasheet HTML 5Page - ON Semiconductor CS8363 Datasheet HTML 6Page - ON Semiconductor CS8363 Datasheet HTML 7Page - ON Semiconductor CS8363 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
CS8363
http://onsemi.com
7
PACKAGE DIMENSIONS
D2PAK−7 (SHORT LEAD)
DPS SUFFIX
CASE 936AB−01
ISSUE A
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.396
0.406
10.05
10.31
B
0.326
0.336
8.28
8.53
C
0.170
0.180
4.31
4.57
D
0.026
0.036
0.66
0.91
E
0.045
0.055
1.14
1.40
G
0.050 REF
1.27 REF
H
0.539
0.579
13.69
14.71
K
L
0.000
0.010
0.00
0.25
M
0.100
0.110
2.54
2.79
N
0.017
0.023
0.43
0.58
NOTES:
1. DIMENSIONS AND TOLERANCING PER
ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
A
B
K
E
P
M
N
D
G
U
V
S
H
L
C
R
0.055
0.066
1.40
1.68
P
0.058
0.078
1.47
1.98
R
S
0.095
0.105
2.41
2.67
U
0.256 REF
6.50 REF
V
0.305 REF
7.75 REF
0
8
°°
0
8
°°
TERMINAL 8
8.26
0.325
10.54
0.415
0.96
0.038
SCALE 3:1
mm
inches
9.5
0.374
3.25
0.128
2.16
0.085
3.8
0.150
1.27
0.050
CL
CL
1
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
PACKAGE THERMAL DATA
Parameter
D2PAK−7
Unit
RqJC
Typical
3.5
°C/W
RqJA
Typical
10−50*
°C/W
*Depending on thermal properties of substrate. RqJA = RqJC + RqCA.


Similar Part No. - CS8363

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS8363 ONSEMI-CS8363 Datasheet
69Kb / 8P
   3.3 V Dual Micropower Low Dropout Regulator with ENABLE and RESET
January, 2004 ??Rev. 9
CS8363 ONSEMI-CS8363 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
CS8363 ONSEMI-CS8363 Datasheet
148Kb / 8P
   3.3 V Dual Micropower Regulator with ENABLE and RESET
October, 2009 ??Rev. 12
CS8363YDPS7 ONSEMI-CS8363YDPS7 Datasheet
69Kb / 8P
   3.3 V Dual Micropower Low Dropout Regulator with ENABLE and RESET
January, 2004 ??Rev. 9
CS8363YDPS7 ONSEMI-CS8363YDPS7 Datasheet
148Kb / 8P
   3.3 V Dual Micropower Regulator with ENABLE and RESET
October, 2009 ??Rev. 12
More results

Similar Description - CS8363

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS8363 ONSEMI-CS8363 Datasheet
69Kb / 8P
   3.3 V Dual Micropower Low Dropout Regulator with ENABLE and RESET
January, 2004 ??Rev. 9
CS8363 ONSEMI-CS8363_11 Datasheet
148Kb / 8P
   3.3 V Dual Micropower Regulator with ENABLE and RESET
October, 2009 ??Rev. 12
CS8361 ONSEMI-CS8361 Datasheet
163Kb / 8P
   5.0 V Dual Micropower Low Dropout Regulator with ENABLE and RESET
October, 2009 ??Rev. 17
logo
Cherry Semiconductor Co...
CS8361 CHERRY-CS8361 Datasheet
169Kb / 6P
   5V Dual Micropower Low Dropout Regulator with ENABLE and RESET
logo
ON Semiconductor
CS8101 ONSEMI-CS8101_09 Datasheet
149Kb / 11P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
September, 2008 ??Rev. 19
logo
Cherry Semiconductor Co...
CS8101 CHERRY-CS8101 Datasheet
196Kb / 8P
   Micropower 5V, 100mA Low Dropout Linear Regulator with RESET and ENABLE
logo
ON Semiconductor
CS8101 ONSEMI-CS8101 Datasheet
127Kb / 13P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
February, 2006 ??Rev. 18
CS8481 ONSEMI-CS8481 Datasheet
50Kb / 6P
   3.3 V/250 mA, 5.0 V/100 mA Micropower Low Dropout Regulator with ENABLE
January, 2004 ??Rev. 9
logo
Cherry Semiconductor Co...
CS8135 CHERRY-CS8135 Datasheet
180Kb / 8P
   5V, 5V Low Dropout Dual Regulator with /ENABLE RESET
CS8271 CHERRY-CS8271 Datasheet
155Kb / 6P
   Adjustable Micropower Low Dropout Linear Regulator with ENABLE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com