Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC182G Datasheet(PDF) 2 Page - ON Semiconductor

Part # BC182G
Description  Amplifier Transistors Amplifier Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC182G Datasheet(HTML) 2 Page - ON Semiconductor

  BC182G Datasheet HTML 1Page - ON Semiconductor BC182G Datasheet HTML 2Page - ON Semiconductor BC182G Datasheet HTML 3Page - ON Semiconductor BC182G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BC182, BC182B
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector − Emitter Breakdown Voltage
(IC = 2.0 mA, IB = 0)
V(BR)CEO
50
V
Collector − Base Breakdown Voltage
(IC = 10 mA, IE = 0)
V(BR)CBO
60
V
Emitter − Base Breakdown Voltage
(IE = 100 mA, IC = 0)
V(BR)EBO
6.0
V
Collector Cutoff Current
(VCB = 50 V, VBE = 0)
ICBO
0.2
15
nA
Emitter−Base Leakage Current
(VEB = 4.0 V, IC = 0)
IEBO
15
nA
ON CHARACTERISTICS
DC Current Gain
(IC = 10 mA, VCE = 5.0 V)
BC182
(IC = 2.0 mA, VCE = 5.0 V)
BC182
BC182B
(IC = 100 mA, VCE = 5.0 V)
BC182
hFE
40
120
180
80
500
500
Collector − Emitter On Voltage
(IC = 10 mA, IB = 0.5 mA)
(IC = 100 mA, IB = 5.0 mA) (Note 1)
VCE(sat)
0.07
0.2
0.25
0.6
V
Base − Emitter Saturation Voltage
(IC = 100 mA, IB = 5.0 mA) (Note 1)
VBE(sat)
1.2
V
Base−Emitter On Voltage
(IC = 100 mA, VCE = 5.0 V)
(IC = 2.0 mA, VCE = 5.0 V)
(IC = 100 mA, VCE = 5.0 V) (Note 1)
VBE(on)
0.55
0.5
0.62
0.83
0.7
V
DYNAMIC CHARACTERISTICS
Current − Gain — Bandwidth Product
(IC = 0.5 mA, VCE = 3.0 V, f = 100 MHz)
(IC = 10 mA, VCE = 5.0 V, f = 100 MHz)
fT
150
100
200
MHz
Common Base Output Capacitance
(VCB = 10 V, IC = 0, f = 1.0 MHz)
Cob
5.0
pF
Common Base Input Capacitance
(VEB = 0.5 V, IC = 0, f = 1.0 MHz)
Cib
8.0
pF
Small−Signal Current Gain
(IC = 2.0 mA, VCE = 5.0 V, f = 1.0 kHz)
BC182
BC182B
hfe
125
240
500
500
Noise Figure
(IC = 0.2 mA, VCE = 5.0 V, RS = 2.0 kW, f = 1.0 kHz)
NF
2.0
10
dB
1. Pulse Test: Tp 300 s, Duty Cycle 2.0%.


Similar Part No. - BC182G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC182 MOTOROLA-BC182 Datasheet
111Kb / 4P
   Amplifier Transistors(NPN)
logo
Fairchild Semiconductor
BC182 FAIRCHILD-BC182 Datasheet
356Kb / 6P
   AMPLIFIER TRANSISTOR(NPN)
BC182 FAIRCHILD-BC182 Datasheet
51Kb / 4P
   NPN General Purpose Amplifier
logo
SEMTECH ELECTRONICS LTD...
BC182 SEMTECH_ELEC-BC182 Datasheet
140Kb / 2P
   NPN Silicon Epitaxial Planar Transistor
logo
Continental Device Indi...
BC182 CDIL-BC182 Datasheet
118Kb / 5P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
More results

Similar Description - BC182G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BC547 ONSEMI-BC547 Datasheet
91Kb / 6P
   Amplifier Transistors
May, 2004 ??Rev. 4
logo
Motorola, Inc
BC368 MOTOROLA-BC368 Datasheet
129Kb / 4P
   Amplifier Transistors
MPS4123 MOTOROLA-MPS4123 Datasheet
71Kb / 4P
   Amplifier Transistors
MPS918 MOTOROLA-MPS918 Datasheet
81Kb / 4P
   Amplifier Transistors
logo
ON Semiconductor
BC368 ONSEMI-BC368 Datasheet
63Kb / 4P
   Amplifier Transistors
May, 2004 ??Rev. 4
MPS650 ONSEMI-MPS650 Datasheet
103Kb / 6P
   Amplifier Transistors
May, 2005 ??Rev. 2
logo
Daya Electric Group Co....
2N5550 DAYA-2N5550 Datasheet
83Kb / 6P
   Amplifier Transistors
logo
ON Semiconductor
BC546B ONSEMI-BC546B_07 Datasheet
78Kb / 6P
   Amplifier Transistors
March, 2007 ??Rev. 6
MMBT6428LT1G ONSEMI-MMBT6428LT1G Datasheet
200Kb / 5P
   Amplifier Transistors
August, 2009 ??Rev. 5
MPS8099 ONSEMI-MPS8099_08 Datasheet
128Kb / 7P
   Amplifier Transistors
December, 2008 ??Rev. 1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com